Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGO213M7R5L Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # CGO213M7R5L
Description  Ultra Low ESR Screw Terminal Aluminum Electrolytic Extremely Low ESR, Low Voltage, Screw Terminal Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

CGO213M7R5L Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  CGO213M7R5L Datasheet HTML 1Page - Cornell Dubilier Electronics CGO213M7R5L Datasheet HTML 2Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type CGO Ultra Low ESR Screw Terminal Aluminum Electrolytic
Extremely Low ESR, Low Voltage, Screw Terminal Capacitors
Type CGO low voltage, low ESR, screw terminal
aluminum electrolytic capacitors have extremely
low ESR and are suitable for output filtering
in switch mode power supply applications.
Highlights
Extremely low ESR
Low voltage
Screw Terminal
35 mm diameter
Specifications
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Operating Temperature:
Ripple Current Multipliers:
2,800 to 45,000 µF
5 to 55 WVdc
±20%
–40 to +85 ºC
The maximum ripple current at 85 ºC and 20 kHz
for CGO capacitors is shown in the standard Rat-
ings Tables. Maximum ripple current may be adjust-
ed by the multipliers in the tables below.
+35 ºC
+45 ºC +55 ºC
+65 ºC +75 ºC +85 ºC
2.15
1.93
1.73
1.50
1.30
1.00
Rated
Frequency / Ripple Multiplier
Voltage
120 Hz 400 Hz 1000 Hz 2500 Hz 10 kHz
5 to 55
.84
.85
.86
.87
.95
DC Leakage Current:
QA Stability Test:
I = .0015 √CV after 5 minutes
C = Capacitance in µF
V = Rated Voltage
I = Leakage current in mA
Apply WVdc for 1000 h @ 85 ºC
Capacitance change ≤15% from initial limits
DC leakage current meets initial limits
ESR ≤175% of initial measured value
Ambient Temperature / Ripple Multiplier
Click here to see: Hardware & Mounting
Options
Click here to see: Mechanical Details


Similar Part No. - CGO213M7R5L

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
CGO213M7R5L CDE-CGO213M7R5L Datasheet
1Mb / 3P
   Ultra Low ESR Screw Terminal Aluminum Electrolytic
More results

Similar Description - CGO213M7R5L

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
CGO CDE-CGO Datasheet
1Mb / 3P
   Ultra Low ESR Screw Terminal Aluminum Electrolytic
logo
RUBYCON CORPORATION
LSA RUBYCON-LSA Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSH RUBYCON-LSH Datasheet
201Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALS30A153DA025 KEMET-ALS30A153DA025 Datasheet
4Mb / 14P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS70A303DA025 KEMET-ALS70A303DA025 Datasheet
7Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS80A303DA025 KEMET-ALS80A303DA025 Datasheet
4Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
LSG RUBYCON-LSG Datasheet
180Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSU RUBYCON-LSU_15 Datasheet
177Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LHR RUBYCON-LHR Datasheet
257Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSC RUBYCON-LSC Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com