Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

450C402M200AD8 Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # 450C402M200AD8
Description  Ultra-Ripple, Long-life, Inverter Grade, Radial Leaded The Ultimate in Ripple for Plug-in
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

450C402M200AD8 Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  450C402M200AD8 Datasheet HTML 1Page - Cornell Dubilier Electronics 450C402M200AD8 Datasheet HTML 2Page - Cornell Dubilier Electronics 450C402M200AD8 Datasheet HTML 3Page - Cornell Dubilier Electronics 450C402M200AD8 Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Type 450C 105 °C Ultra-Ripple, Long-life, Inverter Grade, Radial Leaded
Type 450C 105 °C Ultra-Ripple, Long-life, Inverter Grade, Radial Leaded
Ratings
ESR Max.
25 ºC
120 Hz 20
kHz
(mΩ) (mΩ)
Ripple
Amps, 85 ºC
120 Hz 20
kHz (A)
(A)
Nominal
Size
D X L
(in)
ESR Max. 25
ºC
120 Hz 20 kHz
(mΩ) (mΩ)
Ripple
Amps, 85 ºC
120 Hz 20
kHz (A)
(A)
Nominal
Size
D X L
(in)
Cap.
(µF)
Catalog Part
Number
Cap.
(µF)
Catalog Part
Number
100 Vdc (125 Vdc Surge)
2500
450C252M200BA8
56.70 38.10
7.70 9.30
2 X 2 1/4
2200
450C222M100AK8
74.90 50.90 4.20 5.20 1 3/8 X 1 3/4
2700
450C272M200EH8
49.00 30.10
8.60 11.00 1 3/4 X 2 3/4
3300
450C332M100AA8
50.30 34.20 5.80 7.30 1 3/8 X 2 1/4
3000
450C302M200AJ8
42.70 24.60
9.10 12.00 1 3/8 X 3 3/4
4000
450C402M100AH8
36.80 24.90 7.00 8.80 1 3/8 X 2 3/4
3300
450C332M200BH8
40.30 26.70
9.80 12.00 2 X 2 3/4
4800
450C482M100EA8
40.10 27.20 7.50 9.40 1 3/4 X 2 1/4
3500
450C352M200EB8
37.90 23.50 10.60 13.40 1 3/4 X 3 1/4
5800
450C582M100AB8
28.50 19.40 8.60 10.70 1 3/8 X 3 1/4
3600
450C362M200AC8
36.50 21.30 10.40 13.60 1 3/8 X 4 1/4
6100
450C612M100BA8
37.00 25.10 8.40 10.50
2 X 2 1/4
4000
450C402M200AD8
33.40 19.50 11.40 14.90 1 3/8 X 4 3/4
6600
450C662M100EH8
28.70 19.50 9.50 11.90 1 3/4 X 2 3/4
4300
450C432M200EJ8
31.20 19.50 12.10 15.20 1 3/4 X 3 3/4
7100
450C712M100AJ8
23.50 15.90 9.90 12.40 1 3/8 X 3 3/4
4400
450C442M200BB8
31.20 20.90 11.70 14.30 2 X 3 1/4
8200
450C822M100BH8
26.30 17.80 10.70 13.40
2 X 2 3/4
4500
450C452M200AE8
29.90 17.70 12.60 16.40 1 3/8 X 5 1/4
8400
450C842M100AC8
20.10 13.60 11.30 14.10 1 3/8 X 4 1/4
5000
450C502M200AF8
27.30 16.40 13.90 17.90 1 3/8 X 5 3/4
8700
450C872M100EB8
22.20 15.10 11.70 14.60 1 3/4 X 3 1/4
5100
450C512M200EC8
26.60 16.80 13.50 17.00 1 3/4 X 4 1/4
9800
450C982M100AD8
17.70 12.00 12.60 15.80 1 3/8 X 4 3/4
5500
450C552M200BJ8
25.70 17.30 14.50 17.60 2 X 3 3/4
11000
450C113M100AE8
15.90 10.80 13.90 17.40 1 3/8 X 5 1/4
6000
450C602M200ED8
23.40 14.90 15.20 19.00 1 3/4 X 4 3/4
11000
450C113M100EJ8
18.30 12.40 13.30 16.60 1 3/4 X 3 3/4
6400
450C642M200BC8
22.00 14.90 15.70 19.10 2 X 4 1/4
11000
450C113M100BB8
20.40 13.80 12.90 16.10
2 X 3 1/4
6700
450C672M200EE8
21.00 13.50 17.00 21.20 1 3/4 X 5 1/4
12000
450C123M100AF8
18.10 12.30 13.70 17.10 1 3/8 X 5 3/4
7400
450C742M200BD8
19.40 13.30 17.30 20.90 2 X 4 3/4
13000
450C133M100EC8
15.60 10.60 14.90 18.60 1 3/4 X 4 1/4
7600
450C762M200EF8
19.10 12.50 19.00 23.60 1 3/4 X 5 3/4
14000
450C143M100BJ8
16.80 11.40 15.90 19.90
2 X 3 3/4
8900
450C892M200BE8
16.90 11.80 19.10 22.90 2 X 5 1/4
15000
450C153M100ED8
13.70 9.30 16.80 21.00 1 3/4 X 4 3/4
9800
450C982M200BF8
15.50 10.90 20.70 24.70 2 X 5 3/4
16000
450C163M100BC8
14.40 9.80 17.30 21.60
2 X 4 1/4
250 Vdc (300 Vdc Surge)
17000
450C173M100EE8
12.30 8.40 18.80 23.40 1 3/4 X 5 1/4
550
450C551M250AK8
210.00 87.30
3.10 4.80 1 3/8 X 1 3/4
18000
450C183M100BD8
12.70 8.60 19.00 23.70
2 X 4 3/4
830
450C831M250AA8
141.00 58.90
4.30 6.70 1 3/8 X 2 1/4
19000
450C193M100EF8
11.30 7.60 21.00 26.20 1 3/4 X 5 3/4
1000
450C102M250AH8
98.10 41.60
5.40 8.20 1 3/8 X 2 3/4
22000
450C223M100BE8
11.10 7.50 21.00 26.20
2 X 5 1/4
1200
450C122M250EA8
96.10 45.90
5.80 8.30 1 3/4 X 2 1/4
24000
450C243M100BF8
10.20 6.90 22.70 28.40
2 X 5 3/4
1500
450C152M250BA8
76.50 40.60
6.60 9.00
2 X 2 1/4
160 Vdc (200 Vdc Surge)
1600
450C162M250AB8
75.70 32.50
6.50 10.00 1 3/8 X 3 1/4
1200
450C122M160AK8 113.00 65.20 4.20 5.60 1 3/8 X 1 3/4
1700
450C172M250EH8
69.20 32.60
7.20 10.60 1 3/4 X 2 3/4
1800
450C182M160AA8
75.70 44.10 5.90 7.70 1 3/8 X 2 1/4
1900
450C192M250AJ8
62.00 27.00
7.60 11.50 1 3/8 X 3 3/4
2600
450C262M160EA8
56.20 36.80 7.50 9.30 1 3/4 X 2 1/4
2100
450C212M250BH8
54.70 28.50
8.40 11.60
2 X 2 3/4
3000
450C302M160AH8
53.20 31.30 7.30 9.50 1 3/8 X 2 3/4
2200
450C222M250EB8
53.40 25.40
8.90 12.90 1 3/4 X 3 1/4
3300
450C332M160AB8
41.40 24.70 8.90 11.50 1 3/8 X 3 1/4
2300
450C232M250AC8
52.70 23.30
8.70 13.00 1 3/8 X 4 1/4
3300
450C332M160BA8
47.90 34.10 8.30 9.90
2 X 2 1/4
2500
450C252M250AD8
48.20 21.30
9.50 14.20 1 3/8 X 4 3/4
3600
450C362M160EH8
40.20 26.00 9.50 11.80 1 3/4 X 2 3/4
2700
450C272M250EJ8
43.60 21.00 10.20 14.70 1 3/4 X 3 3/4
4000
450C402M160AJ8
34.20 20.60 10.20 13.10 1 3/8 X 3 3/4
2800
450C282M250BB8
42.20 22.20 10.10 13.90 2 X 3 1/4
4500
450C452M160BH8
33.90 23.80 10.70 12.70
2 X 2 3/4
2900
450C292M250AE8
43.00 19.40 10.50 15.70 1 3/8 X 5 1/4
4700
450C472M160EB8
31.20 20.40 11.70 14.40 1 3/4 X 3 1/4
3100
450C312M250AF8
38.90 17.90 11.60 17.10 1 3/8 X 5 3/4
4800
450C482M160AC8
29.40 18.00 11.60 14.80 1 3/8 X 4 1/4
3200
450C322M250EC8
37.10 18.10 11.50 16.40 1 3/4 X 4 1/4
5300
450C532M160AD8
26.90 16.50 12.70 16.20 1 3/8 X 4 3/4
3400
450C342M250BJ8
34.60 18.40 12.50 17.10 2 X 3 3/4
5800
450C582M160EJ8
25.70 16.90 13.30 16.30 1 3/4 X 3 3/4
3800
450C382M250ED8
32.40 16.00 12.90 18.40 1 3/4 X 4 3/4
6000
450C602M160BB8
26.40 18.60 12.70 15.10
2 X 3 1/4
4100
450C412M250BC8
29.40 15.90 13.60 18.50 2 X 4 1/4
6100
450C612M160AE8
24.20 15.10 14.00 17.80 1 3/8 X 5 1/4
4200
450C422M250EE8
28.90 14.50 14.50 20.50 1 3/4 X 5 1/4
6700
450C672M160AF8
22.20 14.10 15.40 19.30 1 3/8 X 5 3/4
4700
450C472M250BD8
26.00 14.10 14.90 20.30 2 X 4 3/4
6900
450C692M160EC8
22.00 14.70 14.90 18.20 1 3/4 X 4 1/4
4800
450C482M250EF8
26.20 13.40 16.30 22.80 1 3/4 X 5 3/4
7400
450C742M160BJ8
21.70 15.50 15.70 18.60
2 X 3 3/4
5600
450C562M250BE8
22.40 12.50 16.60 22.30 2 X 5 1/4
8000
450C802M160ED8
19.40 13.10 16.70 20.30 1 3/4 X 4 3/4
6200
450C622M250BF8
20.40 11.50 18.00 24.00 2 X 5 3/4
8700
450C872M160BC8
18.70 13.40 17.10 20.10
2 X 4 1/4
300 Vdc (350 Vdc Surge)
9100
450C912M160EE8
17.50 11.90 18.60 22.60 1 3/4 X 5 1/4
380
450C381M300AK8
283.00 134.00 2.40 3.50 1 3/8 X 1 3/4
10000
450C103M160EF8
16.00 11.00 20.80 25.10 1 3/4 X 5 3/4
570
450C571M300AA8
189.00 89.90
3.30 4.80 1 3/8 X 2 1/4
10000
450C103M160BD8
16.50 11.90 18.70 22.00
2 X 4 3/4
800
450C801M300AH8
131.00 63.10
4.10 6.00 1 3/8 X 2 3/4
12000
450C123M160BE8
14.50 10.70 20.70 24.10
2 X 5 1/4
960
450C961M300EA8
119.00 56.70
4.80 6.90 1 3/4 X 2 1/4
13000
450C133M160BF8
13.40 9.90 22.30 25.90
2 X 5 3/4
1100
450C112M300AB8
101.00 49.00
5.10 7.30 1 3/8 X 3 1/4
200 Vdc (250 Vdc Surge)
1200
450C122M300BA8
106.00 53.20
5.50 7.80
2 X 2 1/4
880
450C881M200AK8 142.00 78.90 3.80 5.00 1 3/8 X 1 3/4
1300
450C132M300EH8
87.00 40.80
6.00 8.70 1 3/4 X 2 3/4
1300
450C132M200AA8
95.50 53.30 5.30 7.00 1 3/8 X 2 1/4
1300
450C132M300AJ8
82.40 40.40
5.90 8.40 1 3/8 X 3 3/4
1900
450C192M200EA8
68.40 42.50 6.80 8.70 1 3/4 X 2 1/4
1500
450C152M300AC8
69.70 34.60
6.70 9.50 1 3/8 X 4 1/4
2000
450C202M200AH8
66.90 37.70 6.50 8.60 1 3/8 X 2 3/4
1600
450C162M300BH8
75.80 37.70
7.00 9.90
2 X 2 3/4
2500
450C252M200AB8
51.90 29.50 7.90 10.50 1 3/8 X 3 1/4
1700
450C172M300EB8
66.90 31.70
7.30 10.70 1 3/4 X 3 1/4
Case
Inches
Millimeters
Code D ± .031 L MAX C ± .015 S ± .031 E ± .031 F ± .015 D ± .78 L MAX C ± .78 S ± .78 E ± .78 F ± .38
AK
1.375
1.75
0.50
0.175
0.25
0.55
34.93
44.45
12.70
4.45
6.35
13.97
AA
1.375
2.25
0.50
0.175
0.25
0.55
34.93
57.15
12.70
4.45
6.35
13.97
AH
1.375
2.75
0.50
0.175
0.25
0.55
34.98
69.85
12.70
4.45
6.35
13.97
AB
1.375
3.25
0.50
0.175
0.25
0.55
34.93
82.55
12.70
4.45
6.35
13.97
AJ
1.375
3.75
0.50
0.175
0.25
0.55
34.93
95.25
12.70
4.45
6.35
13.97
AC
1.375
4.25
0.50
0.175
0.25
0.55
34.93 107.95 12.70
4.45
6.35
13.97
AD
1.375
4.75
0.50
0.175
0.25
0.55
34.93 120.65 12.70
4.45
6.35
13.97
AE
1.375
5.25
0.50
0.175
0.25
0.55
34.93 133.35 12.70
4.45
6.35
13.97
AF
1.375
5.75
0.50
0.175
0.25
0.55
34.93 146.05 12.70
4.45
6.35
13.97
EA
1.75
2.25
0.70
0.375
0.35
0.90
44.45
57.15
17.78
9.53
8.89
22.86
EH
1.75
2.75
0.70
0.375
0.35
0.90
44.45
69.85
17.78
9.53
8.89
22.86
EB
1.75
3.25
0.70
0.375
0.35
0.90
44.45
82.55
17.78
9.53
8.89
22.86
EJ
1.75
3.75
0.70
0.375
0.35
0.90
44.45
95.25
17.78
9.53
8.89
22.86
EC
1.75
4.25
0.70
0.375
0.35
0.90
44.45 107.95 17.78
9.53
8.89
22.86
ED
1.75
4.75
0.70
0.375
0.35
0.90
44.45 120.65 17.78
9.53
8.89
22.86
EE
1.75
5.25
0.70
0.375
0.35
0.90
44.45 133.35 17.78
9.53
8.89
22.86
EF
1.75
5.75
0.70
0.375
0.35
0.90
44.45 146.05 17.78
9.53
8.89
22.86
BA
2.00
2.25
0.80
0.425
0.40
1.00
50.80
57.15
20.32
10.80
10.16
25.40
BH
2.00
2.75
0.80
0.425
0.40
1.00
50.80
69.85
20.32
10.80
10.16
25.40
BB
2.00
3.25
0.80
0.425
0.40
1.00
50.80
82.55
20.32
10.80
10.16
25.40
BJ
2.00
3.75
0.80
0.425
0.40
1.00
50.80
95.25
20.32
10.80
10.16
25.40
BC
2.00
4.25
0.80
0.425
0.40
1.00
50.80 107.95 20.32
10.80
10.16
25.40
BD
2.00
4.75
0.80
0.425
0.40
1.00
50.80 120.65 20.32
10.80
10.16
25.40
BE
2.00
5.25
0.80
0.425
0.40
1.00
50.80 133.25 20.32
10.80
10.16
25.40
BF
2.00
5.75
0.80
0.425
0.40
1.00
50.80 146.05 20.32
10.80
10.16
25.40
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864) 843-2277 • Fax: (864) 843-3800 • www.cde.com


Similar Part No. - 450C402M200AD8

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
450C402M200AD8 CDE-450C402M200AD8 Datasheet
438Kb / 5P
   The Ultimate in Ripple for Plug-in
More results

Similar Description - 450C402M200AD8

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
420C CDE-420C Datasheet
264Kb / 4P
   Long-Life, Inverter Grade, Radial Leaded Best Value High Ripple Type Plug-in
550C CDE-550C Datasheet
390Kb / 7P
   Ultra Ripple, Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long Life, Computer Grade
450C CDE-450C_15 Datasheet
438Kb / 5P
   The Ultimate in Ripple for Plug-in
520C CDE-520C Datasheet
357Kb / 7P
   Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long-life, Inverter Grade
330 CDE-330 Datasheet
365Kb / 5P
   Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
550283U6R3AK2B CDE-550283U6R3AK2B Datasheet
399Kb / 8P
   High Ripple, Long Life, Computer Grade
550 CDE-550_17 Datasheet
454Kb / 8P
   High Ripple, Long Life, Computer Grade
330 CDE-330_15 Datasheet
470Kb / 6P
   High Ripple and Ultra-Long Life
logo
List of Unclassifed Man...
330153U6R3GT2 ETC2-330153U6R3GT2 Datasheet
365Kb / 5P
   -55 ?C to 105 ?C Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
logo
Cornell Dubilier Electr...
550C CDE-550C_17 Datasheet
380Kb / 7P
   Ultra-Ripple, Long Life Screw Terminal Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com