Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

520C572T200CJ2B Datasheet(PDF) 7 Page - Cornell Dubilier Electronics

Part # 520C572T200CJ2B
Description  Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long-life, Inverter Grade
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

520C572T200CJ2B Datasheet(HTML) 7 Page - Cornell Dubilier Electronics

  520C572T200CJ2B Datasheet HTML 1Page - Cornell Dubilier Electronics 520C572T200CJ2B Datasheet HTML 2Page - Cornell Dubilier Electronics 520C572T200CJ2B Datasheet HTML 3Page - Cornell Dubilier Electronics 520C572T200CJ2B Datasheet HTML 4Page - Cornell Dubilier Electronics 520C572T200CJ2B Datasheet HTML 5Page - Cornell Dubilier Electronics 520C572T200CJ2B Datasheet HTML 6Page - Cornell Dubilier Electronics 520C572T200CJ2B Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type 520C 85 °C Long-life, Inverter Grade, Aluminum
Catalog
Part Number
ESR Max.
@ 25 °C
120 Hz
(mΩ)
Ripple Max.
@ 85°C
120 Hz
(A)
Nominal Size
D x L
(inches)
Catalog
Part Number
ESR Max.
@ 25 °C
120 Hz
(mΩ)
Ripple Max.
@ 85°C
120 Hz
(A)
Nominal Size
D x L
(inches)
Cap.
(µF)
Cap.
(µF)
6600
520C662T450FF2D
15.1
24.2
3 1/2 x 5 5/8
890
520C891T500CB2B
118.0
5.9
2 1/2 x 3 1/8
7000
520C702T450FP2D
14.3
25.2
3 1/2 x 5 7/8
910
520C911T500EE2B
121.0
5.5
1 3/4 x 5 1/8
7000
520C702T450DN2B
15.0
25.0
3 x 7 5/8
1000
520C102T500EF2B
110.0
6.0
1 3/4 x 5 5/8
8100
520C812T450DG2B
12.5
27.9
3 x 8 5/8
1000
520C102T500BD2B
105.0
6.2
2 x 4 5/8
9500
520C952T450FN2D
11.0
32.0
3 1/2 x 7 5/8
1100
520C112T500CJ2B
91.9
7.0
2 1/2 x 3 5/8
11000
520C113T450FG2D
9.1
35.5
3 1/2 x 8 5/8
1200
520C122T500BE2B
91.4
6.9
2 x 5 1/8
500 Vdc (550 Vdc Surge)
1300
520C132T500BF2B
80.9
7.6
2 x 5 5/8
84
520C840T500AK2B
1310.0
1.0
1 3/8 x 1 5/8
1300
520C132T500DB2B
77.1
8.1
3 x 3 1/8
140
520C141T500AA2B
773.0
1.4
1 3/8 x 2 1/8
1400
520C142T500CC2B
73.1
8.2
2 1/2 x 4 1/8
200
520C201T500AH2B
547.0
1.8
1 3/8 x 2 5/8
1600
520C162T500CD2B
63.2
9.1
2 1/2 x 4 5/8
210
520C211T500EA2B
531.0
1.9
1 3/4 x 2 1/8
1700
520C172T500DJ2B
60.1
9.7
3 x 3 5/8
270
520C271T500AB2B
411.0
2.2
1 3/8 x 3 1/8
1900
520C192T500CD2B
54.9
10.1
2 1/2 x 5 1/8
270
520C271T500BA2B
389.0
2.5
2 x 2 1/8
2100
520C212T500DC2B
49.4
11.1
3 x 4 1/8
340
520C341T500AJ2B
329.0
2.6
1 3/8 x 3 5/8
2200
520C222T500CF2B
46.2
11.4
2 1/2 x 5 5/8
380
520C381T500BH2B
271.0
3.2
2 x 2 5/8
2500
520C252T500DD2B
42.0
12.5
3 x 4 5/8
400
520C401T500AC2B
275.0
3.0
1 3/8 x 4 1/8
2900
520C292T500DE2B
36.5
13.8
3 x 5 1/8
420
520C421T500EB2B
264.0
3.1
1 3/4 x 3 1/8
3000
520C302T500FC2D
35.7
14.4
3 1/2 x 4 1/8
470
520C471T500AD2B
236.0
3.3
1 3/8 x 4 5/8
3300
520C332T500DF2B
32.4
15.1
3 x 5 5/8
540
520C541T500AE2B
207.0
3.7
1 3/8 x 5 1/8
3500
520C352T500DP2B
30.6
15.8
3 x 5 7/8
540
520C541T500BB2B
194.0
4.0
2 x 3 1/8
3500
520C352T500FD2D
30.3
16.1
3 1/2 x 4 5/8
550
520C551T500EJ2B
200.0
3.8
1 3/4 x 3 5/8
4000
520C402T500FE2D
26.4
17.8
3 1/2 x 5 1/8
610
520C611T500AF2B
230.0
3.6
1 3/8 x 5 5/8
4600
520C462T500FF2D
23.4
19.5
3 1/2 x 5 5/8
630
520C631T500CH2B
165.0
4.7
2 1/2 x 2 5/8
4800
520C482T500FP2D
22.2
20.3
3 1/2 x 5 7/8
670
520C671T500EC2B
164.0
4.4
1 3/4 x 4 1/8
4800
520C482T500DN2B
23.9
19.8
3 x 7 5/8
690
520C691T500BJ2B
151.0
4.8
2 x 3 5/8
5600
520C562T500DG2B
19.7
22.2
3 x 8 5/8
790
520C791T500ED2B
139.0
5.0
1 3/4 x 4 5/8
6700
520C672T500FN2D
17.3
25.4
3 1/2 x 7 5/8
840
520C841T500BC2B
124.0
5.5
2 x 4 1/8
7800
520C782T500FG2D
14.2
28.4
3


Similar Part No. - 520C572T200CJ2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
520C572T200CJ2B CDE-520C572T200CJ2B Datasheet
209Kb / 7P
   High Ripple, Long Life Screw Terminal Type
520C572T200CJ2B CDE-520C572T200CJ2B Datasheet
220Kb / 7P
   High Ripple, Long Life Screw Terminal Type
More results

Similar Description - 520C572T200CJ2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
550C CDE-550C Datasheet
390Kb / 7P
   Ultra Ripple, Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long Life, Computer Grade
330 CDE-330 Datasheet
365Kb / 5P
   Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
550283U6R3AK2B CDE-550283U6R3AK2B Datasheet
399Kb / 8P
   High Ripple, Long Life, Computer Grade
550 CDE-550_17 Datasheet
454Kb / 8P
   High Ripple, Long Life, Computer Grade
450C CDE-450C Datasheet
270Kb / 4P
   Ultra-Ripple, Long-life, Inverter Grade, Radial Leaded The Ultimate in Ripple for Plug-in
logo
EPCOS
B43566A4687Q000 EPCOS-B43566A4687Q000 Datasheet
182Kb / 9P
   Long-life grade capacitors
B41896 EPCOS-B41896 Datasheet
794Kb / 32P
   Long-life grade capacitors
B41868 EPCOS-B41868 Datasheet
645Kb / 24P
   Long-life grade capacitors
logo
Cornell Dubilier Electr...
420C CDE-420C Datasheet
264Kb / 4P
   Long-Life, Inverter Grade, Radial Leaded Best Value High Ripple Type Plug-in
logo
List of Unclassifed Man...
330153U6R3GT2 ETC2-330153U6R3GT2 Datasheet
365Kb / 5P
   -55 ?C to 105 ?C Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com