Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

401C693M010AH8 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 401C693M010AH8
Description  Low-ESR, Wide Temperature Grade The Ultimate in Cold Performance and ESR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

401C693M010AH8 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  401C693M010AH8 Datasheet HTML 1Page - Cornell Dubilier Electronics 401C693M010AH8 Datasheet HTML 2Page - Cornell Dubilier Electronics 401C693M010AH8 Datasheet HTML 3Page - Cornell Dubilier Electronics 401C693M010AH8 Datasheet HTML 4Page - Cornell Dubilier Electronics 401C693M010AH8 Datasheet HTML 5Page - Cornell Dubilier Electronics 401C693M010AH8 Datasheet HTML 6Page - Cornell Dubilier Electronics 401C693M010AH8 Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Type 401C –55 °C to 105 °C Low-ESR, Wide Temperature Grade
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
2,000 h at 85 °C per EIA IS-749 with 85 ºC ripple current
∆ Capacitance ±10%
ESR 200% of limit
DCL 100% of limit
4,000 h at 105ºC with rated voltage
∆ Capacitance ±10%
ESR 200% of limit
DCL 100% of limit
500 h at +105 °C, capacitance, ESR and DCL, will meet initial
requirements
10 to 55 Hz, 0.06” and 10 g max, 2 h each plane
The Type 401C is the wide-temperature, low-voltage
version of the Type 450C. It is ideal for high-ripple
current military and industrial applications that need
full performance at cold temperatures. It also excels as a
power-supplyoutputcapacitorbecauseofitsexceptionally
low ESR. The extended cathode foil of the 401C assures
cool operation and heat flow from the capacitor element
to the can in all mounting orientations.
Highlights
• Better value than large snap-in capacitors
• Ripple Currents to >50 amps at 55 °C
• ESRs to 3.5 m
Ω
• > 90% capacitance at –40 °C
• Thermal-Pak™ extended cathode construction
Specifications
Operating Temperature:
Rated Voltage:
Capacitance:
DC Leakage Current:
Cold Impedance:
Ripple Current Multipliers:
EIA Ripple Life:
Life Test:
Shelf Life Test:
Vibration:
The Ultimate in Cold Performance and ESR
Frequency
–55 °C to 105 °C
6.3 to 250 Vdc
380 µF to 570,000 µF ± 20%
≤ 1.5 √CV µA, 4 mA max, 5 minutes
–55 °C multiple of 25 °C Z ≤ 3
Ambient Temperature
45 °C
55 °C
65 °C
75 °C
85 ºC
95 ºC
105 °C
1.66
1.52
1.37
1.20
1.00
0.75
0.36
50 Hz 60 Hz 120 Hz 360 Hz 1 kHz 5 kHz 10 kHz & up
6.3 to 50 V
0.85
0.90
1.00
1.05
1.10
1.10
1.10
63 to 250 V 0.50
0.53
1.00
1.15
1.15
1.20
1.20
Complies with the EU Directive
2002/95/EC requirement
restricting the use of Lead (Pb),
Mercury (Hg), Cadmium (Cd),
Hexavalent chromium (Cr(VI)),
PolyBrominated Biphenyls
(PBB) and PolyBrominated
Diphenyl Ethers (PBDE).


Similar Part No. - 401C693M010AH8

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
401C693M010AH8 CDE-401C693M010AH8 Datasheet
504Kb / 8P
   The Ultimate in Cold Performance and ESR
More results

Similar Description - 401C693M010AH8

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
401C CDE-401C_17 Datasheet
504Kb / 8P
   The Ultimate in Cold Performance and ESR
101C CDE-101C_17 Datasheet
848Kb / 12P
   The Ultimate in Cold Performance and ESR
logo
List of Unclassifed Man...
101C283U7R5AK2B ETC2-101C283U7R5AK2B Datasheet
349Kb / 8P
   Low-ESR, Wide-Temperature Grade
logo
Cornell Dubilier Electr...
325 CDE-325_15 Datasheet
1Mb / 5P
   High Temperature and Ultra-Low ESR
101C283U7R5AK2B CDE-101C283U7R5AK2B Datasheet
193Kb / 12P
   Type 101C ??5 째C to 105 째C Low-ESR, Wide-Temperature Grade
101C283U7R5AK2B CDE-101C283U7R5AK2B Datasheet
349Kb / 9P
   Type 101C -55 째C to 105 째C Low-ESR, Wide-Temperature Grade
325 CDE-325 Datasheet
331Kb / 4P
   Long-Life, Switching Power Grade Radial High Temperature and Ultra-Low ESR
logo
Dubilier
DSHX DUBILIER-DSHX Datasheet
265Kb / 3P
   LOW IMPEDANCE AND LOW ESR
logo
MERITEK ELECTRONICS COR...
UQ MERITEK-UQ Datasheet
330Kb / 7P
   High Q and low ESR performance at high frequency
logo
WALSIN TECHNOLOGY CORPO...
RF15N100J500CT WALSIN-RF15N100J500CT Datasheet
3Mb / 16P
   High Q and low ESR performance at high frequency
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com