Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM4961GH-G1 Datasheet(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

Part # AM4961GH-G1
Description  SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM4961GH-G1 Datasheet(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AM4961GH-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AM4961GH-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM4961GH-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM4961GH-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AM4961GH-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AM4961GH-G1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AM4961GH-G1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AM4961GH-G1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AM4961GH-G1 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4961
Data Sheet
10
Jun. 2008 Rev. 2. 2
BCD Semiconductor Manufacturing Limited
040
80
120
160
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
External Heatsink Size:15.24mm*3.81mm
No External Heatsink
T
A
(
OC)
105
Package: TSSOP-20(EDP)
Typical Performance Characteristics (Continued)
Figure 8. Power Dissipation vs. Ambient Temperature
Figure 9. Power Dissipation vs. Ambient Temperature
-20
0
20
40
60
80
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
T
A
(
OC)
90
Package: HTSSOP-14
No External Heatsink


Similar Part No. - AM4961GH-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AM4961GH-G1 DIODES-AM4961GH-G1 Datasheet
393Kb / 17P
   SINGLE PHASE FULL WAVE PWM MOTOR DRIVER
AM4961GH-G1 DIODES-AM4961GH-G1 Datasheet
695Kb / 14P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
More results

Similar Description - AM4961GH-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AM4964 DIODES-AM4964 Datasheet
1Mb / 21P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4962 DIODES-AM4962 Datasheet
380Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM9468 DIODES-AM9468 Datasheet
1Mb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
May 2016
AM4963 DIODES-AM4963 Datasheet
561Kb / 16P
   Single Phase Full Wave Direct PWM Motor Driver
AM4961 DIODES-AM4961 Datasheet
695Kb / 14P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
logo
BCD Semiconductor Manuf...
AM4962 BCDSEMI-AM4962 Datasheet
126Kb / 3P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4963 BCDSEMI-AM4963 Datasheet
53Kb / 2P
   Single Phase Full Wave Direct PWM Motor Driver
AM4962 BCDSEMI-AM4962 Datasheet
380Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
logo
Eutech Microelectronics...
EUM6898R EUTECH-EUM6898R Datasheet
81Kb / 1P
   Single-Phase Full-Wave Motor Driver with Direct PWM Input
logo
Diodes Incorporated
AM9469 DIODES-AM9469 Datasheet
977Kb / 16P
   LOW NOISE SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
April 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com