Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

930C1W1P5K-F Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 930C1W1P5K-F
Description  Polypropylene Film Capacitors Axial Leaded Metallized Polypropylene
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

930C1W1P5K-F Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  930C1W1P5K-F Datasheet HTML 1Page - Cornell Dubilier Electronics 930C1W1P5K-F Datasheet HTML 2Page - Cornell Dubilier Electronics 930C1W1P5K-F Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Type 930 Polypropylene Film Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type 930 axial-leaded, metallized polypropylene
capacitors are available in a wide range of capacitance
values in small case sizes with a flame-retardant
tape wrap and epoxy end seals that provide moisture
resistance. Type 930 is used most frequently in high-
voltage/high-frequency switching power supplies where
superior stability and AC performance characteristics
are important. This film capacitor has Underwriters
Laboratories, Inc. recognition for construction only under
U.L. File Number E128034(N).
NOTE: Other capacitance values, sizes and performance
specifications are available. Contact us.
Axial Leaded Metallized Polypropylene
Specifications
Highlights
Small case sizes
Ripple Current Capacity
Suitable for high frequency operation
Ratings
Outline Drawing
1.625
Min
(41.28 mm)
1.625
Min
(41.28 mm)
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Operating Temperature Range:
Dielectric Withstand voltage:
Dissipation Factor (DF):
Insulation Resistance:
Life Test:
.022 to 10.0 µF
100 to 630 Vdc (70 to 275 Vac 60 Hz)
±10% (K) Standard; ±5% (J) Optional
–55 ºC to +105 ºC*
*Full rated voltage at 85 ºC - derated linearly to 50%
rated at 105 ºC
200% for 1 minute
0.10% Max. (25 ºC, 1 kHz)
200,000 MΩ x µF
400,000 MΩ Min.
1,000 hours at 85 ºC at 125% rated voltage
Catalog
Part Number
D
L
ESR
Maximum Ripple Current (Amps rms) at 20 kHz
Cap.
Max.
+0.062 (1.5) 20-100 kHz dV/dt
Case Temperature
(µF)
Inches (mm) Inches (mm) (milliohms) (V/µs) +25 ºC +35 ºC +45 ºC +55 ºC +65 ºC +75 ºC +85 ºC
100 Vdc (70 Vac)
.22
930C1P22K–F
.275
(7.0)
.750 (19.0)
---
25
.27
930C1P27K–F
.298
(7.6)
.750 (19.0)
---
25
.33
930C1P33K–F
.324
(8.2)
.750 (19.0)
---
25
.39
930C1P39K–F
.347
(8.8)
.750 (19.0)
---
25
.47
930C1P47K–F
.376
(9.5)
.750 (19.0)
37
25
3.7
3.4
3.1
2.8
2.5
2.0
1.4
.56
930C1P56K–F
.321
(8.2)
1.000 (25.4)
35
14
3.9
3.6
3.3
2.9
2.6
2.1
1.5
.68
930C1P68K–F
.348
(8.8)
1.000 (25.4)
33
14
4.1
3.8
3.5
3.1
2.8
2.2
1.6
.82
930C1P82K–F
.377
(9.6)
1.000 (25.4)
31
14
4.3
4.0
3.6
3.2
2.9
2.3
1.7
1.00
930C1W1K–F
.421
(10.7) 1.000 (25.4)
26
14
5.5
5.1
4.7
4.2
3.6
2.8
2.6
#20 AWG (.032 dia)
Tinned Solid Copper Leads
L
+0.062
(1.5)
Complies with the EU Directive
2 0 0 2 / 9 5 / E C r e q u i r e m e n t
restricting the use of Lead (Pb),
Mercury (Hg), Cadmium (Cd),
Hexavalent chromium (Cr(VI)),
PolyBrominated Biphenyls (PBB)
and PolyBrominated Diphenyl
Ethers (PBDE).
CDE


Similar Part No. - 930C1W1P5K-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
930C CDE-930C Datasheet
143Kb / 5P
   Low Dissipation, High Voltage/High Frequency Switching Power Supplies
More results

Similar Description - 930C1W1P5K-F

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
102MPW630K ILLINOISCAPACITOR-102MPW630K_13 Datasheet
252Kb / 2P
   Axial leaded metallized polypropylene film capacitors
105MPH100K ILLINOISCAPACITOR-105MPH100K_13 Datasheet
204Kb / 2P
   Axial leaded metallized polypropylene film capacitors
224MARA01KG ILLINOISCAPACITOR-224MARA01KG Datasheet
383Kb / 4P
   Axial Leaded Metallized Polypropylene Film
logo
Cornell Dubilier Electr...
935C1W1K-F CDE-935C1W1K-F Datasheet
211Kb / 2P
   Type 935 Axial Leaded Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
104PHC850KG ILLINOISCAPACITOR-104PHC850KG_13 Datasheet
482Kb / 3P
   Metallized Polypropylene Film Capacitors Axial Leaded for Switching Circuits
472PPA302KG ILLINOISCAPACITOR-472PPA302KG_13 Datasheet
482Kb / 3P
   Axial leaded metallized polypropylene film capacitors for power semiconductors
105MPL100K ILLINOISCAPACITOR-105MPL100K_13 Datasheet
195Kb / 2P
   Axial leaded metallized polypropylene film capacitors with Lug terminals
682PPS302KG ILLINOISCAPACITOR-682PPS302KG_13 Datasheet
491Kb / 3P
   Axial leaded metallized polypropylene film capacitors for power semiconductors
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J Datasheet
373Kb / 3P
   Radial Leaded Metallized Polypropylene Film Capacitors
472PSB302K2G ILLINOISCAPACITOR-472PSB302K2G_13 Datasheet
806Kb / 7P
   Radial leaded metallized polypropylene film capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com