Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD25NF10 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STD25NF10
Description  N-CHANNEL 100V - 0.033ohm - 25A DPAK LOW GATE CHARGE STripFET??POWER MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD25NF10 Datasheet(HTML) 4 Page - STMicroelectronics

  STD25NF10 Datasheet HTML 1Page - STMicroelectronics STD25NF10 Datasheet HTML 2Page - STMicroelectronics STD25NF10 Datasheet HTML 3Page - STMicroelectronics STD25NF10 Datasheet HTML 4Page - STMicroelectronics STD25NF10 Datasheet HTML 5Page - STMicroelectronics STD25NF10 Datasheet HTML 6Page - STMicroelectronics STD25NF10 Datasheet HTML 7Page - STMicroelectronics STD25NF10 Datasheet HTML 8Page - STMicroelectronics STD25NF10 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
STD25NF10
4/9
Gate Charge vs Gate-source Voltage
Capacitance Variations
Transconductance
Static Drain-source On Resistance
Output Characteristics
Transfer Characteristics


Similar Part No. - STD25NF10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD25NF10L STMICROELECTRONICS-STD25NF10L Datasheet
451Kb / 9P
   N-CHANNEL 100V - 0.030 ohm - 25A DPAK LOW GATE CHARGE STripFET??II POWER MOSFET
STD25NF10LA STMICROELECTRONICS-STD25NF10LA Datasheet
656Kb / 15P
   N-channel 100 V, 0.030 廓, 25 A DPAK STripFET??II Power MOSFET
logo
VBsemi Electronics Co.,...
STD25NF10LA VBSEMI-STD25NF10LA Datasheet
984Kb / 8P
   N-Channel 100-V (D-S) MOSFET
logo
Inchange Semiconductor ...
STD25NF10LA ISC-STD25NF10LA Datasheet
329Kb / 2P
   isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STD25NF10LT4 STMICROELECTRONICS-STD25NF10LT4 Datasheet
432Kb / 13P
   N-channel 100V - 0.030Ohm - 25A - DPAK Low gate charge STripFET II Power MOSFET
More results

Similar Description - STD25NF10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD25NF10LT4 STMICROELECTRONICS-STD25NF10LT4 Datasheet
432Kb / 13P
   N-channel 100V - 0.030Ohm - 25A - DPAK Low gate charge STripFET II Power MOSFET
STD26NF10 STMICROELECTRONICS-STD26NF10 Datasheet
397Kb / 13P
   N-channel 100V - 0.033廓 - 25A - DPAK Low gate charge STripFET??II Power MOSFET
STD25NF10L STMICROELECTRONICS-STD25NF10L Datasheet
451Kb / 9P
   N-CHANNEL 100V - 0.030 ohm - 25A DPAK LOW GATE CHARGE STripFET??II POWER MOSFET
STD20NF10 STMICROELECTRONICS-STD20NF10 Datasheet
303Kb / 9P
   N-CHANNEL 100V - 0.038 ohm - 25A IPAK/DPAK LOW GATE CHARGE STripFET??II POWER MOSFET
STD15NF10 STMICROELECTRONICS-STD15NF10 Datasheet
412Kb / 13P
   N-channel 100V - 0.060ohm- 23A - DPAK Low gate charge STripFET II Power MOSFET
STD6NF10 STMICROELECTRONICS-STD6NF10 Datasheet
266Kb / 9P
   N-CHANNEL 100V - 0.22 ohm - 6A IPAK/DPAK LOW GATE CHARGE STripFET??POWER MOSFET
STP135N10 STMICROELECTRONICS-STP135N10 Datasheet
204Kb / 8P
   N-CHANNEL 100V - 0.007 ohm - 135A DPAK/TO-220 LOW GATE CHARGE STripFET POWER MOSFET
STD10NF10 STMICROELECTRONICS-STD10NF10 Datasheet
458Kb / 14P
   N-CHANNEL 100V - 0.115 ohm - 13A IPAK/DPAK LOW GATE CHARGE STripFET??II POWER MOSFET
STD40NF10 STMICROELECTRONICS-STD40NF10 Datasheet
379Kb / 15P
   N-channel 100V - 0.025廓 - 50A TO-220 / DPAK Low gate charge STripFET??II Power MOSFET
STB40NF10L STMICROELECTRONICS-STB40NF10L Datasheet
435Kb / 9P
   N-CHANNEL 100V - 0.028ohm - 40A D2PAK LOW GATE CHARGE STripFET??POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com