Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AVE337M06E16T-F Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # AVE337M06E16T-F
Description  –40 ?C to 85 ?C General Purpose SMT Capacitors Aluminum Electrolytic Capacitors for Filtering and Bypass
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AVE337M06E16T-F Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  AVE337M06E16T-F Datasheet HTML 1Page - Cornell Dubilier Electronics AVE337M06E16T-F Datasheet HTML 2Page - Cornell Dubilier Electronics AVE337M06E16T-F Datasheet HTML 3Page - Cornell Dubilier Electronics AVE337M06E16T-F Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type AVE –40 °C to 85 °C General Purpose SMT Capacitors
Aluminum Electrolytic Capacitors for Filtering and Bypass
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8564 • Fax: (508)996-3830 • www.cde.com
Ratings
Part Numbering System
AVE
106
M
16
B
12T
– F
Type Capacitance
Capacitance
Voltage
Case Packaging
RoHS
104 = 0.1 µF
Tolerance 04 = 4 Vdc 06 = 6.3 Vdc
Code Information
Compliant
105 = 1.0 µF
M = ±20% 10 = 10 Vdc 16 = 16 Vdc
B = B 12 = Carrier Tape
106 = 10.0 µF
25 = 25 Vdc 35 = 35 Vdc
Width (mm)
107 = 100.0 µF
50 = 50 Vdc 63 = 63 Vdc
T = Tape & Reel
108 = 1000.0 µF
2A = 100 Vdc
Max.
Catalog
Max. DCL
Max. DF
Max. E.S.R. Ripple Current Case
Size
Qty.
Cap
Part Number
2 min. @120Hz/20ºC @120Hz/20ºC @120Hz/85ºC Code D x L Per Reel
(µF)
(µA)
(%)
(Ω)
(mA)
(mm)
(Each)
4 Vdc ( 5 Vdc Surge )
22
AVE226M04A12T-F
3
0.42
31.65
14
A
3x5.3
2000
33
AVE336M04B12T-F
3
0.42
21.10
31
B
4x5.3
2000
47
AVE476M04B12T-F
3
0.42
14.81
37
B
4x5.3
2000
68
AVE686M04C12T-F
3
0.42
10.24
63
C
5x5.3
1000
100
AVE107M04D16T-F
4
0.42
6.96
110
D
6.3x5.3
1000
6.3 Vdc ( 8 Vdc Surge )
22
AVE226M06B12T-F
3
0.28
21.10
23
B
4x5.3
2000
33
AVE336M06B12T-F
3
0.28
14.07
31
B
4x5.3
2000
47
AVE476M06C12T-F
3
0.28
9.88
52
C
5x5.3
1000
68
AVE686M06D16T-F
4.3
0.28
6.83
89
D
6.3x5.3
1000
100
AVE107M06D16T-F
6.3
0.28
4.64
120
D
6.3x5.3
1000
220
AVE227M06X16T-F
13.9
0.28
2.11
123
X
6.3x7.7
1000
220
AVE227M06E16T-F
13.9
0.28
2.11
155
E
8x6.5
1000
330
AVE337M06X16T-F
20.8
0.28
1.41
139
X
6.3x7.7
1000
330
AVE337M06E16T-F
20.8
0.28
1.41
155
E
8x6.5
1000
470
AVE477M06F24T-F
29.6
0.28
0.99
252
F
8x10
500
1000
AVE108M06G24T-F
63.0
0.28
0.46
458
G
10x10
500
1500
AVE158M06G24T-F
94.5
0.28
0.31
458
G
10x10
500
10 Vdc ( 13 Vdc Surge )
10
AVE106M10B12T-F
3
0.24
39.79
23
B
4x5.3
2000
22
AVE226M10C12T-F
3
0.24
18.09
39
C
5x5.3
1000
33
AVE336M10C12T-F
3.3
0.24
12.06
48
C
5x5.3
1000
47
AVE476M10D16T-F
4.7
0.24
8.47
67
D
6.3x5.3
1000
68
AVE686M10D16T-F
6.8
0.24
5.85
98
D
6.3x5.3
1000
100
AVE107M10X16T-F
10
0.24
3.98
108
X
6.3x7.7
1000
100
AVE107M10E16T-F
10
0.24
3.98
155
E
8x6.5
1000
220
AVE227M10X16T-F
22
0.24
1.81
130
X
6.3x7.7
1000
220
AVE227M10E16T-F
22
0.24
1.81
155
E
8x6.5
1000
330
AVE337M10F24T-F
33
0.24
1.21
252
F
8x10
500
470
AVE477M10G24T-F
47
0.24
0.85
458
G
10x10
500
1000
AVE108M10G24T-F
100
0.24
0.40
458
G
10x10
500


Similar Part No. - AVE337M06E16T-F

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AVE300-48S1V2-4 ARTESYN-AVE300-48S1V2-4 Datasheet
1Mb / 3P
   Total Power: 198 Watts
AVE300-48S1V2B-4 ARTESYN-AVE300-48S1V2B-4 Datasheet
1Mb / 3P
   Total Power: 198 Watts
AVE300-48S1V2P-4 ARTESYN-AVE300-48S1V2P-4 Datasheet
1Mb / 3P
   Total Power: 198 Watts
AVE300-48S1V2PB-4 ARTESYN-AVE300-48S1V2PB-4 Datasheet
1Mb / 3P
   Total Power: 198 Watts
AVE300-48S1V5B-4 ARTESYN-AVE300-48S1V5B-4 Datasheet
1Mb / 3P
   Total Power: 198 Watts
More results

Similar Description - AVE337M06E16T-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AVS226M04A12T CDE-AVS226M04A12T Datasheet
303Kb / 5P
   SMT Aluminum Electrolytic Capacitors - General Purpose, 85?C
logo
Vishay Siliconix
500D VISHAY-500D Datasheet
89Kb / 9P
   Aluminum Capacitors 85 °C, Miniature, General Purpose
Revision: 16-Apr-13
500D VISHAY-500D_V01 Datasheet
91Kb / 9P
   Aluminum Capacitors 85 °C, Miniature, General Purpose
01-Jan-2022
82DA VISHAY-82DA Datasheet
189Kb / 3P
   Aluminum Capacitors 85 C, Snap-in, General Purpose
Revision: 23-May-05
82D VISHAY-82D Datasheet
362Kb / 6P
   Aluminum Capacitors 85 °C, Snap-In, General Purpose
Revision: 27-Aug-08
logo
Cornell Dubilier Electr...
LPW822M1AN25V-W CDE-LPW822M1AN25V-W Datasheet
161Kb / 3P
   85 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
53D VISHAY-53D_13 Datasheet
77Kb / 4P
   Aluminum Capacitors 85 °C, Tubular, Axial Lead, General Purpose
Revision: 24-Apr-13
53D VISHAY-53D Datasheet
170Kb / 4P
   Aluminum Capacitors 85 °C, Tubular, Axial Lead, General Purpose
Revision: 22-Jul-08
36DA VISHAY-36DA Datasheet
249Kb / 7P
   Aluminum Capacitors 85 °C and 95 °C, Large Can
Revision: 29-Aug-08
logo
Cornell Dubilier Electr...
AHA226M06B12T CDE-AHA226M06B12T Datasheet
458Kb / 5P
   SMT Aluminum Electrolytic Capacitors 55 ?C to 105 ?C - Long Life
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com