Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AVRF226M06B12T-F Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part No. AVRF226M06B12T-F
Description  SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 ˚C
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CDE [Cornell Dubilier Electronics]
Homepage  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AVRF226M06B12T-F Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  AVRF226M06B12T-F Datasheet HTML 1Page - Cornell Dubilier Electronics AVRF226M06B12T-F Datasheet HTML 2Page - Cornell Dubilier Electronics AVRF226M06B12T-F Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Type AVRF –55 °C to 105 °C
SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 °C
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8564 • Fax: (508)996-3830 • www.cde.
com
Max. Ripple
Catalog
Max. DCL
Max. DF
Max. E.S.R.
Max. Impedance
Current
Case
Size
Quantity
Cap.
Part Number
2 min.
@ 120Hz/20ºC
@ 100kHz/20ºC
@ 100kHz/20ºC
@ 100kHz/105ºC
Code
DxL
/Reel
(µF)
(µA)
(%)
(Ω)
(Ω)
(mA)
(mm)
(Ea)
16 Vdc
10
AVRF106M16B12T-F
3.0
0.16
1.65
1.65
70
B
4x5.4
2000
22
AVRF226M16B12T-F
3.5
0.16
1.65
1.65
70
B
4x5.4
2000
47
AVRF476M16C12T-F
7.5
0.16
0.90
0.90
100
C
5x5.4
1000
68
AVRF686M16D16T-F
10.9
0.16
0.50
0.50
160
D
6.3x5.4
1000
330
AVRF337M16F24T-F
52.8
0.16
0.16
0.16
600
F
8x10.2
500
470
AVRF477M16F24T-F
75.2
0.16
0.16
0.16
600
F
8x10.2
500
25 Vdc
10
AVRF106M25B12T-F
3.0
0.14
1.65
1.65
70
B
4x5.4
2000
22
AVRF226M25C12T-F
5.5
0.14
0.90
0.90
100
C
5x5.4
1000
33
AVRF336M25D16T-F
8.3
0.14
0.50
0.50
160
D
6.3x5.4
1000
47
AVRF476M25D16T-F
11.8
0.14
0.50
0.50
160
D
6.3x5.4
1000
68
AVRF686M25D16T-F
17.0
0.14
0.50
0.50
160
D
6.3x5.4
1000
150
AVRF157M25F24T-F
37.5
0.14
0.16
0.16
600
F
8x10.2
500
220
AVRF227M25F24T-F
55.0
0.14
0.16
0.16
600
F
8x10.2
500
330
AVRF337M25F24T-F
82.5
0.14
0.16
0.16
600
F
8x10.2
500
470
AVRF477M25G24T-F
117.5
0.14
0.08
0.08
850
G
10x10.2
500
35 Vdc
4.7
AVRF475M35B12T-F
3.0
0.12
1.65
1.65
70
B
4x5.4
2000
10
AVRF106M35C12T-F
3.5
0.12
0.90
0.90
100
C
5x5.4
1000
22
AVRF226M35D16T-F
7.7
0.12
0.50
0.50
160
D
6.3x5.4
1000
33
AVRF336M35D16T-F
11.6
0.12
0.50
0.50
160
D
6.3x5.4
1000
47
AVRF476M35F24T-F
16.5
0.12
0.16
0.16
600
F
8x10.2
500
100
AVRF107M35F24T-F
35.0
0.12
0.16
0.16
600
F
8x10.2
500
150
AVRF157M35F24T-F
52.5
0.12
0.16
0.16
600
F
8x10.2
500
220
AVRF227M35F24T-F
77.0
0.12
0.16
0.16
600
F
8x10.2
500
330
AVRF337M35G24T-F
115.5
0.12
0.08
0.08
850
G
10x10.2
500


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn