Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AVGA476M06C12T-F Datasheet(PDF) 6 Page - Cornell Dubilier Electronics

Part No. AVGA476M06C12T-F
Description  High Capacitance SMT Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CDE [Cornell Dubilier Electronics]
Homepage  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AVGA476M06C12T-F Datasheet(HTML) 6 Page - Cornell Dubilier Electronics

  AVGA476M06C12T-F Datasheet HTML 1Page - Cornell Dubilier Electronics AVGA476M06C12T-F Datasheet HTML 2Page - Cornell Dubilier Electronics AVGA476M06C12T-F Datasheet HTML 3Page - Cornell Dubilier Electronics AVGA476M06C12T-F Datasheet HTML 4Page - Cornell Dubilier Electronics AVGA476M06C12T-F Datasheet HTML 5Page - Cornell Dubilier Electronics AVGA476M06C12T-F Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Type AVGA –40 °C to +105 °C
High Capacitance SMT Aluminum Electrolytic Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8564 • Fax: (508)996-3830 • www.cde.com
For case diameters
4 thru 6.3 mm with voltage
ratings of 6.3 to 50Vdc
For case diameters
8 to 16 mm
For case diameters
4 thru 6.3 mm with a volt-
age rating of 63 Vdc
Case sizes 4 thru 6.3 mm dia. (4 to 50V) should be subjected to just one reflow soldering process.
The 8 thru 16 mm dia. case sizes(and 4 thru 6.3 mm dia. at 63V) should be subjected to a maximum of two reflow soldering processes.
Soldering with a solder iron should be performed with a maximum soldering iron tip
temperature of 350±5°C for 3 to 4 seconds.
Recommended Soldering Methods
Recommended Reflow Soldering Profile:


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn