Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP120CB-1.8-EVALZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADP120CB-1.8-EVALZ
Description  100 mA, Low Quiescent Current, CMOS Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP120CB-1.8-EVALZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP120CB-1.8-EVALZ Datasheet HTML 2Page - Analog Devices ADP120CB-1.8-EVALZ Datasheet HTML 3Page - Analog Devices ADP120CB-1.8-EVALZ Datasheet HTML 4Page - Analog Devices ADP120CB-1.8-EVALZ Datasheet HTML 5Page - Analog Devices ADP120CB-1.8-EVALZ Datasheet HTML 6Page - Analog Devices ADP120CB-1.8-EVALZ Datasheet HTML 7Page - Analog Devices ADP120CB-1.8-EVALZ Datasheet HTML 8Page - Analog Devices ADP120CB-1.8-EVALZ Datasheet HTML 9Page - Analog Devices ADP120CB-1.8-EVALZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADP120
Rev. A | Page 6 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
TOP VIEW
VIN
GND
(Not to Scale)
NC = NO CONNECT
EN
5
VOUT
4
NC
1
2
3
Figure 3. 5-Lead TSOT Pin Configuration
VIN
VOUT
12
EN
B
A
GND
TOP VIEW
(Not to Scale)
Figure 4. 4-Ball WLCSP Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
TSOT
WLCSP
1
A1
VIN
Regulator Input Supply. Bypass VIN to GND with a 1 μF or greater capacitor.
2
B2
GND
Ground.
3
B1
EN
Enable Input. Drive EN high to turn on the regulator; drive EN low to turn off the regulator. For automatic
startup, connect EN to VIN.
4
N/A
NC
No Connect. Not connected internally. Not applicable (N/A) for the WLCSP.
5
A2
VOUT
Regulated Output Voltage. Bypass VOUT to GND with a 1 μF or greater capacitor.


Similar Part No. - ADP120CB-1.8-EVALZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADP1201 ETC-ADP1201 Datasheet
72Kb / 4P
   PRECISION SEMICONDUCTOR PRESSURE SENSOR
More results

Similar Description - ADP120CB-1.8-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP121-AUJZ12R7 AD-ADP121-AUJZ12R7 Datasheet
667Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. G
ADP172 AD-ADP172_V01 Datasheet
2Mb / 17P
   300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. F
ADP121 AD-ADP121 Datasheet
986Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP172 AD-ADP172_10 Datasheet
579Kb / 20P
   300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP172_101 AD-ADP172_101 Datasheet
586Kb / 20P
   300 mA, Low Quiescent Current CMOS Linear Regulator
REV. B
ADP130 AD-ADP130 Datasheet
491Kb / 20P
   350 mA, Low VIN, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP160 AD-ADP160 Datasheet
513Kb / 20P
   Ultralow Quiescent Current, 150 mA, CMOS Linear Regulator
REV. 0
logo
Richtek Technology Corp...
RT9169 RICHTEK-RT9169 Datasheet
245Kb / 12P
   100 mA, 4uA QUIESCENT CURRENT CMOS LDO REGULATOR
logo
Analog Devices
ADP122ACPZ-2.6-R7 AD-ADP122ACPZ-2.6-R7 Datasheet
611Kb / 24P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
logo
Fortune Semiconductor C...
FS8844 FORTUNE-FS8844 Datasheet
691Kb / 10P
   250 mA Low Quiescent Current LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com