Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AHD107M10E16T Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part No. AHD107M10E16T
Description  SMT Aluminum Electrolytic Capacitors - Long Life, 105 ˚C
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AHD107M10E16T Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  AHD107M10E16T Datasheet HTML 1Page - Cornell Dubilier Electronics AHD107M10E16T Datasheet HTML 2Page - Cornell Dubilier Electronics AHD107M10E16T Datasheet HTML 3Page - Cornell Dubilier Electronics AHD107M10E16T Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Type AHD
SMT Aluminum Electrolytic Capacitors - Long Life, 105 °C
Typical Performance Curves
Impedance vs. Temperature & Frequency
Frequency (Hz)
0.001
0.01
0.1
1
10
10
100
1,000
10,000
100,000
1,000,000
–40
°C
0
°C
25
°C
65
°C
85
°C
45
°C
–20
°C
105
°
0.001
0.01
0.1
1
10
10
100
1,000
10,000
100,000
1,000,000
–40
°C
0
°C
25
°C
65
°C
85
°C
45
°C
–20
°C
5
10
°C
100 µF @ 35 Vdc (10 X 10.2 mm)
Capacitance Change vs. Temperature
Dissipation Factor vs. Temperature
(Typical Performance AHD Series @ 120 Hz)
Temperature (
°C)
0.01
0.1
1
10
100 µF, 10 V
47 µF, 16 V
10 µF, 50 V
-60
-40
-20
0
20
40
60
80
100
120
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
-60
-40
-20
0
20
40
60
80
100
120
47µF 16 V
100µF, 10 V
10µF, 50 V
100µF 10 V
47µF, 16 V
10µF, 50 V
Temperature (
°C)
(Typical Performance AHD Series @ 120 Hz)
Capacitance vs. Temperature & Frequency
ESR vs. Temperature & Frequency
Impedance vs. Temperature & Frequency
Frequency (Hz)
Frequency (Hz)
Frequency (Hz)
0
0.2
0.4
0.6
0.8
1
1.2
10
100
1,000
10,000
100,000
1,000,000
65
°C
25
°C
85
°C
0
°C
–40
°C
45
°C
–20
°C
105
°
0.0 1
0.1
1
10
10 0
10
10 0
1,0 00
10 ,000
10 0,00 0
1,0 00,00 0
–4 0
°C
–2 0
°C
0
°C
25
°C
45
°C
85
°C
65
°C
10 5
°C
10 µF @ 50 Vdc (6.3 X 5.8 mm)
10
µF @ 50 Vdc (6.3 X 5.8 mm)
10
µF @ 50 Vdc (6.3 X 5.8 mm)
CDE Cornell Dubilier•1605 E. Rodney French Blvd.•New Bedford, MA 02744•Ph: (508)996-8561•Fax: (508)996-3830• www.cde.com


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn