Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AHD107M10E16T Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part No. AHD107M10E16T
Description  SMT Aluminum Electrolytic Capacitors - Long Life, 105 ˚C
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CDE [Cornell Dubilier Electronics]
Homepage  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AHD107M10E16T Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  AHD107M10E16T Datasheet HTML 1Page - Cornell Dubilier Electronics AHD107M10E16T Datasheet HTML 2Page - Cornell Dubilier Electronics AHD107M10E16T Datasheet HTML 3Page - Cornell Dubilier Electronics AHD107M10E16T Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type AHD
SMT Aluminum Electrolytic Capacitors - Long Life, 105 °C
Part Numbering System
AHD
106
M
16
B
12T
Type
Capacitance
Capacitance
Voltage
Case
Packaging
104 = 0.1 µF
Tolerance
10 = 10 Vdc 50 = 50 Vdc
Code
Information
105 = 1.0 µF
M = ±20%
16 = 16 Vdc 63 = 63 Vdc
12 = Carrier tape
106 = 10.0 µF
25 = 25 Vdc 2A = 100 Vdc
Width (mm)
107 = 100.0 µF
35 = 35 Vdc
T = Tape & Reel
B = bulk
Ratings
CDE Cornell Dubilier•1605 E. Rodney French Blvd.•New Bedford, MA 02744•Ph: (508)996-8561•Fax: (508)996-3830• www.cde.com


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn