Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AHA226M06B12T Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part No. AHA226M06B12T
Description  SMT Aluminum Electrolytic Capacitors 55 ˚C to 105 ˚C - Long Life
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CDE [Cornell Dubilier Electronics]
Homepage  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AHA226M06B12T Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  AHA226M06B12T Datasheet HTML 1Page - Cornell Dubilier Electronics AHA226M06B12T Datasheet HTML 2Page - Cornell Dubilier Electronics AHA226M06B12T Datasheet HTML 3Page - Cornell Dubilier Electronics AHA226M06B12T Datasheet HTML 4Page - Cornell Dubilier Electronics AHA226M06B12T Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
0.4
1
0.01
0.1
1
Type AHA
SMT Aluminum Electrolytic Capacitors 55 °C to 105 °C - Long Life
Capacitance vs. Temperature & Frequency
ESR vs. Temperature and Frequency
220 µF @ 50 Vdc (10 X 10.2 mm)
220µF @ 50 Vdc (10 X 10.2 mm)
1.2
1000
105
°C
65
°C
85
°C
C
45
°
25
°C
0
°C
–20
°C
–40
°C
–55
°C
–40
°C
–20
°C
0
°C
25
°C
45
°C
85
°C
65
°C
105
°C
–55
°C
100
0.8
0.6
10
1
0.2
0
0.1
10
100
1,000
10,000
100,000
1,000,000
10
100
1,000
10,000
100,000
1,000,000
Frequency (Hz)
Frequency (Hz)
Impedance vs. Temperature and Frequency
Capacitance Change vs Time
220 µF @ 50 Vdc (10 X 10.2 mm)
–40
°C
0
°C
25
°C
65
°C
85
°C
45
°C
–20
°C
105
°C
–55
°C
10
100
10
0
10 µF@ 16 Vdc (4 x 5.4 mm)
47 µF@ 16 Vdc ( 6.3 x 5.4 mm)
330 µF @ 16 Vdc (10 x 10.2 mm)
5
-5
-10
-15
-20
-25
-30
10
100
1,000
10,000
100,000
1,000,000
0
250
500
750
1,000
1,250
1,500
1,750
2,000
Frequency (Hz)
Time (Hours)
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn