Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AEB106M2CJ32T-F Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part No. AEB106M2CJ32T-F
Description  SMT Aluminum Electrolytic Capacitors - High Voltage, 105 ˚C
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CDE [Cornell Dubilier Electronics]
Homepage  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AEB106M2CJ32T-F Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  AEB106M2CJ32T-F Datasheet HTML 1Page - Cornell Dubilier Electronics AEB106M2CJ32T-F Datasheet HTML 2Page - Cornell Dubilier Electronics AEB106M2CJ32T-F Datasheet HTML 3Page - Cornell Dubilier Electronics AEB106M2CJ32T-F Datasheet HTML 4Page - Cornell Dubilier Electronics AEB106M2CJ32T-F Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Type AEB
SMT Aluminum Electrolytic Capacitors - High Voltage, 105 °C
Low Impedance and Long Life for High Voltage, High Ripple Current Applications
Type AEB capacitors are it for high voltage applications like input
bus capacitors in board mounted miniature AC/DC supplies. The
AEB’s low impedance in ratings up to 450 Vdc, and long life, make
it ideal for power supply input and other high voltage applications.
The vertical, cylindrical cases make easy automatic mounting and
reflow soldering.
Highlights
+105 °C, Up to 5000 Hour Load Life
Capacitance Range: 2.2 µF to 100 µF
Voltage Range: 160 Vdc to 450 Vdc
Specifications
Operating
Temperature:
Rated Voltage:
Capacitance:
Capacitance Tolerance:
Life Test:
5000 h @ +105 °C, L — S Cases
4000 h @ +105 °C, K Case
3000 h @ +105 ºC, J Case
Capacitance ± 20%
DF:
200% of limit
DCL:
100% of limit
AEB Series Marking
–20 °C to +105 °C
160, 200, 250, 350, 400, 450 Vdc
2.2 µF to 100 µF
±20% @ 120 Hz and +20 °C
Shelf Test: 1000 h @ 105 °C
Capacitance ± 20%
DF:
200% of limit
DCL:
100% of limit
Outline Drawing
Case Dimensions
Case Code D ±0.5
L ±0.5
A ±0.2
H (max)
I (ref)
W
P (ref) K (mm)
J
10.0
13.5
10.3
12
3.5
0.9 ±0.2
4.6
0.7 ± 0.2
K
10.0
16.5
10.3
12
3.5
0.9 ±0.2
4.6
0.7 ± 0.2
L
12.5
16.5
13.5
15
4.7
0.9 ±0.3
4.4
0.7 ± 0.3
P
16.0
16.5
17.0
19
6.7
1.2 ±0.3
6.7
0.7 ± 0.3
U
16.0
21.5
17.0
19
6.7
1.2 ±0.3
6.7
0.7 ± 0.3
R
18.0
16.5
19.0
21
6.7
1.2 ±0.3
6.7
0.7 ± 0.3
S
18.0
21.5
19.0
21
6.7
1.2 ±0.3
6.7
0.7 ± 0.3
Cornell Dubilier
1605 E. Rodney French Blvd. New Bedford, MA 02744 Phone: (508)996-8561 Fax: (508)996-3830 www.cde.com


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn