Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

950CQW5K-F Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part No. 950CQW5K-F
Description  Metallized Polypropylene Film Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CDE [Cornell Dubilier Electronics]
Homepage  http://www.cde.com
Logo 

950CQW5K-F Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CDE Cornell Dubilier•1605 E. Rodney French Blvd•New Bedford, MA 02744•Phone: (508)996-8561•Fax: (508)996-3830•www.cde.com
Type 950 Metallized Polypropylene Film Capacitors
AC Rated, Round, Axial Leaded
Motor Run, HID Lighting
Type 950 axial-leaded, metallized polypropylene
capacitors with high capacitance values are ideal
for high intensity discharge lighting and motor run
applications. Flame retardant outer wrap and epoxy end
seals provide moisture resistance. Type 950 features
operating temperatures to 90°C without derating and
very low ESR characteristics. This non-protected film
capacitor has Underwriters Laboratories, Inc. recognition
for construction only under U.L. File Number E128034(N).
Specifications
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Operating Temperature Range:
Dielectric Strenght:
Dissipation Factor (DF):
Insulation Resistance (IR):
Life Test:
5 µF to 150 µF
250 Vac, 50/60 Hz
±10% (K) standard
±6% (H) optional
–55 ºC to +90 ºC
160% rated voltage for 1 minute
.15% Max. @ 120 Hz
100,000 MΩ x µF
1,000 hours at 90 ºC at 125% rated voltage
Complies with the EU Directive 2002/95/EC
requirement restricting the use of Lead (Pb),
Mercury (Hg), Cadmium (Cd), Hexavalent
chromium (Cr(VI)), PolyBrominated Biphenyls
(PBB) and PolyBrominated Diphenyl Ethers
(PBDE).
0.312
±0.062


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn