Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP120-ACBZ165R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP120-ACBZ165R7
Description  100 mA, Low Quiescent Current, CMOS Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP120-ACBZ165R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP120-ACBZ165R7 Datasheet HTML 3Page - Analog Devices ADP120-ACBZ165R7 Datasheet HTML 4Page - Analog Devices ADP120-ACBZ165R7 Datasheet HTML 5Page - Analog Devices ADP120-ACBZ165R7 Datasheet HTML 6Page - Analog Devices ADP120-ACBZ165R7 Datasheet HTML 7Page - Analog Devices ADP120-ACBZ165R7 Datasheet HTML 8Page - Analog Devices ADP120-ACBZ165R7 Datasheet HTML 9Page - Analog Devices ADP120-ACBZ165R7 Datasheet HTML 10Page - Analog Devices ADP120-ACBZ165R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADP120
Rev. A | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 2.3 V, VOUT = 1.8 V, IOUT = 10 mA, CIN = COUT = 1 μF, TA = 25°C, unless otherwise noted.
1.804
1.790
1.792
1.794
1.796
1.798
1.800
1.802
TJ (°C)
–40°C
–5°C
25°C
85°C
125°C
LOAD = 10µA
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
Figure 5. Output Voltage vs. Junction Temperature
1.805
1.795
1.797
1.799
1.801
0.01
0.1
1
10
100
1.803
ILOAD (mA)
Figure 6. Output Voltage vs. Load Current
1.805
1.795
1.797
1.799
1.801
1.803
VIN (V)
LOAD = 10µA
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
2.3
5.5
5.3
4.9
4.5
4.1
3.7
3.1 3.3
2.7
5.1
4.7
4.3
3.9
3.5
2.9
2.5
Figure 7. Output Voltage vs. Input Voltage
35
30
25
20
15
10
5
0
TJ (°C)
–40°C
–5°C
25°C
85°C
125°C
LOAD = 10µA
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
Figure 8. Ground Current vs. Junction Temperature
30
0
5
10
15
20
25
0.01
0.1
1
10
100
ILOAD (mA)
Figure 9. Ground Current vs. Load Current
30
25
20
15
10
5
0
VIN (V)
LOAD = 10µA
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
2.3
5.5
5.3
4.9
4.5
4.1
3.7
3.1 3.3
2.7
5.1
4.7
4.3
3.9
3.5
2.9
2.5
Figure 10. Ground Current vs. Input Voltage


Similar Part No. - ADP120-ACBZ165R7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADP1201 ETC-ADP1201 Datasheet
72Kb / 4P
   PRECISION SEMICONDUCTOR PRESSURE SENSOR
More results

Similar Description - ADP120-ACBZ165R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP121-AUJZ12R7 AD-ADP121-AUJZ12R7 Datasheet
667Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. G
ADP172 AD-ADP172_V01 Datasheet
2Mb / 17P
   300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. F
ADP121 AD-ADP121 Datasheet
986Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP172 AD-ADP172_10 Datasheet
579Kb / 20P
   300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP172_101 AD-ADP172_101 Datasheet
586Kb / 20P
   300 mA, Low Quiescent Current CMOS Linear Regulator
REV. B
ADP130 AD-ADP130 Datasheet
491Kb / 20P
   350 mA, Low VIN, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP160 AD-ADP160 Datasheet
513Kb / 20P
   Ultralow Quiescent Current, 150 mA, CMOS Linear Regulator
REV. 0
logo
Richtek Technology Corp...
RT9169 RICHTEK-RT9169 Datasheet
245Kb / 12P
   100 mA, 4uA QUIESCENT CURRENT CMOS LDO REGULATOR
logo
Analog Devices
ADP122ACPZ-2.6-R7 AD-ADP122ACPZ-2.6-R7 Datasheet
611Kb / 24P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
logo
Fortune Semiconductor C...
FS8844 FORTUNE-FS8844 Datasheet
691Kb / 10P
   250 mA Low Quiescent Current LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com