Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADXL180 Datasheet(PDF) 50 Page - Analog Devices

Part # ADXL180
Description  Configurable, High g, iMEMS Accelerometer
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL180 Datasheet(HTML) 50 Page - Analog Devices

Back Button ADXL180 Datasheet HTML 46Page - Analog Devices ADXL180 Datasheet HTML 47Page - Analog Devices ADXL180 Datasheet HTML 48Page - Analog Devices ADXL180 Datasheet HTML 49Page - Analog Devices ADXL180 Datasheet HTML 50Page - Analog Devices ADXL180 Datasheet HTML 51Page - Analog Devices ADXL180 Datasheet HTML 52Page - Analog Devices ADXL180 Datasheet HTML 53Page - Analog Devices ADXL180 Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 56 page
background image
ADXL180
Rev. 0 | Page 50 of 56
CONFIGURATION REGISTER REFERENCE
The following tables define the codes for each programmable field in the three configuration registers (CREG0, CREG1, and CREG2).
The default setting (unprogrammed state) of all bits in all configuration registers is zero. As a result, the default configuration of the
ADXL180 is compatible with the ADIFX operation mode and communication protocol as implemented in the ADXS101 satellite
transmitter.
Table 44. Configuration and User Data Bit Map
Configuration
Mode Register
Address
Configuration
Mode Register
Name
MSB
D6
D5
D4
D3
D2
D1
LSB
D7
D0
0000b
UREG
UD7
UD6
UD5
UD4
UD3
UD2
UD1
UD0
0001b
CREG0
UD8
BDE
MD1
MD0
FDLY
DLY2
DLY1
DLY0
0010b
CREG1
STI
AZE
SYEN
ADME
ERC
SVD
DAT
MAN
0011b
CREG2
CUPRG
CUPAR
SCOE
FC1
FC0
RG2
RG1
RG0
0100b…1001b
NU
X
X
X
X
X
X
X
X
1010b
CMEXIT
1
0
0
0
0
0
0
0
1011b
SN0
SNB7
SNB6
SNB5
SNB4
SNB3
SNB2
SNB1
SNB0
1100b
SN1
SNB15
SNB14
SNB13
SNB12
SNB11
SNB10
SNB9
SNB8
1101b
SN2
SNB23
SNB22
SNB21
SNB20
SNB19
SNB18
SNB17
SNB16
1110b
SN3
SNB31
SNB30
SNB29
SNB28
SNB27
SNB26
SNB25
SNB24
1111b
MFGID
SNPRG
SNPAR
REV2
REV1
REV0
MFGID2
MFGID1
MFGID0
1 X = don’t care.
2 NU = not used.


Similar Part No. - ADXL180

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL185B AD-ADXL185B Datasheet
93Kb / 2P
   Low Cost, Single-Axis PSI5-Compatible Satellite Sensor
ADXL189B AD-ADXL189B Datasheet
93Kb / 2P
   Low Cost, Single-Axis PSI5-Compatible Satellite Sensor
More results

Similar Description - ADXL180

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL320 AD-ADXL320_15 Datasheet
460Kb / 16P
   Small and Thin 5 g iMEMS Accelerometer
ADXL206 AD-ADXL206 Datasheet
427Kb / 12P
   Precision, 짹5 g, Dual-Axis, High Temperature iMEMS Accelerometer
REV. 0
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
ADXL323 AD-ADXL323_15 Datasheet
461Kb / 16P
   Small, Low Power, 2-Axis 3 g iMEMS Accelerometer
ADXL330 AD-ADXL330_15 Datasheet
490Kb / 16P
   Small, Low Power, 3-Axis 3 g iMEMS Accelerometer
ADXL105 AD-ADXL105 Datasheet
258Kb / 8P
   High Accuracy 61 g to 65 g Single Axis iMEMS Accelerometer with Analog Input
REV. A
ADXL105 AD-ADXL105_15 Datasheet
703Kb / 8P
   High Accuracy 1 g to 5 g Single Axis iMEMS Accelerometer with Analog Input
REV. A
AD22301 AD-AD22301 Datasheet
171Kb / 12P
   Single-Axis, High-g, iMEMS ccelerometers
REV. B
ADXL193 AD-ADXL193_15 Datasheet
154Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com