Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73630DBVTG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73630DBVTG4
Description  Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73630DBVTG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS73630DBVTG4 Datasheet HTML 7Page - Texas Instruments TPS73630DBVTG4 Datasheet HTML 8Page - Texas Instruments TPS73630DBVTG4 Datasheet HTML 9Page - Texas Instruments TPS73630DBVTG4 Datasheet HTML 10Page - Texas Instruments TPS73630DBVTG4 Datasheet HTML 11Page - Texas Instruments TPS73630DBVTG4 Datasheet HTML 12Page - Texas Instruments TPS73630DBVTG4 Datasheet HTML 13Page - Texas Instruments TPS73630DBVTG4 Datasheet HTML 14Page - Texas Instruments TPS73630DBVTG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
APPLICATION INFORMATION
INPUT AND OUTPUT CAPACITOR
TPS736xx
GND
EN
ON
OFF
NR
IN
OUT
VIN
VOUT
Optionalinputcapacitor.
Mayimprovesource
impedance,noise,orPSRR.
Optionaloutputcapacitor.
Mayimproveloadtransient,
noise,orPSRR.
Optionalbypass
capacitortoreduce
outputnoise.
OUTPUT NOISE
TPS73601
GND
EN
FB
IN
OUT
V
IN
V
OUT
V
OUT =
x1.204
(R
1 + R2)
R
2
R
1
C
FB
R
2
Optionalinputcapacitor.
Mayimprovesource
impedance,noise,orPSRR.
Optionaloutputcapacitor.
Mayimproveloadtransient,
noise,orPSRR.
Optionalcapacitor
reducesoutputnoise
andimproves
transientresponse.
OFF
ON
V
N
+ 32mVRMS
(R
1
) R2)
R
2
+ 32mVRMS
V
OUT
V
REF
(1)
V
N(mVRMS)
+ 27
mVRMS
V
V
OUT(V)
(2)
TPS736xx
www.ti.com .................................................................................................................................................. SBVS038R – SEPTEMBER 2003 – REVISED MAY 2008
For best accuracy, make the parallel combination of
The TPS736xx belongs to a family of new generation
R1 and R2 approximately euqal to 19kΩ. This 19kΩ,
LDO regulators that use an NMOS pass transistor to
in addition to the internal 8k
Ω resistor, presents the
achieve
ultra-low-dropout
performance,
reverse
same impedance to the error amp as the 27k
current blockage, and freedom from output capacitor
bandgap reference output. This impedance helps
constraints. These features, combined with low noise
compensate
for
leakages
into
the
error
amp
and an enable input, make the TPS736xx ideal for
terminals.
portable applications. This regulator family offers a
wide selection of fixed output voltage versions and an
adjustable output version. All versions have thermal
REQUIREMENTS
and
over-current
protection,
including
foldback
current limit.
Although an input capacitor is not required for
stability, it is good analog design practice to connect
Figure 31 shows the basic circuit connections for the
a 0.1
µF to 1µF low ESR capacitor across the input
fixed voltage models. Figure 32 gives the connections
supply near the regulator. This counteracts reactive
for the adjustable output version (TPS73601).
input sources and improves transient response, noise
rejection,
and
ripple
rejection.
A
higher-value
capacitor may be necessary if large, fast rise-time
load transients are anticipated or the device is
located several inches from the power source.
The TPS736xx does not require an output capacitor
for stability and has maximum phase margin with no
capacitor. It is designed to be stable for all available
types and values of capacitors. In applications where
multiple low ESR capacitors are in parallel, ringing
may occur when the product of COUT and total ESR
drops below 50n
ΩF. Total ESR includes all parasitic
resistances, including capacitor ESR and board,
socket,
and
solder
joint
resistance.
In
most
Figure 31. Typical Application Circuit for
applications, the sum of capacitor ESR and trace
Fixed-Voltage Versions
resistance will meet this requirement.
A precision band-gap reference is used to generate
the internal reference voltage, VREF. This reference is
the dominant noise source within the TPS736xx and
it
generates
approximately
32
µV
RMS
(10Hz
to
100kHz) at the reference output (NR). The regulator
control loop gains up the reference noise with the
same gain as the reference voltage, so that the noise
voltage of the regulator is approximately given by:
Figure 32. Typical Application Circuit for
Adjustable-Voltage Version
Since the value of VREF is 1.2V, this relationship
reduces to:
R1 and R2 can be calculated for any output voltage
using the formula shown in Figure 32. Sample
resistor values for common output voltages are
shown in Figure 2.
for the case of no CNR.
Copyright © 2003–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS736xx


Similar Part No. - TPS73630DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73630DBVTG4 TI-TPS73630DBVTG4 Datasheet
722Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73630DBVTG4 TI-TPS73630DBVTG4 Datasheet
908Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73630DBVTG4 TI-TPS73630DBVTG4 Datasheet
1Mb / 32P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
More results

Similar Description - TPS73630DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS736XX TI-TPS736XX_07 Datasheet
722Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX TI-TPS736XX_08 Datasheet
908Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73601 TI-TPS73601 Datasheet
652Kb / 27P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73625QDBVRQ1 TI-TPS73625QDBVRQ1 Datasheet
1Mb / 32P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73601-Q1 TI1-TPS73601-Q1 Datasheet
576Kb / 22P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73101 TI-TPS73101 Datasheet
348Kb / 16P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73201 TI-TPS73201 Datasheet
427Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73218-Q1 TI1-TPS73218-Q1 Datasheet
955Kb / 21P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low-Dropout Regulator with Reverse Current Protection
TPS731 TI-TPS731 Datasheet
907Kb / 24P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS732XX TI-TPS732XX_08 Datasheet
919Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com