Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM2482E Datasheet(PDF) 7 Page - Analog Devices

Part # ADM2482E
Description  2.5 kV Isolated RS-485 Transceivers with Integrated Transformer Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2482E Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM2482E Datasheet HTML 3Page - Analog Devices ADM2482E Datasheet HTML 4Page - Analog Devices ADM2482E Datasheet HTML 5Page - Analog Devices ADM2482E Datasheet HTML 6Page - Analog Devices ADM2482E Datasheet HTML 7Page - Analog Devices ADM2482E Datasheet HTML 8Page - Analog Devices ADM2482E Datasheet HTML 9Page - Analog Devices ADM2482E Datasheet HTML 10Page - Analog Devices ADM2482E Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADM2482E/ADM2487E
Rev. 0 | Page 7 of 20
SWITCHING CHARACTERISTICS
Z
Y
VDD1/2
VDD1/2
tDPHL
tDPLH
1/2VO
VO
90% POINT
10% POINT
10% POINT
90% POINT
VDIFF = V(Y) – V(Z)
tDR
tDF
–VO
VDIFF
+VO
0V
VDD1
Figure 9. Driver Propagation Delay, Rise/Fall Timing
A –B
RxD
0V
0V
1.5V
1.5V
VOH
VOL
tPLH
tPHL
tSKEW = |tPLH tPHL|
Figure 10. Receiver Propagation Delay
DE
Y, Z
Y, Z
VDD1
0V
0V
VOL
VOH
0.5VDD1
0.5VDD1
tZL
tLZ
tZH
tHZ
VOL + 0.5V
VOH – 0.5V
2.3V
2.3V
Figure 11. Driver Enable/Disable Timing
OUTPUT LOW
OUTPUT HIGH
1.5V
1.5V
RxD
RxD
RE
0V
0.7VDD1
0.3VDD1
VOL
VOH
0.5VDD1
0.5VDD1
tZL
tLZ
tZH
tHZ
VOL + 0.5V
VOH – 0.5V
Figure 12. Receiver Enable/Disable Timing


Similar Part No. - ADM2482E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2482E AD-ADM2482E Datasheet
738Kb / 4P
   Digital Isolator Product Selection and Resource Guide
ADM2482E AD-ADM2482E Datasheet
670Kb / 20P
   2.5 kV Isolated RS-485 Transceivers with Integrated Transformer Driver
Rev. A
ADM2482EBRWZ AD-ADM2482EBRWZ Datasheet
670Kb / 20P
   2.5 kV Isolated RS-485 Transceivers with Integrated Transformer Driver
Rev. A
ADM2482EBRWZ-REEL7 AD-ADM2482EBRWZ-REEL7 Datasheet
670Kb / 20P
   2.5 kV Isolated RS-485 Transceivers with Integrated Transformer Driver
Rev. A
ADM2482E AD-ADM2482E_V01 Datasheet
670Kb / 20P
   2.5 kV Isolated RS-485 Transceivers with Integrated Transformer Driver
Rev. A
More results

Similar Description - ADM2482E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2482E AD-ADM2482E_V01 Datasheet
670Kb / 20P
   2.5 kV Isolated RS-485 Transceivers with Integrated Transformer Driver
Rev. A
logo
Texas Instruments
ISO1176T_1108 TI-ISO1176T_1108 Datasheet
674Kb / 27P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO1176T TI1-ISO1176T_14 Datasheet
1Mb / 28P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO35T TI1-ISO35T Datasheet
740Kb / 25P
[Old version datasheet]   Isolated 3.3V RS-485 Transceiver With Integrated Transformer Driver
ISO1176T TI1-ISO1176T_13 Datasheet
1Mb / 27P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO35T TI1-ISO35T_15 Datasheet
1Mb / 31P
[Old version datasheet]   Isolated 3.3V RS-485 Transceiver With Integrated Transformer Driver
ISO1176T TI-ISO1176T Datasheet
494Kb / 24P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO3086T TI1-ISO3086T Datasheet
519Kb / 24P
[Old version datasheet]   Isolated 5V RS-485 Transceiver With Integrated Transformer Driver
logo
Analog Devices
ADM2485 AD-ADM2485_07 Datasheet
587Kb / 20P
   High Speed, Isolated RS-485 Transceiver with Integrated Transformer Driver
REV. A
logo
Texas Instruments
ISO3086T TI1-ISO3086T_15 Datasheet
1Mb / 31P
[Old version datasheet]   Isolated 5-V RS-485 Transceiver With Integrated Transformer Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com