Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA4939-1 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4939-1
Description  Ultralow Distortion Differential ADC Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4939-1 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4939-1 Datasheet HTML 6Page - Analog Devices ADA4939-1 Datasheet HTML 7Page - Analog Devices ADA4939-1 Datasheet HTML 8Page - Analog Devices ADA4939-1 Datasheet HTML 9Page - Analog Devices ADA4939-1 Datasheet HTML 10Page - Analog Devices ADA4939-1 Datasheet HTML 11Page - Analog Devices ADA4939-1 Datasheet HTML 12Page - Analog Devices ADA4939-1 Datasheet HTML 13Page - Analog Devices ADA4939-1 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADA4939-1/ADA4939-2
Rev. 0 | Page 10 of 24
3
–12
–10
–8
–6
–4
–2
0
2
–11
–9
–7
–5
–3
–1
1
1
10
100
1k
FREQUENCY (MHz)
RL = 1kΩ
RL = 200Ω
VOUT, dm = 100mV p-p
Figure 13. Small Signal Frequency Response for Various Loads
6
–9
–6
–3
3
0
1
10
100
1k
FREQUENCY (MHz)
VOCM = 1.0V
VOCM = 3.9V
VOCM = 2.5V
VOUT, dm = 100mV p-p
Figure 14. VOCM Small Signal Frequency Response at Various DC Levels
0.5
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
1
10
100
1k
FREQUENCY (MHz)
RL = 1kΩ
RL = 200Ω
RL = 1kΩ OUT1
RL = 1kΩ OUT2
RL = 200Ω OUT1
RL = 200Ω OUT2
VOUT, dm = 100mV p-p
Figure 15. 0.1 dB Flatness Small Signal Response for Various Loads
3
–12
–10
–8
–6
–4
–2
0
2
–11
–9
–7
–5
–3
–1
1
1
10
100
1k
FREQUENCY (MHz)
RL = 1kΩ
RL = 200Ω
VOUT, dm = 2V p-p
Figure 16. Large Signal Frequency Response for Various Loads
–55
–115
–110
–105
–100
–95
–90
–85
–80
–75
–70
–65
–60
1
10
100
FREQUENCY (MHz)
VOUT, dm = 2V p-p
HD2, G = 2
HD3, G = 2
HD2, G = 3.16
HD3, G = 3.16
HD2, G = 5
HD3, G = 5
Figure 17. Harmonic Distortion vs. Frequency at Various Gains
–60
–110
–105
–100
–95
–90
–85
–80
–75
–70
–65
1
10
100
FREQUENCY (MHz)
HD2, RL, dm = 1kΩ
HD3, RL, dm = 1kΩ
HD2, RL, dm = 200Ω
HD3, RL, dm = 200Ω
VOUT, dm = 2V p-p
VS = ±2.5V
Figure 18. Harmonic Distortion vs. Frequency at Various Loads


Similar Part No. - ADA4939-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4939-1 AD-ADA4939-1 Datasheet
233Kb / 8P
   Differential Amplifier Evaluation Board for Single
REV. 0
ADA4939-1YCPZ-R2 AD-ADA4939-1YCPZ-R2 Datasheet
590Kb / 24P
   Ultralow Distortion, Differential ADC Driver
ADA4939-1YCPZ-R7 AD-ADA4939-1YCPZ-R7 Datasheet
590Kb / 24P
   Ultralow Distortion, Differential ADC Driver
ADA4939-1YCPZ-RL AD-ADA4939-1YCPZ-RL Datasheet
590Kb / 24P
   Ultralow Distortion, Differential ADC Driver
ADA4939-1 AD-ADA4939-1_16 Datasheet
590Kb / 24P
   Ultralow Distortion, Differential ADC Driver
More results

Similar Description - ADA4939-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4937-1 AD-ADA4937-1_07 Datasheet
627Kb / 28P
   Ultralow Distortion, Differential ADC Driver
REV. 0
ADA4938-2 AD-ADA4938-2_15 Datasheet
573Kb / 28P
   Ultralow Distortion Differential ADC Driver
REV. A
ADA4937-1 AD-ADA4937-1_16 Datasheet
591Kb / 28P
   Ultralow Distortion Differential ADC Driver
ADA4937-2 AD-ADA4937-2_15 Datasheet
959Kb / 29P
   Ultralow Distortion Differential ADC Driver
Rev. D
ADA4937-1 AD-ADA4937-1_15 Datasheet
959Kb / 29P
   Ultralow Distortion Differential ADC Driver
Rev. D
ADA4938-1 AD-ADA4938-1_16 Datasheet
598Kb / 26P
   Ultralow Distortion Differential ADC Driver
ADA4938-1 AD-ADA4938-1_15 Datasheet
573Kb / 28P
   Ultralow Distortion Differential ADC Driver
REV. A
ADA4939-1 AD-ADA4939-1_16 Datasheet
590Kb / 24P
   Ultralow Distortion, Differential ADC Driver
ADA4927-1 AD-ADA4927-1 Datasheet
834Kb / 24P
   Ultralow Distortion Current Feedback Differential ADC Driver
REV. 0
ADA4927-1 AD-ADA4927-1_16 Datasheet
736Kb / 25P
   Ultralow Distortion Current Feedback Differential ADC Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com