Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA112AIDGSTG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PGA112AIDGSTG4
Description  Single-Supply, Single-Ended, Precision Programmable Gain Amplifier with MUX
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PGA112AIDGSTG4 Datasheet(HTML) 3 Page - Texas Instruments

  PGA112AIDGSTG4 Datasheet HTML 1Page - Texas Instruments PGA112AIDGSTG4 Datasheet HTML 2Page - Texas Instruments PGA112AIDGSTG4 Datasheet HTML 3Page - Texas Instruments PGA112AIDGSTG4 Datasheet HTML 4Page - Texas Instruments PGA112AIDGSTG4 Datasheet HTML 5Page - Texas Instruments PGA112AIDGSTG4 Datasheet HTML 6Page - Texas Instruments PGA112AIDGSTG4 Datasheet HTML 7Page - Texas Instruments PGA112AIDGSTG4 Datasheet HTML 8Page - Texas Instruments PGA112AIDGSTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
ELECTRICAL CHARACTERISTICS: VS = AVDD = DVDD = +5V
PGA112
,, PGA113
PGA116, PGA117
www.ti.com ......................................................................................................................................................... SBOS424A – MARCH 2008 – REVISED JUNE 2008
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C, RL = 10kΩ//CL = 100pF connected to DVDD/2, and VREF = GND, unless otherwise noted.
PGA112, PGA113
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
Input Offset Voltage
VOS
AVDD = DVDD = +5V, VREF = VIN = AVDD/2, VCM = 2.5V
±25
±100
µV
AVDD = DVDD = +5V, VREF = VIN = AVDD/2, VCM = 4.5V
±75
±325
µV
vs Temperature, –40°C to +125°C
dVOS/dT
AVDD = DVDD = +5V, VCM = 2.5V
0.35
1.2
µV/°C
vs Temperature, –40°C to +85°C
AVDD = DVDD = +5V, VCM = 2.5V
0.15
0.9
µV/°C
vs Temperature, –40°C to +125°C
AVDD = DVDD = +5V, VCM = 4.5V
0.6
1.8
µV/°C
vs Temperature, –40°C to +85°C
AVDD = DVDD = +5V, VCM = 4.5V
0.3
1.3
µV/°C
AVDD = DVDD = +2.2V to +5.5V, VCM = 0.5V,
vs Power Supply
PSRR
5
20
µV/V
VREF = VIN = AVDD/2
AVDD = DVDD = +2.2V to +5.5V, VCM = 0.5V,
Over Temperature, –40°C to +125°C
5
40
µV/V
VREF = VIN = AVDD/2
INPUT ON-CHANNEL CURRENT
Input On-Channel Current (Ch0, Ch1)
IIN
VREF = VIN = AVDD/2
±1.5
±5
nA
Over Temperature, –40°C to +125°C
VREF = VIN = AVDD/2
See Typical Characteristics
nA
INPUT VOLTAGE RANGE
Input Voltage Range
(1)
IVR
GND – 0.1
AVDD + 0.1
V
Overvoltage Input Range
No Output Phase Reversal
(2)
GND – 0.3
AVDD + 0.3
V
INPUT IMPEDANCE (Channel On)
(3)
Channel Input Capacitance
CCH
2
pF
Channel Switch Resistance
RSW
150
Amplifier Input Capacitance
CAMP
3
pF
Amplifier Input Resistance
RAMP
Input Resistance to GND
10
G
VCAL/CH0
RIN
CAL1 or CAL2 Selected
100
k
GAIN SELECTIONS
Nominal Gains
Binary gains: 1, 2, 4, 8, 16, 32, 64, 128
1
128
Scope gains: 1, 2, 5, 10, 20, 50, 100, 200
1
200
DC Gain Error
G = 1
VOUT = GND + 85mV to DVDD – 85mV
0.006
0.1
%
1 < G
≤ 32
VOUT = GND + 85mV to DVDD – 85mV
0.1
%
G
≥ 50
VOUT = GND + 85mV to DVDD – 85mV
0.3
%
DC Gain Drift
G = 1
VOUT = GND + 85mV to DVDD – 85mV
0.5
ppm/°C
1 < G
≤ 32
VOUT = GND + 85mV to DVDD – 85mV
2
ppm/°C
G
≥ 50
VOUT = GND + 85mV to DVDD – 85mV
6
ppm/°C
Op Amp + Input = 0.9VCAL,
CAL2 DC Gain Error
(4)
0.02
%
VREF = VCAL = AVDD/2, G = 1
Op Amp + Input = 0.9VCAL,
CAL2 DC Gain Drift
(4)
2
ppm/°C
VREF = VCAL = AVDD/2, G = 1
Op Amp + Input = 0.1VCAL,
CAL3 DC Gain Error
(4)
0.02
%
VREF = VCAL = AVDD/2, G = 1
Op Amp + Input = 0.1VCAL,
CAL3 DC Gain Drift
(4)
2
ppm/°C
VREF = VCAL = AVDD/2, G = 1
INPUT IMPEDANCE (Channel Off)
(3)
Input Impedance
CCH
See Figure 1
2
pF
INPUT OFF-CHANNEL CURRENT
VREF = GND, VOFF-CHANNEL = AVDD/2,
Input Off-Channel Current (Ch0, Ch1)
(5)
ILKG
±0.05
±1
nA
VON-CHANNEL = AVDD/2 – 0.1V
VREF = GND, VOFF-CHANNEL = AVDD/2,
Over Temperature, –40°C to +125°C
See Typical Characteristics
VON-CHANNEL = AVDD/2 – 0.1V
Channel-to-Channel Crosstalk
130
dB
(1)
Gain error is a function of the input voltage. Gain error outside of the range (GND + 85mV
≤ VOUT ≤ DVDD – 85mV) increases to 0.5%
(typical).
(2)
Input voltages beyond this range must be current limited to < |10mA| through the input protection diodes on each channel to prevent
permanent destruction of the device.
(3)
See Figure 1.
(4)
Total VOUT error must be computed using input offset voltage error multiplied by gain. Includes op amp G = 1 error.
(5)
Maximum specification limitation limited by final test time and capability.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): PGA112 PGA113


Similar Part No. - PGA112AIDGSTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA112AIDGSTG4 TI-PGA112AIDGSTG4 Datasheet
1Mb / 47P
[Old version datasheet]   Zero-Drift,PROGRAMMABLE GAIN AMPLIFIER with MUX
PGA112AIDGSTG4 TI-PGA112AIDGSTG4 Datasheet
1Mb / 47P
[Old version datasheet]   Zer첩-Drift PROGRAMMABLE GAIN AMPLIFIER with MUX
More results

Similar Description - PGA112AIDGSTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA112 TI-PGA112 Datasheet
833Kb / 38P
[Old version datasheet]   Single-Supply, Single-Ended, Precision Programmable Gain Amplifier with MUX
logo
Linear Technology
LT1920 LINER-LT1920 Datasheet
329Kb / 12P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1920 LINER-LT1920_15 Datasheet
306Kb / 12P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167_02 Datasheet
304Kb / 20P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167_15 Datasheet
364Kb / 22P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167 Datasheet
426Kb / 20P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
logo
Texas Instruments
PGA112_0811 TI-PGA112_0811 Datasheet
1Mb / 47P
[Old version datasheet]   Zer첩-Drift PROGRAMMABLE GAIN AMPLIFIER with MUX
PGA112_0809 TI-PGA112_0809 Datasheet
1Mb / 47P
[Old version datasheet]   Zero-Drift,PROGRAMMABLE GAIN AMPLIFIER with MUX
logo
Linear Technology
LT1168 LINER-LT1168_15 Datasheet
349Kb / 20P
   Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1168 LINER-LT1168_06 Datasheet
363Kb / 20P
   Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com