Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2695IDRG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA2695IDRG4
Description  Dual, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2695IDRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA2695IDRG4 Datasheet HTML 6Page - Texas Instruments OPA2695IDRG4 Datasheet HTML 7Page - Texas Instruments OPA2695IDRG4 Datasheet HTML 8Page - Texas Instruments OPA2695IDRG4 Datasheet HTML 9Page - Texas Instruments OPA2695IDRG4 Datasheet HTML 10Page - Texas Instruments OPA2695IDRG4 Datasheet HTML 11Page - Texas Instruments OPA2695IDRG4 Datasheet HTML 12Page - Texas Instruments OPA2695IDRG4 Datasheet HTML 13Page - Texas Instruments OPA2695IDRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
60
55
50
45
40
35
30
25
20
10
3
10
4
10
5
10
6
10
7
10
8
Frequency(Hz)
-PSRR
+PSRR
CMRR
100
90
80
70
60
50
40
30
20
10
0
0
-20
-40
-60
-80
-100
-120
-140
-160
-180
-200
10
5
10
6
10
7
10
8
10
9
Frequency(Hz)
20log|Z |
OL
Ð ZOL
5
4
3
-5
OutputCurrent(mA)
-250
250
-200
-100
0
100
200
2
-4
-3
-2
-1
0
1
-150
-50
150
50
1W
Internal
Power
1W
Internal
Power
100
LoadLine
W
50
LoadLine
W
25
LoadLine
W
183
182
181
180
179
178
SinkingOutputCurrent
LeftScale
SupplyCurrent
RightScale
SourcingOutputCurrent
LeftScale
AmbientTemperature( C)
°
-50
125
25
75
0
50
100
30
28
26
24
22
20
-25
6
4
-6
Time(100ns/div)
2
-4
-2
0
Input
Output
LinearInput
Range
G=+8V/V
6
4
-6
Time(100ns/div)
2
-4
-2
0
G= 8V/V
R =442
-
W
F
Input
Output
LinearInput
Range
OPA2695
SBOS354 – APRIL 2008..................................................................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (continued)
At G = +8V/V, RF = 402Ω, and RL = 100Ω, unless otherwise noted.
CMRR AND PSRR vs FREQUENCY
OPEN-LOOP TRANSIMPEDANCE GAIN AND PHASE
Figure 19.
Figure 20.
OUTPUT VOLTAGE AND CURRENT LIMITATIONS
SUPPLY AND OUTPUT CURRENT vs TEMPERATURE
Figure 21.
Figure 22.
NONINVERTING OVERDRIVE RECOVERY
INVERTING OVERDRIVE RECOVERY
Figure 23.
Figure 24.
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): OPA2695


Similar Part No. - OPA2695IDRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2695 BURR-BROWN-OPA2695 Datasheet
382Kb / 24P
   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA2695 BURR-BROWN-OPA2695 Datasheet
942Kb / 29P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
OPA2695 BURR-BROWN-OPA2695 Datasheet
945Kb / 31P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
More results

Similar Description - OPA2695IDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA695 TI1-OPA695_16 Datasheet
1Mb / 58P
[Old version datasheet]   Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
OPA695IDGKR TI1-OPA695IDGKR Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA695 TI1-OPA695 Datasheet
965Kb / 48P
[Old version datasheet]   Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
OPA695 TI-OPA695 Datasheet
570Kb / 32P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA2681 BURR-BROWN-OPA2681 Datasheet
292Kb / 21P
   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA2691ID TI-OPA2691ID Datasheet
1Mb / 30P
[Old version datasheet]   Dual Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA685 BURR-BROWN-OPA685 Datasheet
283Kb / 28P
   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable TM
logo
Texas Instruments
OPA3695 TI1-OPA3695_14 Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA681 BURR-BROWN-OPA681 Datasheet
241Kb / 21P
   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA691 TI-OPA691 Datasheet
410Kb / 23P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com