Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ONET8511TY Datasheet(PDF) 10 Page - Texas Instruments

Part # ONET8511TY
Description  11.3 Gbps Linear Transimpedance Amplifier With AGC and RSSI
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ONET8511TY Datasheet(HTML) 10 Page - Texas Instruments

Back Button ONET8511TY Datasheet HTML 6Page - Texas Instruments ONET8511TY Datasheet HTML 7Page - Texas Instruments ONET8511TY Datasheet HTML 8Page - Texas Instruments ONET8511TY Datasheet HTML 9Page - Texas Instruments ONET8511TY Datasheet HTML 10Page - Texas Instruments ONET8511TY Datasheet HTML 11Page - Texas Instruments ONET8511TY Datasheet HTML 12Page - Texas Instruments ONET8511TY Datasheet HTML 13Page - Texas Instruments ONET8511TY Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
www.ti.com
APPLICATION INFORMATION
0.1 F
m
0.1 F
m
RSSI
OUT–
OUT+
VCC_IN
GND
VCC_OUT
220 W
R
RSSI
3
1
4
5
6
7
8
9
10
11
12
18
17
16
15
14
13
2
S0332-01
8511T
ASSEMBLY RECOMMENDATIONS
ONET8511T
SLLS895 – MARCH 2008
Figure 15 shows the ONET8511T being used in a typical fiber optic receiver circuit using the internal photodiode
bias. The ONET8511T converts the electrical current generated by the PIN photodiode into a differential output
voltage. The FILTER inputs provide a DC bias voltage for the PIN that is low pass filtered by the combination of
an internal 220
Ω resistor and a capacitor. Because the voltage drop across the 220 Ω resistor is sensed and
used by the bias circuit, the photodiode must be connected to the FILTER pads for the AGC to function correctly.
The RSSI output is used to mirror the photodiode output current and must be connected using a resistor to GND.
The voltage gain can be adjusted for the intended application by choosing the external resistor; however, for
proper operation of the ONET8511T, ensure that the voltage at RSSI never exceeds VCC–0.65 V. The RSSI
output must be grounded if it is unused.
The OUT+ and OUT– pins are internally terminated by 50
Ω pull-up resisters to VCC. The outputs must be AC
coupled, for example by using 0.1
µF capacitors, to the succeeding device.
Figure 15. Basic Application Circuit
You need to concentrate on assembly parasitics and external components to achieve optimal performance.
Recommendations that optimize performance include:
1. Minimize the total capacitance on the IN pad by using a low capacitance photodiode and compensating for
stray capacitances. Place the photodiode close to the ONET8511T die in order to minimize the bond wire
length and associated parasitic inductance.
2. Use identical termination and symmetrical transmission lines at the AC coupled differential output pins OUT+
and OUT–.
3. Use short bond wire connections for the supply terminals VCC_IN, VCC_OUT and GND. Supply voltage
filtering is provided on chip but filtering may be improved by using an additional external capacitor.
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ONET8511T


Similar Part No. - ONET8511TY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET8501P TI-ONET8501P Datasheet
1Mb / 26P
[Old version datasheet]   11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
ONET8501PB TI1-ONET8501PB Datasheet
1Mb / 27P
[Old version datasheet]   11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
ONET8501PB TI1-ONET8501PB Datasheet
1Mb / 32P
[Old version datasheet]   11.3-Gbps Rate-Selectable Limiting Amplifier
ONET8501PBRGTR TI1-ONET8501PBRGTR Datasheet
1Mb / 27P
[Old version datasheet]   11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
ONET8501PBRGTR TI1-ONET8501PBRGTR Datasheet
1Mb / 32P
[Old version datasheet]   11.3-Gbps Rate-Selectable Limiting Amplifier
More results

Similar Description - ONET8511TY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET8531T TI1-ONET8531T_17 Datasheet
329Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8551T TI1-ONET8551T Datasheet
483Kb / 16P
[Old version datasheet]   11.3-Gbps Limiting Transimpedance Amplifier With RSSI
ONET8541T TI1-ONET8541T Datasheet
485Kb / 16P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8531T TI-ONET8531T Datasheet
387Kb / 15P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8501T TI-ONET8501T Datasheet
396Kb / 15P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8521T TI1-ONET8521T Datasheet
498Kb / 16P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET4291T TI1-ONET4291T Datasheet
639Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET4291TA TI-ONET4291TA Datasheet
960Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET2591TA TI-ONET2591TA Datasheet
949Kb / 15P
[Old version datasheet]   2.5-Gbps Transimpedance Amplifier With AGC and RSSI
ONET4291TA TI1-ONET4291TA_12 Datasheet
963Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com