Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ONET8501P Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ONET8501P
Description  11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ONET8501P Datasheet(HTML) 11 Page - Texas Instruments

Back Button ONET8501P Datasheet HTML 7Page - Texas Instruments ONET8501P Datasheet HTML 8Page - Texas Instruments ONET8501P Datasheet HTML 9Page - Texas Instruments ONET8501P Datasheet HTML 10Page - Texas Instruments ONET8501P Datasheet HTML 11Page - Texas Instruments ONET8501P Datasheet HTML 12Page - Texas Instruments ONET8501P Datasheet HTML 13Page - Texas Instruments ONET8501P Datasheet HTML 14Page - Texas Instruments ONET8501P Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
www.ti.com
ONET8501P
SLLS885 – FEBRUARY 2008
Table 14. Register 9 (0x09) Mapping – LOS Assert Level Register B
register address 9 (0x09)
bit 7
bit 6
bit 5
bit4
bit 3
bit 2
bit 1
bit 0
LOSBSEL
LOSB6
LOSB5
LOSB4
LOSB3
LOSB2
LOSB1
LOSB0
Table 15. Register 10 (0x0A) Mapping – LOS Assert Level Register C
register address 10 (0x0A)
bit 7
bit 6
bit 5
bit4
bit 3
bit 2
bit 1
bit 0
LOSCSEL
LOSC6
LOSC5
LOSC4
LOSC3
LOSC2
LOSC1
LOSC0
Table 16. Register 11 (0x0B) Mapping – LOS Assert Level Register D
register address 11 (0x0B)
bit 7
bit 6
bit 5
bit4
bit 3
bit 2
bit 1
bit 0
LOSDSEL
LOSD6
LOSD5
LOSD4
LOSD3
LOSD2
LOSD1
LOSD0
Table 17. Register 14 (0x0E) Mapping – Selected Rate Setting (Read Only)
register address 14 (0x0E)
bit 7
bit 6
bit 5
bit4
bit 3
bit 2
bit 1
bit 0
SELRATE3
SELRATE2
SELRATE1
SELRATE0
Table 18. Register 15 (0x0F) Mapping – Selected LOS Level (Read Only)
register address 15 (0x0F)
bit 7
bit 6
bit 5
bit4
bit 3
bit 2
bit 1
bit 0
SELLOS6
SELLOS5
SELLOS4
SELLOS3
SELLOS2
SELLOS1
SELLOS0
Table 19. Register Functionality
SYMBOL
REGISTER BIT
FUNCTION
DIS
Output disable bit 3
Output disable bit:
1 = output disabled
0 = output enabled
LOSRNG
LOS Range bit 2
LOS range bit:
1 = high LOS assert voltage range
0 = low LOS assert voltage range
OCDIS
Offset cancellation disable bit 1
Offset cancellation disable bit:
1 = offset cancellation is disabled
0 = offset cancellation is enabled
I2CDIS
I2C disable bit 0
I2C disable bit:
1 = I2C is disabled.
0 = I2C is enabled. This is the default setting.
THADJ7
Input threshold adjust bit 7 (MSB)
Input threshold adjustment setting:
THADJ6
Input threshold adjust bit 6
Maximum positive sift for 00000001 (1)
THADJ5
Input threshold adjust bit 5
Minimum positive shift for 01111111 (127)
THADJ4
Input threshold adjust bit 4
Zero shift for 10000000 (128)
THADJ3
Input threshold adjust bit 3
Minimum negative shift for 10000001 (129)
THADJ2
Input threshold adjust bit 2
Maximum negative shift for 11111111 (255)
THADJ1
Input threshold adjust bit 1
THADJ0
Input threshold adjust bit 0 (LSB)
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :ONET8501P


Similar Part No. - ONET8501P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET8501PB TI1-ONET8501PB Datasheet
1Mb / 27P
[Old version datasheet]   11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
ONET8501PB TI1-ONET8501PB Datasheet
1Mb / 32P
[Old version datasheet]   11.3-Gbps Rate-Selectable Limiting Amplifier
ONET8501PBRGTR TI1-ONET8501PBRGTR Datasheet
1Mb / 27P
[Old version datasheet]   11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
ONET8501PBRGTR TI1-ONET8501PBRGTR Datasheet
1Mb / 32P
[Old version datasheet]   11.3-Gbps Rate-Selectable Limiting Amplifier
ONET8501PBRGTRG4 TI1-ONET8501PBRGTRG4 Datasheet
1Mb / 27P
[Old version datasheet]   11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
More results

Similar Description - ONET8501P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET8501PB TI1-ONET8501PB Datasheet
1Mb / 27P
[Old version datasheet]   11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
ONET8501PB TI1-ONET8501PB_17 Datasheet
1Mb / 32P
[Old version datasheet]   11.3-Gbps Rate-Selectable Limiting Amplifier
ONET1191P TI-ONET1191P Datasheet
538Kb / 15P
[Old version datasheet]   11.3-Gbps Limiting Amplifier
ONET1151P TI1-ONET1151P Datasheet
2Mb / 25P
[Old version datasheet]   11.3 Gbps Limiting Amplifier
ONET1151PRGTT TI-ONET1151PRGTT Datasheet
1Mb / 25P
[Old version datasheet]   11.3 Gbps Limiting Amplifier
ONET1191P TI1-ONET1191P_16 Datasheet
835Kb / 15P
[Old version datasheet]   11.3-Gbps Limiting Amplifier
ONET4291PARGVRG4 TI-ONET4291PARGVRG4 Datasheet
1Mb / 24P
[Old version datasheet]   1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
ONET4291PA TI-ONET4291PA Datasheet
1,016Kb / 23P
[Old version datasheet]   1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
ONET4291PARGVR TI-ONET4291PARGVR Datasheet
1Mb / 24P
[Old version datasheet]   1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
ONET8531T TI1-ONET8531T_16 Datasheet
331Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com