Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ONET1101L Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ONET1101L
Description  11.3 Gbps Laser Diode Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ONET1101L Datasheet(HTML) 6 Page - Texas Instruments

Back Button ONET1101L Datasheet HTML 2Page - Texas Instruments ONET1101L Datasheet HTML 3Page - Texas Instruments ONET1101L Datasheet HTML 4Page - Texas Instruments ONET1101L Datasheet HTML 5Page - Texas Instruments ONET1101L Datasheet HTML 6Page - Texas Instruments ONET1101L Datasheet HTML 7Page - Texas Instruments ONET1101L Datasheet HTML 8Page - Texas Instruments ONET1101L Datasheet HTML 9Page - Texas Instruments ONET1101L Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
www.ti.com
AC ELECTRICAL CHARACTERISTICS
DETAILED DESCRIPTION
EQUALIZER
LIMITER
HIGH-SPEED OUTPUT DRIVER
ONET1101L
SLLS883 – MARCH 2008
Over recommended operating conditions with 25
Ω output load, open loop operation, IMOD = 40 mA, IBIAS = 40 mA, and
RRZTC = 28.7 kΩ. Typical operating condition is at VCC = 3.3 V and TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SDD11
0.01 GHz < f < 3.9 GHz
–16
Differential input return gain
dB
3.9 GHz < f < 12.1 GHz
See note(1)
SCD11
f < 8.25 GHz
–45
Differential to common mode
dB
conversion gain
8.25 GHz < f < 20 GHz
–35
tR-OUT
Output rise time
20% to 80%, tR-IN < 40 ps, 25 Ω load, single-ended
25
35
ps
tF-OUT
Output fall time
20% to 80%, tF-IN < 40 ps, 25 Ω load, single-ended
25
35
ps
IMOD-MIN
Minimum modulation current
10
mA
IMOD-MAX
Maximum modulation current
AC Coupled Outputs
70
85
mA
IMOD-STEP
Modulation current step size
10 Bit Register
83
µA
EQENA = 0, K28.5 pattern at 11.3 Gbps, 100 mVpp,
5
10
600 mVpp, 1200 mVpp differential input voltage
DJ
Deterministic output jitter
psp-p
EQENA = 1, K28.5 pattern at 11.3 Gbps, maximum
equalization with 12” transmission line at the input, 400
7
mVpp at input to transmission line
RJ
Random output jitter
0.4
0.8
psRMS
CAPC = 0.01 µF, IPD = 100 µA,
τ
APC
APC time constant
120
µs
PD coupling ratio, CR = 40(2)
Cross Point Control Range
30%
70%
TOFF
Transmitter disable time
Rising edge of DIS to IBIAS ≤ 0.1 × IBIAS-NOMINAL
(2)
0.05
5
µs
TON
Disable negate time
Falling edge of DIS to IBIAS ≥ 0.9 × IBIAS-NOMINAL
(2)
1
ms
TINIT1
Power-on to initialize
Power-on to registers ready to be loaded
1
10
ms
TINIT2
Initialize to transmit
Register load STOP command to part ready to transmit
2
ms
valid data(2)
TRESET
DIS pulse width
Time DIS must be held high to reset part(2)
100
ns
TFAULT
Fault assert time
Time from fault condition to FLT high(2)
50
µs
(1)
Differential Return Gain given by SDD11, SDD22 = –11.6 + 13.33
× log
10(f÷8.25), f expressed in GHz
(2)
Assured by simulation over process, supply, and temperature variation.
The data signal can be applied to an input equalizer by means of the input signal pins DIN+ / DIN–, which
provide on-chip differential 100
Ω line-termination. The equalizer is enabled by setting EQENA = 1 (bit 1 of
register 0). Equalization of up to 300 mm (12") of microstrip or stripline transmission line on FR4 printed circuit
boards can be achieved. The amount of equalization is digitally controlled by the two-wire interface and control
logic block, and is dependant on the register settings EQADJ[0...7] (register 6). The equalizer can also be turned
off and bypassed by setting EQENA = 0. For details about the equalizer settings, see Table 12 - Register
Functionality.
By limiting the output signal of the equalizer to a fixed value, the limiter removes any overshoot after the input
equalization and provides the input signal for the output driver.
The modulation current is sunk from the common emitter node of the limiting output driver differential pair by
means of a modulation current generator, which is digitally controlled by the 2-wire serial interface.
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s) :ONET1101L


Similar Part No. - ONET1101L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET1130EC TI1-ONET1130EC Datasheet
2Mb / 60P
[Old version datasheet]   11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
ONET1130ECRSMR TI1-ONET1130ECRSMR Datasheet
2Mb / 60P
[Old version datasheet]   11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
ONET1130ECRSMT TI1-ONET1130ECRSMT Datasheet
2Mb / 60P
[Old version datasheet]   11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
ONET1130EP TI1-ONET1130EP Datasheet
2Mb / 55P
[Old version datasheet]   11.7 Gbps Transceiver with Modulator Driver
ONET1130EPRSMR TI1-ONET1130EPRSMR Datasheet
2Mb / 55P
[Old version datasheet]   11.7 Gbps Transceiver with Modulator Driver
More results

Similar Description - ONET1101L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET1151L TI1-ONET1151L Datasheet
1Mb / 31P
[Old version datasheet]   11.3 Gbps Low-Power Laser Diode Driver
logo
Analog Devices
ADN2526 AD-ADN2526 Datasheet
474Kb / 16P
   11.3 Gbps Active Back-Termination, Differential Laser Diode Driver
Rev. A
ADN2531 AD-ADN2531 Datasheet
431Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential Laser Diode Driver
REV. 0
logo
Texas Instruments
ONET1141L TI1-ONET1141L Datasheet
1,021Kb / 30P
[Old version datasheet]   11.3 Gbps Modulator Driver
ONET1191V TI-ONET1191V Datasheet
450Kb / 22P
[Old version datasheet]   11.3-GBPS DIFFERENTIAL VCSEL DRIVER
ONET8501V TI1-ONET8501V_14 Datasheet
1Mb / 29P
[Old version datasheet]   11.3 Gbps Differential VCSEL Driver
logo
Analog Devices
ADN2843 AD-ADN2843_15 Datasheet
335Kb / 12P
   10.709 Gbps Laser Diode Driver Chipset
REV. 0
ADN2843 AD-ADN2843 Datasheet
710Kb / 12P
   10.709 Gbps Laser Diode Driver Chipset
REV. 0
ADN2530 AD-ADN2530_15 Datasheet
376Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. B
logo
Texas Instruments
ONET1191P TI-ONET1191P Datasheet
538Kb / 15P
[Old version datasheet]   11.3-Gbps Limiting Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com