Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ONET1101L Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ONET1101L
Description  11.3 Gbps Laser Diode Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ONET1101L Datasheet(HTML) 5 Page - Texas Instruments

  ONET1101L Datasheet HTML 1Page - Texas Instruments ONET1101L Datasheet HTML 2Page - Texas Instruments ONET1101L Datasheet HTML 3Page - Texas Instruments ONET1101L Datasheet HTML 4Page - Texas Instruments ONET1101L Datasheet HTML 5Page - Texas Instruments ONET1101L Datasheet HTML 6Page - Texas Instruments ONET1101L Datasheet HTML 7Page - Texas Instruments ONET1101L Datasheet HTML 8Page - Texas Instruments ONET1101L Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
www.ti.com
DC ELECTRICAL CHARACTERISTICS
ONET1101L
SLLS883 – MARCH 2008
Over recommended operating conditions with a 25
Ω output load, open loop operation, IMOD = 40 mA, IBIAS = 40 mA, and
RRZTC = 28.7 kΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC
Supply voltage
2.97
3.3
3.63
V
IMOD = 40 mA, IBIAS= 40 mA, excluding IMOD and
66
85
IBIAS, EQENA = 0
IMOD = 80 mA, IBIAS = 80 mA, excluding IMOD and
95
118
IBIAS, EQENA = 0
IVCC
Supply current
mA
IMOD = 40 mA, IBIAS = 40 mA, excluding IMOD and
73
95
IBIAS, EQENA = 1
Output off (DIS = HIGH), IMOD = 40 mA,
42
IBIAS = 40 mA, EQENA = 0
RIN
Data input resistance
Differential between DIN+ / DIN–
80
100
120
SCK, SDA, pull up to VCC
–10
10
µA
Digital input current
DIS, pull down to GND
–10
10
µA
VOH
Digital output high voltage
FLT, pull-up to VCC, ISOURCE = 50 µA
2.4
V
VOL
Digital output low voltage
FLT, pull-up to VCC, ISINK = 350 µA
0.4
V
IBIAS-MIN
Minimum bias current
See table note (1)
5
mA
Sink, BIASPOL = 0
85
100
DAC set to maximum, open and closed loop
IBIAS-MAX
Maximum bias current
mA
Source, BIASPOL = 1
80
100
DAC set to maximum, open and closed loop
IBIAS-DIS
Bias current during disable
100
µA
BIASPOL = 0
0.8
Bias pin compliance voltage
V
BIASPOL = 1
VCC–0.8
VPD
Photodiode reverse bias voltage
APC active, IPD = max
1.3
2.3
V
Photodiode fault current level
Percent of target IPD
(2)
150%
IMONP / IPD with control bit PDRNG = 1X
10%
12.5%
15%
Photodiode current monitor ratio
IMONP / IPD with control bit PDRNG = 01
20%
25%
30%
IMONP / IPD with control bit PDRNG = 00
40%
50%
60%
Bias current monitor ratio
IMONB / IBIAS (nominal 1/100 = 1%)
0.9%
1.0%
1.2%
VCC-RST
VCC reset threshold voltage
VCC voltage level which triggers power-on reset
2.5
2.8
V
VCC-RSTHYS
VCC reset threshold voltage
Hysteresis
100
mV
VMONB-FLT
Fault voltage at MONB
Fault occurs if voltage at MONB exceeds value
1.1
1.16
1.22
V
(1)
The bias current can be set below the specified minimum according to the corresponding register setting; however in closed loop
operation settings below the specified value the bias current can trigger a fault.
(2)
Assured by simulation over process, supply, and temperature variation.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :ONET1101L


Similar Part No. - ONET1101L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET1130EC TI1-ONET1130EC Datasheet
2Mb / 60P
[Old version datasheet]   11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
ONET1130ECRSMR TI1-ONET1130ECRSMR Datasheet
2Mb / 60P
[Old version datasheet]   11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
ONET1130ECRSMT TI1-ONET1130ECRSMT Datasheet
2Mb / 60P
[Old version datasheet]   11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
ONET1130EP TI1-ONET1130EP Datasheet
2Mb / 55P
[Old version datasheet]   11.7 Gbps Transceiver with Modulator Driver
ONET1130EPRSMR TI1-ONET1130EPRSMR Datasheet
2Mb / 55P
[Old version datasheet]   11.7 Gbps Transceiver with Modulator Driver
More results

Similar Description - ONET1101L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET1151L TI1-ONET1151L Datasheet
1Mb / 31P
[Old version datasheet]   11.3 Gbps Low-Power Laser Diode Driver
logo
Analog Devices
ADN2526 AD-ADN2526 Datasheet
474Kb / 16P
   11.3 Gbps Active Back-Termination, Differential Laser Diode Driver
Rev. A
ADN2531 AD-ADN2531 Datasheet
431Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential Laser Diode Driver
REV. 0
logo
Texas Instruments
ONET1141L TI1-ONET1141L Datasheet
1,021Kb / 30P
[Old version datasheet]   11.3 Gbps Modulator Driver
ONET1191V TI-ONET1191V Datasheet
450Kb / 22P
[Old version datasheet]   11.3-GBPS DIFFERENTIAL VCSEL DRIVER
ONET8501V TI1-ONET8501V_14 Datasheet
1Mb / 29P
[Old version datasheet]   11.3 Gbps Differential VCSEL Driver
logo
Analog Devices
ADN2843 AD-ADN2843_15 Datasheet
335Kb / 12P
   10.709 Gbps Laser Diode Driver Chipset
REV. 0
ADN2843 AD-ADN2843 Datasheet
710Kb / 12P
   10.709 Gbps Laser Diode Driver Chipset
REV. 0
ADN2530 AD-ADN2530_15 Datasheet
376Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. B
logo
Texas Instruments
ONET1191P TI-ONET1191P Datasheet
538Kb / 15P
[Old version datasheet]   11.3-Gbps Limiting Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com