Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVS880 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVS880
Description  24 V, EIGHT-CHANNEL DIGITAL-INPUT SERIALIZER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVS880 Datasheet(HTML) 4 Page - Texas Instruments

  SN65HVS880 Datasheet HTML 1Page - Texas Instruments SN65HVS880 Datasheet HTML 2Page - Texas Instruments SN65HVS880 Datasheet HTML 3Page - Texas Instruments SN65HVS880 Datasheet HTML 4Page - Texas Instruments SN65HVS880 Datasheet HTML 5Page - Texas Instruments SN65HVS880 Datasheet HTML 6Page - Texas Instruments SN65HVS880 Datasheet HTML 7Page - Texas Instruments SN65HVS880 Datasheet HTML 8Page - Texas Instruments SN65HVS880 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ABSOLUTE MAXIMUM RATINGS
THERMAL CHARACTERISTICS
RECOMMENDED OPERATING CONDITIONS
SN65HVS880
SLAS592B – MARCH 2008 – REVISED JUNE 2008 .......................................................................................................................................................... www.ti.com
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
V24
Field power input
V24
–0.3
35
V
VIPx
Field digital inputs
IPx
–0.3
35
V
VID
Voltage at any logic input
DB0, DB1, CLK, SIP, CE, LD
–0.5
6
V
IO
Output current
CHOK, SOP
±8
mA
All pins
±4
Human-Body Model(1)
kV
IPx,V24
±15
VESD
Electrostatic discharge
Charged-Device Model(2)
All pins
±1
kV
Machine Model(3)
All pins
±100
V
Continuous total power
PTOT
See Thermal Characteristics table
dissipation
TJ
Junction temperature
170
°C
(1)
JEDEC Standard 22, Method A114-A.
(2)
JEDEC Standard 22, Method C101
(3)
JEDEC Standard 22, Method A115-A
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
θ
JA
Junction-to-air thermal resistance
High-K thermal resistance
35
°C/W
θ
JB
Junction-to-board thermal resistance
15
°C/W
θ
JC
Junction-to-case thermal resistance
4.27
°C/W
ILOAD = 50 mA, RIN = 0, IPO–IP7 = V24 = 30 V,
PD
Device power dissipation
RE7 = FGND, fCLK = 100 MHz,
2591
mW
IIP-LIM and ICC = worst case with RLIM = 25 kΩ
MIN
TYP
MAX
UNIT
V24
Field supply voltage
18
24
30
V
VIPL
Field input low-state input voltage(1)
0
6
V
VIPH
Field input high-state input voltage(1)
10
30
V
VIL
Logic low-state input voltage
0
0.8
V
VIH
Logic high-state input voltage
2
5.5
V
RLIM
Current limiter resistor
17
25
500
k
fIP
Input data rate(2)
0
1
Mbps
TJ
150
°C
TA
–40
85
°C
(1)
Field input voltages correspond to an input resistor of RIN = 1.2 kΩ
(2)
Maximum data rate corresponds to 0 ms debounce time, (DB0 = open, DB1 = FGND), and RIN = 0 Ω
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): SN65HVS880


Similar Part No. - SN65HVS880

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVS881 TI-SN65HVS881 Datasheet
839Kb / 22P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER WITH DIAGNOSTICS
SN65HVS881 TI1-SN65HVS881 Datasheet
1Mb / 22P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER WITH DIAGNOSTICS
SN65HVS881PWP TI1-SN65HVS881PWP Datasheet
1Mb / 22P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER WITH DIAGNOSTICS
SN65HVS881PWPR TI1-SN65HVS881PWPR Datasheet
1Mb / 22P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER WITH DIAGNOSTICS
SN65HVS881 TI1-SN65HVS881_16 Datasheet
1Mb / 22P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER WITH DIAGNOSTICS
More results

Similar Description - SN65HVS880

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVS883 TI1-SN65HVS883 Datasheet
596Kb / 28P
[Old version datasheet]   24 V, Eight-Channel Digital-Input Serializer
SN65HVS885 TI1-SN65HVS885_15 Datasheet
1Mb / 28P
[Old version datasheet]   34-V Digital-Input Serializer
SN65HVS885 TI1-SN65HVS885 Datasheet
828Kb / 21P
[Old version datasheet]   34 V, Digital-Input Serializer for 5V Systems
SN65HVS882 TI-SN65HVS882_1 Datasheet
555Kb / 22P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
SN65HVS882 TI-SN65HVS882 Datasheet
743Kb / 23P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
SN65HVS882 TI-SN65HVS882 Datasheet
758Kb / 23P
[Old version datasheet]   INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER
logo
Maxim Integrated Produc...
MAX31913 MAXIM-MAX31913 Datasheet
1Mb / 15P
   Industrial, Octal, Digital Input Translator/Serializer
Rev 0; 3/13
MAX31913 MAXIM-MAX31913_15 Datasheet
975Kb / 17P
   Industrial, Octal, Digital Input Translator/Serializer
Rev 3; 4/15
MAX31911 MAXIM-MAX31911_V01 Datasheet
878Kb / 17P
   Industrial, Octal, Digital Input Translator/Serializer
19-6441; Rev 7; 8/17
MAX31911 MAXIM-MAX31911_12 Datasheet
2Mb / 15P
   Industrial, Octal, Digital Input Translator/Serializer
Rev 1; 9/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com