Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

168682J100A-F Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part No. 168682J100A-F
Description  Type 168/185 Metallized Polyester Radial Lead Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CDE [Cornell Dubilier Electronics]
Homepage  http://www.cde.com
Logo 

168682J100A-F Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Type 168/185 Metallized Polyester Radial Lead Capacitors
Tape Specification - 5.0 mm Lead Spacing
Item
Code Millimeters
Inches
Standard EIA-468-B
Lead-to-Lead Distance
P 5.0+0.6 –0.2
.197+.024 –.040
Feed Hole Pitch
P
0
12.7±0.3
.5±.012
Pitch of Component
P
1
12.7±1.0
.5±.039
Hole Center to Lead
P
2
3.85±0.7
.152±.028
Feed Hole Center to
P
3
6.35±1.3
.250±.051
Component Center
Component Alignment, F-R
∆h 0±2.0
0±.079
Tape Width
W 18+1.0 –0.1
.709+.039 –.004
Hold-down Tape Width
W
0
6.0 min
.236 min
Hole Position
W
1
9.0+0.75 –0.05 .355+.030 –.001
Hold-down Tape Position
W
2
3.0 Max
.118 Max
Height of Component
H >
>
from Tape Center
Feed Hole Diameter
D
0
4.0±0.3
.157±.012
Case
Thickness Quantity
Quantity
T
Reeled Ammo Pack
2.5
2500
2000
3.5
1800
1500
4.5
1400
1300
5
1200
1000
6
1000
800
> The H dimension depends on the
insertion equipment used. Specify
the proper tooling code as indicated
below.
Tooling
H Dimensions
Code
Millimeters
Inches
A
B
16.5±0.75
18.5±0.75
.679±0.030
.728±0.030
Part Numbering System for Auto Insertion
168/185
104
K
100
R
H
B
–F
Packaging
*Tooling
RoHS
Type
Internal
Code
Compliant
Series
Capacitance Tolerance
Voltage
(#)
Code
(>)
Designation
185
102 = .001 µF J = ±5%
50 = 50 Vdc
A = Ammo
Letter
A
103 = .01 µF
K = ±10%
63 = 63 Vdc
R = Tape & Reel
B
104 = .1 µF
M = ±20%
100 = 100 Vdc
105 = 1.0 µF
250 = 250 Vdc
400 = 400 Vdc
* Tooling code (>) depends on the users insertion equipment requirements. See table for available options.
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn