Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS720 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS720
Description  350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS720 Datasheet(HTML) 3 Page - Texas Instruments

  TPS720 Datasheet HTML 1Page - Texas Instruments TPS720 Datasheet HTML 2Page - Texas Instruments TPS720 Datasheet HTML 3Page - Texas Instruments TPS720 Datasheet HTML 4Page - Texas Instruments TPS720 Datasheet HTML 5Page - Texas Instruments TPS720 Datasheet HTML 6Page - Texas Instruments TPS720 Datasheet HTML 7Page - Texas Instruments TPS720 Datasheet HTML 8Page - Texas Instruments TPS720 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ELECTRICAL CHARACTERISTICS
TPS720xx
www.ti.com ............................................................................................................................................................. SBVS100A – JUNE 2008 – REVISED JUNE 2008
Over operating temperature range (TJ = –40°C to +125°C), VBIAS = (VOUT + 1.4V) or 2.5V (whichever is greater); VIN ≥ VOUT +
0.5V, IOUT = 1mA, VEN = 1.1V, COUT = 2.2µF, unless otherwise noted. Typical values are at TJ = +25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range
1.1(1)
4.5
V
VBIAS
Bias voltage range
2.5
5.5
V
Output voltage range(3)
0.9
3.6
V
Nominal
TJ = +25°C
–3.0
+3.0
mV
VOUT + 1.4V ≤ VBIAS ≤ 5.5V,
Over VBIAS, VIN, IOUT,
VOUT
(2)
Output
VOUT + 0.5V ≤ VIN ≤ 4.5V,
–2.0
+2.0
%
TJ = –40°C to +125°C
accuracy
0mA
≤ IOUT ≤ 350mA
VOUT + 1.4V ≤ VBIAS ≤ 5.5V,
VIN floating
±1.0
%
0
µA ≤ I
OUT ≤ 500µA
ΔVOUT/ΔVIN
VIN line regulation
VIN = (VOUT + 0.5V) to 4.5V, IOUT = 1mA
16
µV/V
VBIAS = (VOUT + 1.4V) or 2.5V (whichever is
ΔVOUT/ΔVBIAS VBIAS line regulation
16
µV/V
greater) to 5.5V, IOUT = 1mA
VIN line transient
ΔVIN = 400mV, tRISE = tFALL = 1µs
±200
µV
VBIAS line transient
ΔVBIAS = 600mV, tRISE = tFALL = 1µs
±0.8
mV
ΔVOUT/ΔIOUT Load regulation
0mA
≤ IOUT ≤ 350mA (no load to full load)
–15
µV/mA
Load transient
0mA
≤ IOUT ≤ 350mA, tRISE = tFALL = 1µs
±15
mV
VIN = VOUT(NOM) – 0.1V,
VDO_IN
VIN dropout voltage
(4)
(VBIAS – VOUT(NOM)) = 1.4V,
110
200
mV
IOUT = 350mA
VDO_BIAS
VBIAS dropout voltage
(5)
VIN = VOUT(NOM) + 0.3V, IOUT = 350mA
1.09
1.4
V
ICL
Output current limit
VOUT = 0.9 × VOUT(NOM)
420
525
800
mA
IOUT = 100µA
38
µA
IGND
Ground pin current
IOUT = 0mA to 350mA
54
80
µA
ISHDN
Shutdown current (IGND)
VEN ≤ 0.4V, TJ = -40°C to +85°C
0.5
2
µA
f = 10Hz
85
dB
f = 100Hz
85
dB
VIN – VOUT ≥ 0.5V,
f = 1kHz
85
dB
VIN power-supply rejection ratio
VBIAS = VOUT + 1.4V,
f = 10kHz
80
dB
IOUT = 350mA
f = 100kHz
70
dB
f = 1MHz
50
dB
PSRR
f = 10Hz
80
dB
f = 100Hz
80
dB
VIN – VOUT ≥ 0.5V,
f = 1kHz
75
dB
VBIAS power-supply rejection ratio
VBIAS = VOUT + 1.4V,
f = 10kHz
65
dB
IOUT = 350mA
f = 100kHz
55
dB
f = 1MHz
35
dB
BW = 10Hz to 100kHz, VBIAS ≥ 2.5V,
VN
Output noise voltage
48
µV
RMS
VIN = VOUT + 0.5V
VBIAS = (VOUT +1.4V) or 2.5V (whichever is
100 +
IVIN_INRUSH
Inrush current on VIN
mA
greater), VIN = VOUT + 0.5V
ILOAD
VOUT = 95% VOUT(NOM), IOUT = 350mA,
tSTR
Startup time
140
µs
COUT = 2.2µF
VEN(HI)
Enable pin high (enabled)
1.1
V
VEN(LO)
Enable pin low (disabled)
0
0.4
V
(1)
Performance specifications are ensured up to a minimum VIN = VOUT + 0.5V.
(2)
Minimum VBIAS = (VOUT + 1.4V) or 2.5V (whichever is greater) and VIN= VOUT + 0.5V.
(3)
VO nominal value is factory programmable through the onchip EEPROM.
(4)
Measured for devices with VOUT(NOM) ≥ 1.2V.
(5)
VBIAS – VOUT with VOUT = VOUT(NOM) – 0.1V. Measured for devices with VOUT(NOM) ≥ 1.8V.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - TPS720

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS720 TI1-TPS720 Datasheet
1Mb / 33P
[Old version datasheet]   350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
TPS720 TI1-TPS720 Datasheet
983Kb / 28P
[Old version datasheet]   350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
TPS720-Q1 TI1-TPS720-Q1 Datasheet
474Kb / 25P
[Old version datasheet]   RF Low-Dropout Linear Regulator
TPS720-Q1 TI1-TPS720-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
TPS720-Q1 TI1-TPS720-Q1 Datasheet
983Kb / 28P
[Old version datasheet]   350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
More results

Similar Description - TPS720

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72009 TI1-TPS72009 Datasheet
850Kb / 25P
[Old version datasheet]   350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS72011 TI-TPS72011 Datasheet
1Mb / 25P
[Old version datasheet]   350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS720XX TI-TPS720XX Datasheet
741Kb / 21P
[Old version datasheet]   350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS720XX_0809 TI-TPS720XX_0809 Datasheet
926Kb / 22P
[Old version datasheet]   350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS720 TI1-TPS720_17 Datasheet
1Mb / 33P
[Old version datasheet]   350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
TPS720 TI1-TPS720_18 Datasheet
983Kb / 28P
[Old version datasheet]   350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
TPS720 TI-TPS720_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS720 350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
logo
SHANGHAI BELLING CO., L...
BL8074 BELLING-BL8074 Datasheet
1,008Kb / 5P
   800mA Ultra-Low Vin Low Dropout Voltage Linear Regulator
logo
ACE Technology Co., LTD...
ACE518C ACE-ACE518C Datasheet
407Kb / 8P
   1A Ultra-Low Vin Low Dropout Voltage Linear Regulator
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8073 BELLING-BL8073 Datasheet
995Kb / 5P
   1A Ultra-Low Vin Low Dropout Voltage Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com