Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO3086 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ISO3086
Description  ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO3086 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ISO3086 Datasheet HTML 2Page - Texas Instruments ISO3086 Datasheet HTML 3Page - Texas Instruments ISO3086 Datasheet HTML 4Page - Texas Instruments ISO3086 Datasheet HTML 5Page - Texas Instruments ISO3086 Datasheet HTML 6Page - Texas Instruments ISO3086 Datasheet HTML 7Page - Texas Instruments ISO3086 Datasheet HTML 8Page - Texas Instruments ISO3086 Datasheet HTML 9Page - Texas Instruments ISO3086 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
GND 2
Input
Generator
50 W
3 Vor 0 V
S1
3V
D
A
B
DE
VI
C includesfixtureand
L
instrumentation
capacitance
Generator: PRR =50 kHz ,50% duty cycle,
r< 6ns, tf < 6ns, Z = 50
t
0 Viftesting A output
,
3 ViftestingBoutput
50%
3V
VOL
tPZL
tPLZ
10%
VO
VI
5V
50%
50%
C =50pF±20%
L
R =110
±1%
L
W
0V
V
ID
IO
A
B
R
I B
I A
V
IC
V
A
V
B
VB
VA+
2
VO
Input
Generator
1.5 V
C includesfixtureand
L
instrumentationcapacitance
A
B
R VO
VI
RE
50 W
Generator: PRR=100 kHz, 50% duty cycle,
r < 6ns, t f < 6ns, ZO = 50 W
t
50%
50%
3 V
VOH
VOL
tf
tr
tPLH
tPHL
10%
90%
50%
50%
0 V
V
O
V
I
C =15pF
±20%
L
50%
VOH
tPZH
t pHZ
50%
3 V
90%
VI
VO
0 V
50%
VCC
Input
Generator
50 W
R
A
B
C includesfixture
L
andinstrumentation
capacitance
RE
VI
VO
CL= 15 pF±20%
S1
1kW
1.5 V
0 V
Generator:PRR=100 kHz, 50% duty cycle ,
r<6ns, tf<6ns, ZO = 50 W
t
±1%
ISO3080, ISO3086
ISO3082, ISO3088
SLOS581A – MAY 2008 – REVISED JUNE 2008 ............................................................................................................................................................... www.ti.com
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 6. Driver Low-Level Output Enable and Disable Time Test Circuit and Voltage Waveform
Figure 7. Receiver Voltage and Current Definitions
Figure 8. Receiver Switching Test Circuit and Waveforms
Figure 9. Receiver Enable Test Circuit and Waveforms, Data Output High
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ISO3080, ISO3086 ISO3082, ISO3088


Similar Part No. - ISO3086

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO3086 TI-ISO3086 Datasheet
628Kb / 19P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3086 TI-ISO3086 Datasheet
633Kb / 19P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3086 TI1-ISO3086 Datasheet
604Kb / 20P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
JANUARY2011
ISO3086DW TI-ISO3086DW Datasheet
628Kb / 19P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3086DW TI-ISO3086DW Datasheet
633Kb / 19P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
More results

Similar Description - ISO3086

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO3080 TI1-ISO3080_11 Datasheet
604Kb / 20P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
JANUARY2011
ISO3080 TI1-ISO3080_15 Datasheet
1Mb / 31P
[Old version datasheet]   Isolated 5-V Full- and Half-Duplex RS-485 Transceivers
ISO3080 TI-ISO3080_09 Datasheet
628Kb / 19P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3080 TI-ISO3080_10 Datasheet
633Kb / 19P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Renesas Technology Corp
ISO15 RENESAS-ISO15 Datasheet
727Kb / 20P
   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Texas Instruments
ISO15MDWR TI1-ISO15MDWR Datasheet
1,010Kb / 24P
[Old version datasheet]   ISOLATED 3.3-V HALF AND FULL-DUPLEX RS-485 TRANSCEIVERS
ISO15 TI-ISO15_08 Datasheet
727Kb / 20P
[Old version datasheet]   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO15 TI-ISO15 Datasheet
1Mb / 32P
[Old version datasheet]   ISOx5 Isolated 3.3-V Half- and Full-Duplex RS-485 Transceivers
MARCH 2015
logo
Analog Devices
ADM4855 AD-ADM4855_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4850 AD-ADM4850_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com