Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2031D1YZFR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2031D1YZFR
Description  2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2031D1YZFR Datasheet(HTML) 1 Page - Texas Instruments

  TPA2031D1YZFR Datasheet HTML 1Page - Texas Instruments TPA2031D1YZFR Datasheet HTML 2Page - Texas Instruments TPA2031D1YZFR Datasheet HTML 3Page - Texas Instruments TPA2031D1YZFR Datasheet HTML 4Page - Texas Instruments TPA2031D1YZFR Datasheet HTML 5Page - Texas Instruments TPA2031D1YZFR Datasheet HTML 6Page - Texas Instruments TPA2031D1YZFR Datasheet HTML 7Page - Texas Instruments TPA2031D1YZFR Datasheet HTML 8Page - Texas Instruments TPA2031D1YZFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
APPLICATION CIRCUIT
_
+
IN-
IN+
PWM
H-
Bridge
VO+
VO-
Internal
Oscillator
CS
ToBattery
VDD
GND
Bias
Circuitry
RI
RI
+
-
Differential
Input
TPA2031D1
SHUTDOWN
A1
A2
A3
B1
B2
B3
C1
C2
C3
IN+
GND
VO-
VDD
PVDD
GND
IN-
SHUTDOWN VO+
1,55mm
9-BALL
WAFERCHIPSCALE
YZF PACKAGE
TPA2031D1DIMENSIONS
(TOPVIEWOFPCB)
Note:PinA1ismarkedwitha “0” for
Pb-free(YZF).
1,40mm
1,55mm
1,40mm
TPA2031D1
www.ti.com........................................................................................................................................................................................................ SLOS546 – MAY 2008
2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
• Ideal for Wireless or Cellular Handsets and
2
• Pin-to-Pin Compatibility with TPA2010D1
PDAs
• 32 ms Start-up Time Eliminates CODEC
Click/Pop noise
• Maximum Battery Life and Minimum Heat
The TPA2031D1 is a 2.5-W high efficiency filter-free
Efficiency With an 8-
Ω Speaker:
class-D audio power amplifier in a 1,45 mm × 1,45
88% at 400 mW
mm wafer chip scale package (WCSP) that requires
2.8-mA Quiescent Current
only three external components.
0.5-
µA Shutdown Current
Features
like
88%
efficiency,
–75-dB
PSRR,
improved RF-rectification immunity, and 8 mm2 total
• Only Three External Components
PCB area make the TPA2031D1 class-D amp ideal
Optimized PWM Output Stage Eliminates
for cellular handsets. 32 ms start-up time allows the
LC Output Filter
TPA2031D1
to
share
the
same
GPIO
Improved PSRR (–75 dB) and Wide Supply
enable/shutdown control as the CODEC without
Voltage (2.5 V to 5.5 V) Eliminates Need for
passing through the CODEC turn-on pop.
a Voltage Regulator
In cellular handsets, the earpiece, speaker phone,
Fully Differential Design Reduces RF
and melody ringer can each be driven by the
Rectification and Eliminates Bypass
TPA2031D1. The TPA2031D1 allows independent
Capacitor
gain while summing signals from separate sources,
and has a low 36
µV noise floor, A-weighted.
Improved CMRR Eliminates Two Input
Coupling Capacitors
• Wafer Chip Scale Packaging (WCSP)
NanoFree™ (YZF)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NanoFree is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPA2031D1YZFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2031D1 TI1-TPA2031D1 Datasheet
1Mb / 24P
[Old version datasheet]   2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
More results

Similar Description - TPA2031D1YZFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DRBRG4 TI1-TPA2005D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_10 Datasheet
592Kb / 44P
   2.8 W filter-free mono class D audio power amplifier
logo
List of Unclassifed Man...
TMPA2055DM ETC-TMPA2055DM Datasheet
219Kb / 11P
   2.7-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA2005D1 TI-TPA2005D1 Datasheet
290Kb / 22P
[Old version datasheet]   1.1 W MONO FILTER FREE CLASS D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com