Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8810PAP Datasheet(PDF) 7 Page - Texas Instruments

Part # DRV8810PAP
Description  COMBINATION MOTOR DRIVERS WITH DC-DC CONVERTERS
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8810PAP Datasheet(HTML) 7 Page - Texas Instruments

Back Button DRV8810PAP Datasheet HTML 3Page - Texas Instruments DRV8810PAP Datasheet HTML 4Page - Texas Instruments DRV8810PAP Datasheet HTML 5Page - Texas Instruments DRV8810PAP Datasheet HTML 6Page - Texas Instruments DRV8810PAP Datasheet HTML 7Page - Texas Instruments DRV8810PAP Datasheet HTML 8Page - Texas Instruments DRV8810PAP Datasheet HTML 9Page - Texas Instruments DRV8810PAP Datasheet HTML 10Page - Texas Instruments DRV8810PAP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
DRV8809
DRV8810
www.ti.com ............................................................................................................................................................... SLVS854A – JULY 2008 – REVISED JULY 2008
over operating free-air temperature range (unless otherwise noted)
VM
Supply voltage(1)
50 V
Logic input voltage range, serial I/F inputs, and reset (2)
–0.3 V to 5.5 V
Continuous total power dissipation (
θ
JA = 20°C/W)
4 W
Continuous motor-drive output current for each H-bridge (100 ms)
3 A
Peak motor-drive output current for each H-bridge (500 ns)
8 A
Continuous DC-DC converter output current
1.5 A
Continuous DC-DC converter output current ODB, C in parallel mode
3.0 A
TJ
Operating junction temperature range (1 h)
0°C to 150°C
Tstg
Storage temperature range
–65°C to 150°C
Lead temperature 1.6 mm (1/16 in) from case for 10 s
260°C
ESD levels on every pin, Human-Body Model (HBM)
2 kV
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The negative spike less than –5 V and narrower than 50-ns duration should not cause any problem.
MIN
NOM
MAX
UNIT
Supply voltage, VM for motor control
18
27
40
V
Supply voltage for DC-DC converter (VDIN)
7
27
40
V
Average output current for motor driver for each H-bridge
800
mA
DC output current for DC-DC converter
1.2
A
DC output current for DC-DC in Ch-B/C parallel mode
2.4
A
Operating ambient temperature
–10
50
°C
Operating junction temperature
0
120
°C
TJ = 0°C to 120°C, VM = 40 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply (Sleep) Current
ISLEEP1
Supply (sleep) current 1
nSLEEP = L, DC-DC all off
4
5
mA
ISLEEP2
Supply (sleep) current 2
nSLEEP = L, VM = 8 V, Full duty cycle
7
10
mA
ISLEEP3
Supply (sleep) current 3
nSLEEP = L, VM = 40 V, Full duty cycle
8
10
mA
TJ = 0°C to 120°C, VM = 7 V to 40 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital Interface Circuit
VIH
Digital high-level input voltage
Digital inputs(1)
2
5
V
IIH
Digital high-level input current
Digital inputs
100
µA
VIL
Digital low-level input voltage
Digital inputs
0.8
V
IIL
Digital low-level input current
Digital inputs
100
µA
Vhys
Digital input hysteresis
Digital inputs
0.3
0.45
0.6
V
Tdegl
Digital input deglitch time
In-Reset
2.5
7.5
µs
(1)
Absolute maximum rating for charge-pump circuit is 60 V.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): DRV8809 DRV8810


Similar Part No. - DRV8810PAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8811 TI-DRV8811 Datasheet
862Kb / 19P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8811 TI-DRV8811 Datasheet
1,023Kb / 22P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8811PWP TI-DRV8811PWP Datasheet
862Kb / 19P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8811PWP TI-DRV8811PWP Datasheet
1,023Kb / 22P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8811PWPR TI-DRV8811PWPR Datasheet
862Kb / 19P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
More results

Similar Description - DRV8810PAP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TJ100F06M3L TOSHIBA-TJ100F06M3L Datasheet
325Kb / 10P
   DC-DC Converters Motor Drivers
TJ200F04M3L TOSHIBA-TJ200F04M3L Datasheet
329Kb / 11P
   DC-DC Converters Motor Drivers
TJ100F04M3L TOSHIBA-TJ100F04M3L Datasheet
313Kb / 10P
   DC-DC Converters Motor Drivers
logo
KEC(Korea Electronics)
KTC3552T KEC-KTC3552T Datasheet
88Kb / 3P
   DC-DC CONVERTERS RELAY DRIVERS, LAMP DRIVERS, MOTOR DRIVERS, STROBES APPLICATION
logo
Toshiba Semiconductor
TPN1600ANH TOSHIBA-TPN1600ANH Datasheet
235Kb / 9P
   DC-DC Converters Switching Voltage Regulators Motor Drivers
TPN22006NH TOSHIBA-TPN22006NH Datasheet
231Kb / 9P
   Switching Voltage Regulators Motor Drivers DC-DC Converters
TK70J04K3Z TOSHIBA-TK70J04K3Z Datasheet
244Kb / 9P
   Switching Voltage Regulators DC-DC Converters Motor Drivers
TJ30S06M3L TOSHIBA-TJ30S06M3L Datasheet
245Kb / 9P
   Automotive Motor Drivers DC-DC Converters Switching Voltage Regulators
TJ50S06M3L TOSHIBA-TJ50S06M3L Datasheet
244Kb / 9P
   Automotive Motor Drivers DC-DC Converters Switching Voltage Regulators
TJ40S04M3L TOSHIBA-TJ40S04M3L Datasheet
241Kb / 9P
   Automotive Motor Drivers DC-DC Converters Switching Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com