Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8809PAP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8809PAP
Description  COMBINATION MOTOR DRIVERS WITH DC-DC CONVERTERS
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8809PAP Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV8809PAP Datasheet HTML 4Page - Texas Instruments DRV8809PAP Datasheet HTML 5Page - Texas Instruments DRV8809PAP Datasheet HTML 6Page - Texas Instruments DRV8809PAP Datasheet HTML 7Page - Texas Instruments DRV8809PAP Datasheet HTML 8Page - Texas Instruments DRV8809PAP Datasheet HTML 9Page - Texas Instruments DRV8809PAP Datasheet HTML 10Page - Texas Instruments DRV8809PAP Datasheet HTML 11Page - Texas Instruments DRV8809PAP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
DRV8809
DRV8810
SLVS854A – JULY 2008 – REVISED JULY 2008 ............................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
TJ = 0°C to 120°C, VM = 7 V to 40 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Charge-Pump VCP (
P = 0.1 µF to 0.47 µF, Cbk = 0.01 µF ± 10%)
VO(CP)
Output voltage
ILOAD = 0 mA,
VM > VthVM2
VM + 10
VM + 13
V
f(CP)
Switching frequency
1.6
MHz
tstart
Start-up time
CStorage = 0.1
µF,
VM ≥ 16 V
0.5
2
ms
Internal Clock OSCi
fOSCi
System clock frequency
5.76
6.4
7.04
MHz
VREF Input
VREF
Reference voltage input
0.8
2.5
3.6
V
Ileak-vr
Input leak current
1
µA
C_SELECT for DC-DC Start-Up Selection (DCDC_MODE = L)
Vcs0
DC-DC all off
0
0.3
V
Vcs1
Turn on ODB then ODA
Pull down by external 200-k
Ω resistor
1.3
2
V
Vcs2
Turn on ODB then ODC
As pin open
3
3.3
V
C_SELECT for DC-DC Start-Up Selection (DCDC_MODE = H or Open, Ch-B/C Parallel Mode)
Vcs0
DC-DC all off
0
0.3
V
Vcs1
Turn on ODB/C then ODA
Pull down by external 200-k
Ω resistor
1.3
2
V
Vcs2
Turn on ODA then ODB/C
As pin open
3
3.6
V
Three DC-DC Converters(2)
1.25 =
VDINOPE
Operating supply voltage
Ratio to VOUT(DC)
V
VO
VoutA = 1.5 V – 30 V,
20 V
≤ VDIN < 40 V
–3
VO
3
ODA
VoutB/C = 1.5 V – 10 V,
6.5 V
≤ VDIN < 20 V
–3
VO
5
ODB
Programmable with external
%
ODC
reference on FBX
VthVM– < VDIN < 6.5 V,
VO ≤ 3.3 V
–3
VO
5
× VDIN > 1.25 × Vout (largest)
VFB
FBX feedback voltage
For ODA/B/C
1.50
V
IO ODx
ODx output current (dc)
With external L and C
1.5
A
ODBC output current (DC)
IO ODBC
With external L and C DCDC_MODE = H
3
A
in Ch-B/Ch-C parallel mode
IO ODx2
Output current (dc) at low VDIN
VDIN = 7 V,
VO = 5 V
0.8
A
IO ODx3
Output current (dc) at low VDIN
VDIN = 7 V,
VO = 3.3 V
1.5
A
fOSCD
Switching (chopping frequency)
fOSCD = (0,0)
90
100
110
kHz
TJ = 25°C
0.35
FET ON resistance at 0.8 A for
Rds(ON)
OD_x
TJ = 120°C
0.50
5.5-V VO at VDIN = VthV_
4
V
VDIN = VthV_, VthV_ = 5-V load (dc) = 0.5
5 V-Low
VO voltage to 5.5 V
–30
%
A(3)
VO voltage drop from VDIN
1
V
VO setting without kick UVP
Vo_min6
when VDIN = VthVM+
VthVM+ = 6-V load (DC) = 0.5 A
(4)
6
V
(VO setting at VDIN = 10 V)
(2)
DCDC_MODE = H, Ch-B and Ch-C are in parallel driving mode.
(3)
Lower VDIN decrease gate drive and the voltage drop is increased. Specified by bench characterization only.
(4)
VOUT (at VDIN = VthVM+) is lower than VO setting. When VDIN is down to VthVM+, undervoltage protection (UVP) shuts down the
device, in case the VO is set as VO > 7 V. Specified by design.
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): DRV8809 DRV8810


Similar Part No. - DRV8809PAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8800 TI-DRV8800 Datasheet
636Kb / 20P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8800 TI-DRV8800 Datasheet
1Mb / 26P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8800 TI1-DRV8800 Datasheet
1Mb / 27P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8800A0RTY TI-DRV8800A0RTY Datasheet
636Kb / 20P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8800PWP TI-DRV8800PWP Datasheet
1Mb / 26P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
More results

Similar Description - DRV8809PAP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TJ100F06M3L TOSHIBA-TJ100F06M3L Datasheet
325Kb / 10P
   DC-DC Converters Motor Drivers
TJ200F04M3L TOSHIBA-TJ200F04M3L Datasheet
329Kb / 11P
   DC-DC Converters Motor Drivers
TJ100F04M3L TOSHIBA-TJ100F04M3L Datasheet
313Kb / 10P
   DC-DC Converters Motor Drivers
logo
KEC(Korea Electronics)
KTC3552T KEC-KTC3552T Datasheet
88Kb / 3P
   DC-DC CONVERTERS RELAY DRIVERS, LAMP DRIVERS, MOTOR DRIVERS, STROBES APPLICATION
logo
Toshiba Semiconductor
TPN1600ANH TOSHIBA-TPN1600ANH Datasheet
235Kb / 9P
   DC-DC Converters Switching Voltage Regulators Motor Drivers
TPN22006NH TOSHIBA-TPN22006NH Datasheet
231Kb / 9P
   Switching Voltage Regulators Motor Drivers DC-DC Converters
TK70J04K3Z TOSHIBA-TK70J04K3Z Datasheet
244Kb / 9P
   Switching Voltage Regulators DC-DC Converters Motor Drivers
TJ30S06M3L TOSHIBA-TJ30S06M3L Datasheet
245Kb / 9P
   Automotive Motor Drivers DC-DC Converters Switching Voltage Regulators
TJ50S06M3L TOSHIBA-TJ50S06M3L Datasheet
244Kb / 9P
   Automotive Motor Drivers DC-DC Converters Switching Voltage Regulators
TJ40S04M3L TOSHIBA-TJ40S04M3L Datasheet
241Kb / 9P
   Automotive Motor Drivers DC-DC Converters Switching Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com