Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5944 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5944
Description  16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5944 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLC5944 Datasheet HTML 16Page - Texas Instruments TLC5944 Datasheet HTML 17Page - Texas Instruments TLC5944 Datasheet HTML 18Page - Texas Instruments TLC5944 Datasheet HTML 19Page - Texas Instruments TLC5944 Datasheet HTML 20Page - Texas Instruments TLC5944 Datasheet HTML 21Page - Texas Instruments TLC5944 Datasheet HTML 22Page - Texas Instruments TLC5944 Datasheet HTML 23Page - Texas Instruments TLC5944 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
Dot Correction (DC) Shift Register and Data Latch
¼
¼
¼
¼
¼
¼
DotCorrectionShiftRegister(6Bits
16Channels)
´
DotCorrectionDataLatch(6Bits
16Channels)
´
SOUT
(DCSEL=H)
DCDataforOUT15
DCDataforOUT14
DCDataforOUT1
¼
DCDataforOUT0
MSB
95
90
89
6
5
LSB
0
OUT1-Bit0
OUT0-Bit5
OUT0-Bit0
OUT15-Bit0
OUT14-Bit5
OUT15-Bit5
SIN
SCLK
(DCSEL=H)
¼
¼
¼
DCDataforOUT15
DCDataforOUT14
DCDataforOUT1
¼
DCDataforOUT0
MSB
95
90
89
6
5
LSB
0
OUT15-Bit0
OUT14-Bit5
OUT15-Bit5
XLAT
(DCSEL=H)
96Bits
ToConstantCurrentDriverBlock
OUT0-Bit0
OUT0-Bit5
OUT1-Bit0
TLC5944
SBVS112 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com
The dot correction (DC) shift register and latches are each 96 bits long and are used to individually adjust the
constant current value for each constant current driver. Each channel can be adjusted from 0% to 100% of the
maximum LED current with 6-bit resolution. Table 2 describes the percentage of maximum current for each dot
correction data. Figure 29 shows the shift register and latch configuration for DC data. Figure 15 illustrates the
timing for writing data into the DC shift registers and latches. Each LED channel current is dot-corrected by the
percentage value that corresponds to the data in the respective DC data latch. DC data present on the SIN pin
are clocked, MSB first, into the DC shift register at each rising edge of the SCLK pin when DCSEL is high. Data
are latched from the shift register into the DC data latch with a rising edge on the XLAT pin when DCSEL is high.
A DCSEL level change is allowed when SCLK is low and 100 ns after the rising edge of XLAT.
When the IC is powered on, the data in the DC shift register and data latch are not set to any default value.
Therefore, dot correction data must be written to the DC latch before turning on the constant current output.
Figure 29. Dot Correction Shift Register and Latch Configuration
20
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TLC5944


Similar Part No. - TLC5944

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5944 TI-TLC5944 Datasheet
982Kb / 34P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
TLC5944PWP TI-TLC5944PWP Datasheet
982Kb / 34P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
TLC5944PWP TI1-TLC5944PWP Datasheet
1Mb / 38P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
TLC5944PWPR TI-TLC5944PWPR Datasheet
982Kb / 34P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
TLC5944PWPR TI1-TLC5944PWPR Datasheet
1Mb / 38P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
More results

Similar Description - TLC5944

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5944 TI1-TLC5944_16 Datasheet
1Mb / 38P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
TLC5944 TI-TLC5944_1 Datasheet
982Kb / 34P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
TLC5946 TI1-TLC5946_16 Datasheet
1Mb / 41P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC59461 TI-TLC59461 Datasheet
840Kb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946 TI-TLC5946 Datasheet
793Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946_0806 TI-TLC5946_0806 Datasheet
795Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946 TI1-TLC5946_17 Datasheet
1Mb / 41P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5924 TI1-TLC5924_16 Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND PRE-CHARGE FET
TLC5924 TI-TLC5924 Datasheet
742Kb / 23P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND PRE-CHARGE FET
TLC5942 TI-TLC5942 Datasheet
1Mb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com