Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD19NE06L Datasheet(PDF) 2 Page - STMicroelectronics

Part # STD19NE06L
Description  N - CHANNEL 60V - 0.038 ohm - 19A - TO-251/TO-252 STripFET POWER MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD19NE06L Datasheet(HTML) 2 Page - STMicroelectronics

  STD19NE06L Datasheet HTML 1Page - STMicroelectronics STD19NE06L Datasheet HTML 2Page - STMicroelectronics STD19NE06L Datasheet HTML 3Page - STMicroelectronics STD19NE06L Datasheet HTML 4Page - STMicroelectronics STD19NE06L Datasheet HTML 5Page - STMicroelectronics STD19NE06L Datasheet HTML 6Page - STMicroelectronics STD19NE06L Datasheet HTML 7Page - STMicroelectronics STD19NE06L Datasheet HTML 8Page - STMicroelectronics STD19NE06L Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
THERMAL DATA
Rthj-case
Rthj-amb
Rthc-sink
T l
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient
Max
Thermal Resistance Case-sink
T yp
Maximum Lead Temperature F or Soldering Purpose
3.33
100
1.5
275
oC/W
oC/W
oC/W
oC
AVALANCHE CHARACTERISTICS
Symbo l
Parameter
Max Value
Unit
IAR
Avalanche Current, Repetitive or Not-Repetitive
(pulse width limited by Tj max)
19
A
EAS
Single Pulse Avalanche Energy
(starting Tj =25
oC, ID =IAR,VDD =35V)
50
mJ
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
OFF
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID =250
µAVGS =0
60
V
IDSS
Zero Gat e Voltage
Drain Current (VGS =0)
VDS =Max Rating
VDS =Max Rating
Tc = 125
oC
1
10
µA
µA
IGSS
Gat e-body Leakage
Current (VDS =0)
VGS =
± 20 V
± 100
nA
ON (
∗)
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
VGS(th)
Gat e Threshold Voltage VDS =VGS
ID = 250
µA1
1.7
2. 5
V
RDS(on)
Static Drain-source On
Resistance
VGS =5V
I D =9.5 A
VGS = 10V
ID =9.5 A
0.048
0.038
0.06
0.05
ID(o n)
On State Drain Current
VDS >ID(o n) xRDS(on )max
VGS =10 V
19
A
DYNAMIC
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
gfs (
∗)Forward
Transconductance
VDS >ID(o n) xRDS(on )max
ID =9.5 A
7
14
S
Ciss
Cos s
Crss
Input Capacitance
Out put Capacitance
Reverse Transfer
Capacitance
VDS = 25V
f = 1MHz
VGS = 0
1350
195
58
pF
pF
pF
STD19NE06L
2/9


Similar Part No. - STD19NE06L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD19NE06 STMICROELECTRONICS-STD19NE06 Datasheet
306Kb / 9P
   N-CHANNEL 60V - 0.042 W - 19A IPAK/DPAK STripFET POWER MOSFET
More results

Similar Description - STD19NE06L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD12NE06L STMICROELECTRONICS-STD12NE06L Datasheet
92Kb / 9P
   N - CHANNEL 60V - 0.09ohm- 12A TO-251/TO-252 STripFET POWER MOSFET
STD25NE03L STMICROELECTRONICS-STD25NE03L Datasheet
91Kb / 9P
   N - CHANNEL 30V - 0.019 ohm - 25A - TO-251/TO-252 STripFET POWER MOSFET
STD5NE10 STMICROELECTRONICS-STD5NE10 Datasheet
43Kb / 3P
   N - CHANNEL 100V - 0.32 ohm - 5A TO-251/TO-252 STripFET] POWER MOSFET
STD16NE06L-1 STMICROELECTRONICS-STD16NE06L-1 Datasheet
55Kb / 5P
   N - CHANNEL 60V - 0.07 ohm - 16A - TO-251 STripFET POWER MOSFET
STD30NE06L STMICROELECTRONICS-STD30NE06L Datasheet
86Kb / 8P
   N - CHANNEL 60V - 0.025 ohm - 30A TO-252 STripFET POWER MOSFET
logo
Xian Semipower Electron...
SWI4N65 SEMIPOWER-SWI4N65 Datasheet
753Kb / 7P
   N-channel MOSFET (TO-251 , TO-252)
logo
STMicroelectronics
STD10PF06 STMICROELECTRONICS-STD10PF06 Datasheet
85Kb / 8P
   P - CHANNEL 60V - 0.18 ohm - 10A TO-252 STripFET POWER MOSFET
logo
Xian Semipower Electron...
SWI50N06A SEMIPOWER-SWI50N06A Datasheet
494Kb / 7P
   N-channel MOSFET (TO-251 , TO-252)
SWI2N60 SEMIPOWER-SWI2N60 Datasheet
724Kb / 7P
   N-channel MOSFET (TO-251 , TO-252)
logo
STMicroelectronics
STD40NE03L STMICROELECTRONICS-STD40NE03L Datasheet
86Kb / 8P
   N - CHANNEL 30V - 0.012 ohm - 40A TO-252 STripFET POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com