Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

066182U6R3FE2 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part No. 066182U6R3FE2
Description  Type 066/066R 85 °C & 105 °C, Standard, Axial Leaded, Aluminum
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

066182U6R3FE2 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  066182U6R3FE2 Datasheet HTML 1Page - Cornell Dubilier Electronics 066182U6R3FE2 Datasheet HTML 2Page - Cornell Dubilier Electronics 066182U6R3FE2 Datasheet HTML 3Page - Cornell Dubilier Electronics 066182U6R3FE2 Datasheet HTML 4Page - Cornell Dubilier Electronics 066182U6R3FE2 Datasheet HTML 5Page - Cornell Dubilier Electronics 066182U6R3FE2 Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Type 066/066R 85 °C & 105 °C, Standard, Axial Leaded, Aluminum
85 °C & 105 °C, Standard
Ideal for general purpose use where long life at rated
temperature and operating voltage are important.
Type 066 is equipped with a molded top and uses
an o-ring to ensure a long life seal and an expected
life of more than ten years in most applications.
Type 066X has extra capacitance. Type 066R has
lower ESR and higher ripple capability.
Highlights
Long life, more than ten years in most applications
Molded top
Low DCL
High Ripple
General purpose
Specifications
Operating Temperature:
40 °C to +85 °C (Type 066R
40 °C to +105 °C)
Rated Voltage:
6.3 to 450 Vdc
Capacitance:
8.2 F to 68,000 F
Capacitance Tolerance:
10 + 75%
Leakage Current:
0.005 CV A @ +25 °C,
0.04 CV A @ 85 °C
Ripple Current Multipliers:
Ambient Temperature
Frequency
50 Hz
60 Hz
120 Hz
360 Hz 1 kHz
5 kHz
10 kHz+
0-60 F
0.85
1.00
1.10
1.15
1.15
1.15
1.15
61-200 F
0.83
1.00
1.15
1.20
1.20
1.20
1.20
201-450 F
0.80
1.00
1.15
1.30
1.30
1.30
1.30
Type
45 °C
55 °C
65 °C
75 °C
85 °C
95 °C
105 °C
066
2.24
2.00
1.73
1.41
1.00
0.0
0.0
066R
1.68
1.54
1.38
1.21
1.00
0.74
0.30
Load Life:
1,000 h @ +85 °C
Capacitance
10%
ESR 150% of limit
DCL 100% of limit
Shelf Life:
100 h at 85 °C, capacitance, ESR and DCL, initial requirements
Vibration:
10 to 55 Hz; 0.06” and 10 g max, 2 h. in each plane
Outline Drawings
1.5” min
(38mm min)
L
d
D
d = 20 AWG for D < 0.75”, 18 AWG for D
0.75”
1.5” min
(38mm min)
CDM Cornell Dubilier • 140 Technology Place. • Liberty, SC• 29657 • Phone: (864)843-2277 • Fax: (864) 843-3800 • www.cde.com


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
057152U6R3FE2 Type 057 105 °C Military Grade Axial Leaded Aluminum 1  2  3  4  Cornell Dubilier Electronics
066182U6R3FE2 Standard Axial Leaded Aluminum 1  2  3  4  5  More List of Unclassifed Manufacturers
1N5550 Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode 1  2  3  4  Semtech Corporation
517D Aluminum Capacitors + 105 °C General Purpose Miniature Radial Lead 1  2  3  4  5  More Vishay Siliconix
SQP AXIAL LEAD TYPE Standard TypeSQP Series Non-Inductive TypeNSP Series 1  2  List of Unclassifed Manufacturers
057152U6R3FE2 Military Grade Axial Leaded Aluminum 1  2  3  4  List of Unclassifed Manufacturers
WBR100-16A Industrial Grade Axial Leaded Aluminum 1  2  List of Unclassifed Manufacturers
3PM2 AXIAL LEADED HERMETICALLY SEALED STANDARD RECOVERY RECTIFIER DIODE 1  2  3  Semtech Corporation
361R222M6R3EG2 105 ˚C Miniature Industrial Grade Radial Leaded 1  2  3  4  5  List of Unclassifed Manufacturers
VPR881U6R3E1A Radial Leaded Aluminum Electrolytic 1  2  3  4  List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn