Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSSW109 Datasheet(PDF) 7 Page - NICHIA CORPORATION

Part # NSSW109
Description  SPECIFICATIONS FOR NICHIA CHIP TYPE WHITE LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSW109 Datasheet(HTML) 7 Page - NICHIA CORPORATION

Back Button NSSW109 Datasheet HTML 3Page - NICHIA CORPORATION NSSW109 Datasheet HTML 4Page - NICHIA CORPORATION NSSW109 Datasheet HTML 5Page - NICHIA CORPORATION NSSW109 Datasheet HTML 6Page - NICHIA CORPORATION NSSW109 Datasheet HTML 7Page - NICHIA CORPORATION NSSW109 Datasheet HTML 8Page - NICHIA CORPORATION NSSW109 Datasheet HTML 9Page - NICHIA CORPORATION NSSW109 Datasheet HTML 10Page - NICHIA CORPORATION NSSW109 Datasheet HTML 11Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
-6-
Nichia
STSE-CC7168A
<Cat.No.070720>
(5) Cleaning
· It is recommended that isopropyl alcohol be used as a solvent for cleaning the LEDs.
When using
other solvents, it should be confirmed beforehand whether the solvents will dissolve the package and the
resin or not.
Freon solvents should not be used to clean the LEDs because of worldwide regulations.
· Do not clean the LEDs by the ultrasonic.
When it is absolutely necessary, the influence of ultrasonic
cleaning on the LEDs depends on factors such as ultrasonic power and the assembled condition.
Before cleaning, a pre-test should be done to confirm whether any damage to the LEDs will occur.
(6) Static Electricity
· Static electricity or surge voltage damages the LEDs.
It is recommended that a wrist band or an anti-electrostatic glove be used when handling the LEDs.
· All devices, equipment and machinery must be properly grounded.
It is recommended that precautions
be taken against surge voltage to the equipment that mounts the LEDs.
· When inspecting the final products in which LEDs were assembled, it is recommended to check
whether the assembled LEDs are damaged by static electricity or not.
It is easy to find
static-damaged LEDs by a light-on test or a VF test at a lower current (below 1mA is recommended).
· Damaged LEDs will show some unusual characteristics such as the forward voltage becomes lower,
or the LEDs do not light at the low current.
Criteria : (VF > 2.0V
at
IF=0.5mA)
(7) Others
· NSSW109 complies with RoHS Directive.
· The LED light output is strong enough to injure human eyes.
Precautions must be taken to prevent
looking directly at the LEDs with unaided eyes for more than a few seconds.
· Flashing lights have been known to cause discomfort in people; you can prevent this by taking
precautions during use.
Also, people should be cautious when using equipment that has had LEDs
incorporated into it.
· The LEDs described in this brochure are intended to be used for ordinary electronic equipment (such
as office equipment, communications equipment, measurement instruments and household appliances).
Consult Nichia’s sales staff in advance for information on the applications in which exceptional quality
and reliability are required, particularly when the failure or malfunction of the LEDs may directly
jeopardize life or health (such as for airplanes, aerospace, submersible repeaters, nuclear reactor
control systems, automobiles, traffic control equipment, life support systems and safety devices).
· User shall not reverse engineer by disassembling or analysis of the LEDs without having prior written
consent from Nichia.
When defective LEDs are found, the User shall inform Nichia directly before
disassembling or analysis.
· The formal specifications must be exchanged and signed by both parties before large volume purchase begins.
· The appearance and specifications of the product may be modified for improvement without notice.


Similar Part No. - NSSW109

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSSW100CT NICHIA-NSSW100CT Datasheet
417Kb / 13P
   TYPE WHITE LED
logo
Marl International Limi...
NSSW100D MARL-NSSW100D Datasheet
246Kb / 13P
   WHITE LED
logo
NICHIA CORPORATION
NSSW100DT NICHIA-NSSW100DT Datasheet
245Kb / 13P
   TYPE WHITE LED
NSSW105T NICHIA-NSSW105T Datasheet
310Kb / 13P
   TYPE WHITE LED
NSSW108 NICHIA-NSSW108 Datasheet
293Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WHITE LED
More results

Similar Description - NSSW109

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSCW100 NICHIA-NSCW100 Datasheet
367Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WHITE LED
NSSW108T NICHIA-NSSW108T Datasheet
293Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WHITE LED
logo
List of Unclassifed Man...
NSSW440TVR ETC2-NSSW440TVR Datasheet
348Kb / 11P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WHITE LED
NFSW036BT ETC1-NFSW036BT Datasheet
709Kb / 14P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WHITE LED
logo
NICHIA CORPORATION
NCSL119T-H1 NICHIA-NCSL119T-H1 Datasheet
1Mb / 17P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WARM WHITE LED
NSSL100CT NICHIA-NSSL100CT Datasheet
346Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WARM WHITE LED
NSSL100DT NICHIA-NSSL100DT Datasheet
259Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WARM WHITE LED
NCSL119AT-H1 NICHIA-NCSL119AT-H1 Datasheet
1Mb / 17P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WARM WHITE LED
logo
List of Unclassifed Man...
NSPWF50BS ETC-NSPWF50BS Datasheet
371Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
logo
NICHIA CORPORATION
NSPWR70CSS-K1 NICHIA-NSPWR70CSS-K1 Datasheet
587Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com