Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSPB513A Datasheet(PDF) 10 Page - NICHIA CORPORATION

Part # NSPB513A
Description  BLUE LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSPB513A Datasheet(HTML) 10 Page - NICHIA CORPORATION

Back Button NSPB513A Datasheet HTML 6Page - NICHIA CORPORATION NSPB513A Datasheet HTML 7Page - NICHIA CORPORATION NSPB513A Datasheet HTML 8Page - NICHIA CORPORATION NSPB513A Datasheet HTML 9Page - NICHIA CORPORATION NSPB513A Datasheet HTML 10Page - NICHIA CORPORATION NSPB513A Datasheet HTML 11Page - NICHIA CORPORATION NSPB513A Datasheet HTML 12Page - NICHIA CORPORATION NSPB513A Datasheet HTML 13Page - NICHIA CORPORATION NSPB513A Datasheet HTML 14Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
1mA(474nm)
5mA(473nm)
20mA(471nm)
50mA(469nm)
110mA(468nm)
477
473
471
465
475
469
467
477
473
471
465
475
469
467
0.10 0.11 0.12 0.13 0.14 0.15
1
5 10 20
200
50 110
350 400 450 500
600 650
550
IFP=20mA
020
60 80 100
40
-40 -20
Directivity
Radiation Angle
10° 20°
30°
40°
50°
60°
70°
80°
90°
1.0
0.5
0
Spectrum
Forward Current vs.
Chromaticity Coordinate D)
Ambient Temperature vs.
Dominant Wavelength
Forward Current vs.
Dominant Wavelength
Forward Current IFP (mA)
Ambient Temperature Ta (°C)
xx
30°
0.5
90°
60°
1.0
Ta=25°C
Ta=25°C
Wavelength
λ (nm)
1.2
1.0
0.8
0.4
0.2
0
0.6
Ta=25°C
IF=20mA
Ta=25°C
IFP=20mA
0.11
0.10
0.09
0.08
0.07
0.06
Model
NSPB513A
NICHIA CORPORATION Title
No.
071018702121
CHARACTERISTICS


Similar Part No. - NSPB513A

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPB513 NICHIA-NSPB513 Datasheet
228Kb / 15P
   BLUE LED
More results

Similar Description - NSPB513A

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPB310B NICHIA-NSPB310B Datasheet
227Kb / 15P
   BLUE LED
NSPB500AS NICHIA-NSPB500AS Datasheet
230Kb / 15P
   BLUE LED
NSPB513 NICHIA-NSPB513 Datasheet
228Kb / 15P
   BLUE LED
NSPB520S NICHIA-NSPB520S Datasheet
295Kb / 15P
   BLUE LED
logo
Lucky Light Electronic
LL-484BC1C-B4-3B LUCKY-LIGHT-LL-484BC1C-B4-3B Datasheet
135Kb / 7P
   Blue LED
logo
Marl International Limi...
NSPB500AS MARL-NSPB500AS Datasheet
489Kb / 14P
   BLUE LED
NSPB300B MARL-NSPB300B Datasheet
474Kb / 14P
   BLUE LED
NSPB510AS MARL-NSPB510AS Datasheet
696Kb / 14P
   BLUE LED
logo
Lucky Light Electronic
LL-544BD2I-B4-3B-T LUCKY-LIGHT-LL-544BD2I-B4-3B-T_15 Datasheet
134Kb / 7P
   Blue LED
LL-304BC4B-B4-2GD LUCKY-LIGHT-LL-304BC4B-B4-2GD_15 Datasheet
134Kb / 7P
   Blue LED
LL-304BC2L-B4-3B LUCKY-LIGHT-LL-304BC2L-B4-3B Datasheet
135Kb / 7P
   Blue LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com