Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8164ICPW Datasheet(PDF) 10 Page - Texas Instruments

Part # DAC8164ICPW
Description  14-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8164ICPW Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC8164ICPW Datasheet HTML 6Page - Texas Instruments DAC8164ICPW Datasheet HTML 7Page - Texas Instruments DAC8164ICPW Datasheet HTML 8Page - Texas Instruments DAC8164ICPW Datasheet HTML 9Page - Texas Instruments DAC8164ICPW Datasheet HTML 10Page - Texas Instruments DAC8164ICPW Datasheet HTML 11Page - Texas Instruments DAC8164ICPW Datasheet HTML 12Page - Texas Instruments DAC8164ICPW Datasheet HTML 13Page - Texas Instruments DAC8164ICPW Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
TYPICAL CHARACTERISTICS: DAC at AVDD = 5V
2
1
0
-1
-2
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
0
2048
4096
6144
8192
DigitalInputCode
10240 12288 14336 16384
ChannelA,AV
=5V,
ternalV
=4.99V
DD
REF
Ex
2
1
0
-1
-2
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
0
2048
4096
6144
8192
DigitalInputCode
10240 12288 14336 16384
ChannelB,AV
=5V,
ternalV
=4.99V
DD
REF
Ex
2
1
0
-1
-2
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
0
2048
4096
6144
8192
DigitalInputCode
10240 12288 14336 16384
ChannelC,AV
=5V,
ternalV
=4.99V
DD
REF
Ex
2
1
0
-1
-2
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
0
2048
4096
6144
8192
DigitalInputCode
10240 12288 14336 16384
ChannelD,AV
=5V,
ternalV
=4.99V
DD
REF
Ex
2
1
0
-1
-2
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
0
2048
4096
6144
8192
DigitalInputCode
10240 12288 14336 16384
ChannelA,AV
=5V,
ternalV
=4.99V
DD
REF
Ex
2
1
0
-1
-2
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
0
2048
4096
6144
8192
DigitalInputCode
10240 12288 14336 16384
ChannelB,AV
=5V,ExternalV
=4.99V
DD
REF
DAC8164
SBAS410A – FEBRUARY 2008 – REVISED FEBRUARY 2008 ......................................................................................................................................... www.ti.com
At TA = +25°C, external reference used, DAC output not loaded, and all DAC codes in straight binary data format, unless
otherwise noted.
LINEARITY ERROR AND
LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs DIGITAL INPUT CODE (–40
°C)
vs DIGITAL INPUT CODE (–40
°C)
Figure 13.
Figure 14.
LINEARITY ERROR AND
LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs DIGITAL INPUT CODE (–40
°C)
vs DIGITAL INPUT CODE (–40
°C)
Figure 15.
Figure 16.
LINEARITY ERROR AND
LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs DIGITAL INPUT CODE (+25
°C)
vs DIGITAL INPUT CODE (+25
°C)
Figure 17.
Figure 18.
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): DAC8164


Similar Part No. - DAC8164ICPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8164 TI-DAC8164 Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8164 TI1-DAC8164 Datasheet
1Mb / 51P
[Old version datasheet]   16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output
DAC8164 TI1-DAC8164 Datasheet
750Kb / 47P
[Old version datasheet]   14-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter with 2.5V, 2ppmC Internal Reference
More results

Similar Description - DAC8164ICPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7564 TI-DAC7564 Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8565 TI-DAC8565 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8564 TI-DAC8564 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC7565 TI-DAC7565 Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8564 TI-DAC8564_15 Datasheet
1Mb / 51P
[Old version datasheet]   16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8560 TI-DAC8560_15 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter with 2.5V, 2ppm/째C Internal Reference
logo
Burr-Brown (TI)
DAC8560 BURR-BROWN-DAC8560 Datasheet
995Kb / 29P
   16-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
logo
Texas Instruments
DAC7568 TI-DAC7568 Datasheet
2Mb / 58P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC7568 TI-DAC7568_10 Datasheet
2Mb / 58P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC7568_101 TI-DAC7568_101 Datasheet
2Mb / 60P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com