Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8164IBPWRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # DAC8164IBPWRG4
Description  14-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8164IBPWRG4 Datasheet(HTML) 5 Page - Texas Instruments

  DAC8164IBPWRG4 Datasheet HTML 1Page - Texas Instruments DAC8164IBPWRG4 Datasheet HTML 2Page - Texas Instruments DAC8164IBPWRG4 Datasheet HTML 3Page - Texas Instruments DAC8164IBPWRG4 Datasheet HTML 4Page - Texas Instruments DAC8164IBPWRG4 Datasheet HTML 5Page - Texas Instruments DAC8164IBPWRG4 Datasheet HTML 6Page - Texas Instruments DAC8164IBPWRG4 Datasheet HTML 7Page - Texas Instruments DAC8164IBPWRG4 Datasheet HTML 8Page - Texas Instruments DAC8164IBPWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
PIN CONFIGURATIONS
V
A
OUT
LDAC
ENABLE
A1
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
DAC8164
V
B
OUT
V
H/V
OUT
REF
REF
AV
DD
V
L
REF
GND
V
C
OUT
V
D
OUT
A0
IOV
DD
D
IN
SCLK
SYNC
DAC8164
www.ti.com ......................................................................................................................................... SBAS410A – FEBRUARY 2008 – REVISED FEBRUARY 2008
PW PACKAGE
TSSOP-16
(Top View)
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
1
VOUTA
Analog output voltage from DAC A
2
VOUTB
Analog output voltage from DAC B
VREFH/
3
Positive reference input / reference output 2.5V if internal reference used.
VREFOUT
4
AVDD
Power-supply input, 2.7V to 5.5V
5
VREFL
Negative reference input
6
GND
Ground reference point for all circuitry on the part
7
VOUTC
Analog output voltage from DAC C
8
VOUTD
Analog output voltage from DAC D
Level-triggered control input (active low). This input is the frame synchronization signal for the input data. When SYNC
goes low, it enables the input shift register, and data are sampled on subsequent falling clock edges. The DAC output
9
SYNC
updates following the 24th clock. If SYNC is taken high before the 24th clock edge, the rising edge of SYNC acts as
an interrupt, and the write sequence is ignored by the DAC8164. Schmitt-Trigger logic input.
10
SCLK
Serial clock input. Data can be transferred at rates up to 50MHz. Schmitt-Trigger logic input.
Serial data input. Data are clocked into the 24-bit input shift register on each falling edge of the serial clock input.
11
DIN
Schmitt-Trigger logic input.
12
IOVDD
Digital input-output power supply
13
A0
Address 0—sets device address; see Table 5.
14
A1
Address 1—sets device address; see Table 5.
15
ENABLE
The enable pin (active low) connects the SPI interface to the serial port
16
LDAC
Load DACs; rising edge triggered, loads all DAC registers
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): DAC8164


Similar Part No. - DAC8164IBPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8164 TI-DAC8164 Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8164 TI1-DAC8164 Datasheet
1Mb / 51P
[Old version datasheet]   16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output
DAC8164 TI1-DAC8164 Datasheet
750Kb / 47P
[Old version datasheet]   14-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter with 2.5V, 2ppmC Internal Reference
More results

Similar Description - DAC8164IBPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7564 TI-DAC7564 Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8565 TI-DAC8565 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8564 TI-DAC8564 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC7565 TI-DAC7565 Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8564 TI-DAC8564_15 Datasheet
1Mb / 51P
[Old version datasheet]   16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8560 TI-DAC8560_15 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter with 2.5V, 2ppm/째C Internal Reference
logo
Burr-Brown (TI)
DAC8560 BURR-BROWN-DAC8560 Datasheet
995Kb / 29P
   16-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
logo
Texas Instruments
DAC7568 TI-DAC7568 Datasheet
2Mb / 58P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC7568 TI-DAC7568_10 Datasheet
2Mb / 58P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC7568_101 TI-DAC7568_101 Datasheet
2Mb / 60P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com