Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

400C152M350BH8 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 400C152M350BH8
Description  95 ?C, Long-Life, C Radial Leaded, Aluminum Electrolytic
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

400C152M350BH8 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  400C152M350BH8 Datasheet HTML 1Page - List of Unclassifed Manufacturers 400C152M350BH8 Datasheet HTML 2Page - List of Unclassifed Manufacturers 400C152M350BH8 Datasheet HTML 3Page - List of Unclassifed Manufacturers 400C152M350BH8 Datasheet HTML 4Page - List of Unclassifed Manufacturers 400C152M350BH8 Datasheet HTML 5Page - List of Unclassifed Manufacturers 400C152M350BH8 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type 400C 95 °C, Long-Life, C Radial Leaded, Aluminum Electrolytic
3000 h at full load at 85 °C per EIA IS-749
∆Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
3000 h at full load at 95 °C with rated voltage
∆Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
500 h at 95 °C. Capacitance, ESR and DCL meet initial
requirements.
10 to 55 Hz, 0.06” and 10 g max, 2 h each plane.
The Type 400C is the PC-mount equivalent for Type
500C screw-terminal computergrade capacitor. It’s for
bus filtering applications where long life is critical like
telecom systems and industrial power supplies. Type
400C delivers 2 to 3 times the life of Type 4CMC,
and above 250 V it has nearly the same capacitance.
Its extended cathode foil assures cool operation with
heatflow from the capacitor element to the can in all
mounting orientations.
Highlights
• More than 10 years life in most applications
• Ripple Currents to > 50 amps at 55 °C
• 3-leads
• Printed-circuit mounting
• Thermal-Pakextended cathode construction
Specifications
Operating Temperature:
Rated Voltage:
Capacitance:
DC Leakage Current:
Cold Impedance:
Ripple Current Multipliers:
EIA Ripple Life:
Life Test:
Shelf Life Test:
Vibration:
Twice the Life!
Frequency
–40 °C to +95 °C
100 to 500 Vdc
170 µF to 29,000 µF ± 20%
≤ 3 √CV µA, 4 mA max, 5 min.
–20 °C multiple of 25 °C Z ≤ 4 for 100 V
3 for 150 V & up.
Ambient Temperature
50 Hz 60 Hz 120 Hz 360 Hz 1 kHz
5 kHz
& up
100 to 160 V
0.80
0.85
1.00
1.05
1.08
1.08
200 to 350 V
0.80
0.83
1.00
1.15
1.20
1.20
400 to 500 V
0.78
0.80
1.00
1.30
1.40
1.40
45 °C
55 °C
65 °C
75 °C
85 °C
95 °C
2.00
1.82
1.59
1.33
1.00
0.48
Complies with the EU Directive
2002/95/EC
requirement
restricting the use of Lead (Pb),
Mercury (Hg), Cadmium (Cd),
Hexavalent chromium (Cr(VI)),
PolyBrominated
Biphenyls
(PBB)
and
PolyBrominated
Diphenyl Ethers (PBDE).


Similar Part No. - 400C152M350BH8

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
400C152M350BH8 CDE-400C152M350BH8 Datasheet
343Kb / 6P
   Long-Life, C Radial Leaded, Aluminum Electrolytic
400C152M350BH8 CDE-400C152M350BH8 Datasheet
143Kb / 6P
   Very Long Life Board-Mount Type
More results

Similar Description - 400C152M350BH8

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
400C CDE-400C Datasheet
343Kb / 6P
   Long-Life, C Radial Leaded, Aluminum Electrolytic
logo
RFE international
RUK RFE-RUK Datasheet
989Kb / 5P
   Aluminum Electrolytic Capacitors RUK Series: Radial, Long Life, 125°C
07-OCT-2023
logo
Cornell Dubilier Electr...
SEK101M6R3ST CDE-SEK101M6R3ST Datasheet
446Kb / 6P
   105 ?C Radial Leaded Aluminum Electrolytic Capacitors
AHD107M10E16T CDE-AHD107M10E16T Datasheet
233Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Long Life, 105 ?C
AHA226M06B12T CDE-AHA226M06B12T Datasheet
458Kb / 5P
   SMT Aluminum Electrolytic Capacitors 55 ?C to 105 ?C - Long Life
logo
Vishay Siliconix
116RLL VISHAY-116RLL_V01 Datasheet
94Kb / 6P
   Aluminum Electrolytic Capacitors Radial Long Life
01-Jan-2023
048RML VISHAY-048RML_17 Datasheet
120Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature Long Life
Revision: 28-Feb-17
048RML VISHAY-048RML_V01 Datasheet
100Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature Long Life
01-Jan-2023
logo
Cornell Dubilier Electr...
MLP193M7R5EK0A CDE-MLP193M7R5EK0A Datasheet
454Kb / 5P
   85 ?C Flatpack, Ultra-Long Life, Aluminum
SEK CDE-SEK_18 Datasheet
588Kb / 8P
   Long Life, Aluminum Electrolytic
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com