Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7866 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7866
Description  12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7866 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS7866 Datasheet HTML 5Page - Texas Instruments ADS7866 Datasheet HTML 6Page - Texas Instruments ADS7866 Datasheet HTML 7Page - Texas Instruments ADS7866 Datasheet HTML 8Page - Texas Instruments ADS7866 Datasheet HTML 9Page - Texas Instruments ADS7866 Datasheet HTML 10Page - Texas Instruments ADS7866 Datasheet HTML 11Page - Texas Instruments ADS7866 Datasheet HTML 12Page - Texas Instruments ADS7866 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
NORMAL OPERATION
1
2
3
11
12
14
15
CS
SCLK
SDO
0
0
D11
D10
D2
D1
D0
13
0
0
16
td1
td2
th1
tconv
tq
td3
b
tsu1
a
td4
tacq
a
t
w1
POWER-DOWN MODE
1
2
3
4
5
9
10
16
CS
SCLK
SDO
td5
td6
ADS7883
www.ti.com ....................................................................................................................................................................................................... SLAS594 – JULY 2008
The cycle begins with the falling edge of CS. This point is indicated as a in Figure 21. With the falling edge of
CS, the input signal is sampled and the conversion process is initiated. The device outputs data while the
conversion is in progress. The data word contains two leading zeros, followed by 12-bit data in MSB first format
and padded by two lagging zeros.
The falling edge of CS clocks out the first zero, and a second zero is clocked out on the first falling edge of the
clock. Data is in MSB first format with the MSB being clocked out on the 2nd falling edge. Data is padded with
two lagging zeros as shown in Figure 21. The conversion ends on the first rising edge of SCLK after the 13th
falling edge. At this point the device enters the acquisition phase. This point is indicated by b in Figure 21.
Figure 21 shows the device data is read in a sixteen clock frame. However, CS can be asserted (pulled high) any
time after point b. SDO goes to 3-state with the CS high level. The next conversion should not be started (by
pulling CS low) until the end of the quiet sampling time (tq) after SDO goes to 3-state or until the minimum
acquisition time (tacq) has elapsed. To continue normal operation, it is necessary that CS is not pulled high until
point b. Without this, the device does not enter the acquisition phase and no valid data is available in the next
cycle. (Also refer to the Power-Down Mode section for more details.) CS going high any time during the
conversion aborts the ongoing conversion and SDO goes to 3-state.
The high level of the digital input to the device is not limited to device VDD. This means the digital input can go as
high as 5.5 V when the device supply is 2.7 V. This feature is useful when digital signals are received from
another circuit with different supply levels. Also, this relaxes the restriction on power-up sequencing. However,
the digital output levels (VOH and VOL) are governed by VDD as listed in the Electrical Specifications table.
Figure 21. Interface Timing Diagram
The device enters power-down mode if CS goes high anytime after the 2nd SCLK falling edge to before the 10th
SCLK falling edge. An ongoing conversion stops and SDO goes to 3-state under this power-down condition as
shown in Figure 22.
Figure 22. Entering Power-Down Mode
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ADS7883


Similar Part No. - ADS7866

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7866 TI-ADS7866 Datasheet
541Kb / 24P
[Old version datasheet]   1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS7866 BURR-BROWN-ADS7866 Datasheet
843Kb / 22P
   10-/8-BIT, 3-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS7866 TI1-ADS7866 Datasheet
1Mb / 29P
[Old version datasheet]   1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE
ADS7866I TI-ADS7866I Datasheet
541Kb / 24P
[Old version datasheet]   1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE
ADS7866IDBVR TI-ADS7866IDBVR Datasheet
541Kb / 24P
[Old version datasheet]   1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE
More results

Similar Description - ADS7866

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7883 TI1-ADS7883_14 Datasheet
1Mb / 20P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI-ADS7882 Datasheet
651Kb / 29P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI1-ADS7882_14 Datasheet
1,021Kb / 30P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319 TI1-ADS8319_15 Datasheet
1Mb / 36P
[Old version datasheet]   Serial Interface, Micropower, Miniature SAR Analog-to-Digital Converter
ADS7881 TI-ADS7881 Datasheet
337Kb / 26P
[Old version datasheet]   12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7881 BURR-BROWN-ADS7881_13 Datasheet
831Kb / 31P
   12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7886 TI-ADS7886 Datasheet
1Mb / 17P
[Old version datasheet]   12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7886 TI1-ADS7886_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7891IPFBT TI1-ADS7891IPFBT Datasheet
993Kb / 31P
[Old version datasheet]   14-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7887M TI1-ADS7887M Datasheet
536Kb / 17P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com