Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7883 Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS7883
Description  12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7883 Datasheet(HTML) 5 Page - Texas Instruments

  ADS7883_08 Datasheet HTML 1Page - Texas Instruments ADS7883_08 Datasheet HTML 2Page - Texas Instruments ADS7883_08 Datasheet HTML 3Page - Texas Instruments ADS7883_08 Datasheet HTML 4Page - Texas Instruments ADS7883_08 Datasheet HTML 5Page - Texas Instruments ADS7883_08 Datasheet HTML 6Page - Texas Instruments ADS7883_08 Datasheet HTML 7Page - Texas Instruments ADS7883_08 Datasheet HTML 8Page - Texas Instruments ADS7883_08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
DEVICE INFORMATION
3
2
4
6
1
VDD
GND
VIN
CS
SCLK
SDO
5
ADS7883
www.ti.com ....................................................................................................................................................................................................... SLAS594 – JULY 2008
TIMING REQUIREMENTS (see Figure 21) (continued)
All specifications typical at TA = –40°C to 125°C, VDD = 2.7 V to 5.5 V, unless otherwise specified.
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
VDD = 2.7 V to 4.5 V
32
Frequency, SCLK
MHz
VDD = 4.5 V to 5.5 V
48
Delay time, second falling edge of clock and CS to
VDD = 3 V
–2
4
td5
enter in powerdown (use min spec not to accidently
ns
VDD = 5 V
–2
3
enter in powerdown) see Figure 22
Delay time, CS and 10th falling edge of clock to enter VDD = 3 V
–2
4
td6
in powerdown (use max spec not to accidently enter
ns
VDD = 5 V
–2
3
in powerdown) see Figure 22
SOT23 PACKAGE
(TOP VIEW)
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
VDD
1
Power supply input, also acts like a reference voltage to ADC.
GND
2
Ground for power supply, all analog and digital signals are referred with respect to this pin.
VIN
3
I
Analog signal input
SCLK
4
I
Serial clock
SDO
5
O
Serial data out
CS
6
I
Chip select signal, active low
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS7883


Similar Part No. - ADS7883_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7883SBDBVR TI1-ADS7883SBDBVR Datasheet
1Mb / 20P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7883SBDBVT TI1-ADS7883SBDBVT Datasheet
1Mb / 20P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7883SDBVR TI1-ADS7883SDBVR Datasheet
1Mb / 20P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7883SDBVT TI1-ADS7883SDBVT Datasheet
1Mb / 20P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7883 TI1-ADS7883_14 Datasheet
1Mb / 20P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7883_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7883 TI1-ADS7883_14 Datasheet
1Mb / 20P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI-ADS7882 Datasheet
651Kb / 29P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI1-ADS7882_14 Datasheet
1,021Kb / 30P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319 TI1-ADS8319_15 Datasheet
1Mb / 36P
[Old version datasheet]   Serial Interface, Micropower, Miniature SAR Analog-to-Digital Converter
ADS7881 TI-ADS7881 Datasheet
337Kb / 26P
[Old version datasheet]   12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7881 BURR-BROWN-ADS7881_13 Datasheet
831Kb / 31P
   12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7886 TI-ADS7886 Datasheet
1Mb / 17P
[Old version datasheet]   12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7886 TI1-ADS7886_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7891IPFBT TI1-ADS7891IPFBT Datasheet
993Kb / 31P
[Old version datasheet]   14-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7887M TI1-ADS7887M Datasheet
536Kb / 17P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com