Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSPWF50CS Datasheet(PDF) 9 Page - NICHIA CORPORATION

Part # NSPWF50CS
Description  SPECIFICATIONS FOR NICHIA WHITE LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSPWF50CS Datasheet(HTML) 9 Page - NICHIA CORPORATION

Back Button NSPWF50CS Datasheet HTML 5Page - NICHIA CORPORATION NSPWF50CS Datasheet HTML 6Page - NICHIA CORPORATION NSPWF50CS Datasheet HTML 7Page - NICHIA CORPORATION NSPWF50CS Datasheet HTML 8Page - NICHIA CORPORATION NSPWF50CS Datasheet HTML 9Page - NICHIA CORPORATION NSPWF50CS Datasheet HTML 10Page - NICHIA CORPORATION NSPWF50CS Datasheet HTML 11Page - NICHIA CORPORATION NSPWF50CS Datasheet HTML 12Page - NICHIA CORPORATION NSPWF50CS Datasheet HTML 13Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
2.0
1.0
0.5
0.2
020
60 80 100
40
-40 -20
0
20
60 80 100
40
-40 -20
5.4
4.6
4.2
3.4
3.0
2.6
3.8
5.0
Forward Current IFP (mA)
Ambient Temperature vs.
Allowable Forward Current
Ambient Temperature Ta (°C)
Ambient Temperature vs.
Relative Luminosity
Ambient Temperature Ta (°C)
Ambient Temperature vs.
Forward Voltage
Ambient Temperature Ta (°C)
Duty Ratio (%)
Forward Current vs.
Relative Luminosity
Forward Voltage VF (V)
Forward Voltage vs.
Forward Current
Duty Ratio vs.
Allowable Forward Current
1
5
10 20
100
50
60
80
100
40
020
200
100
50
20
10
30
40
30
20
0
10
IFP=20mA
200
100
50
20
10
5
1
2.5
3.0
3.5
4.0
4.5
5.0
020
40
60
100 120
80
4.0
3.0
2.5
1.5
1.0
0.5
0
2.0
3.5
IFP=5mA
IFP=20mA
IFP=60mA
Ta=25°C
Ta=25°C
Ta=25°C
Model
NSPWxxxx
NICHIA CORPORATION Title
No.
041227436051
CHARACTERISTICS


Similar Part No. - NSPWF50CS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NSPWF50BS ETC-NSPWF50BS Datasheet
371Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
logo
NICHIA CORPORATION
NSPWF50BS NICHIA-NSPWF50BS Datasheet
255Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
NSPWF50D NICHIA-NSPWF50D Datasheet
196Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
NSPWF50DS NICHIA-NSPWF50DS Datasheet
196Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
logo
Marl International Limi...
NSPWF50DS MARL-NSPWF50DS Datasheet
197Kb / 15P
   WHITE LED
More results

Similar Description - NSPWF50CS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NSPWF50BS ETC-NSPWF50BS Datasheet
371Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
logo
NICHIA CORPORATION
NSPWR70CSS-K1 NICHIA-NSPWR70CSS-K1 Datasheet
587Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
NSPWF50DS NICHIA-NSPWF50DS Datasheet
196Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
logo
List of Unclassifed Man...
NSPW510BS ETC-NSPW510BS Datasheet
434Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
logo
NICHIA CORPORATION
NSPWF50BS NICHIA-NSPWF50BS Datasheet
255Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
NSPWR70BSS NICHIA-NSPWR70BSS Datasheet
400Kb / 13P
   SPECIFICATIONS FOR NICHIA WHITE LED
logo
List of Unclassifed Man...
NSPW315BS ETC-NSPW315BS Datasheet
383Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
NSPW515B ETC1-NSPW515B Datasheet
373Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
logo
NICHIA CORPORATION
NSPW545CS NICHIA-NSPW545CS Datasheet
384Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
NSPWR70ASS NICHIA-NSPWR70ASS Datasheet
430Kb / 13P
   SPECIFICATIONS FOR NICHIA WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com