Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSPWXXXX Datasheet(PDF) 4 Page - NICHIA CORPORATION

Part # NSPWXXXX
Description  SPECIFICATIONS FOR NICHIA WHITE LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSPWXXXX Datasheet(HTML) 4 Page - NICHIA CORPORATION

  NSPWXXXX Datasheet HTML 1Page - NICHIA CORPORATION NSPWXXXX Datasheet HTML 2Page - NICHIA CORPORATION NSPWXXXX Datasheet HTML 3Page - NICHIA CORPORATION NSPWXXXX Datasheet HTML 4Page - NICHIA CORPORATION NSPWXXXX Datasheet HTML 5Page - NICHIA CORPORATION NSPWXXXX Datasheet HTML 6Page - NICHIA CORPORATION NSPWXXXX Datasheet HTML 7Page - NICHIA CORPORATION NSPWXXXX Datasheet HTML 8Page - NICHIA CORPORATION NSPWXXXX Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
-3-
6.RELIABILITY
(1) TEST ITEMS AND RESULTS
Test Item
Standard
Test Method
Test Conditions
Note
Number of
Damaged
Resistance to
Soldering Heat
JEITA ED-4701
300 302
Tsld=260 ± 5°C,
10sec.
3mm from the base of the epoxy bulb
1 time
0/50
Solderability
JEITA ED-4701
300 303
Tsld=235 ± 5°C,
5sec.
(using flux)
1 time
over 95%
0/50
Temperature Cycle
JEITA ED-4701
100 105
-40°C ~ 25°C ~ 100°C ~ 25°C
30min. 5min. 30min. 5min.
100 cycles
0/50
Moisture Resistance Cyclic
JEITA ED-4701
200 203
25°C ~ 65°C ~ -10°C
90%RH
24hrs./1cycle
10 cycles
0/50
Terminal Strength
(bending test)
JEITA ED-4701
400 401
Load 5N (0.5kgf)
0° ~ 90° ~ 0° bend 2 times
Nonoticeable
damage
0/50
Terminal Strength
(pull test)
JEITA ED-4701
400 401
Load 10N (1kgf)
10 ± 1 sec.
Nonoticeable
damage
0/50
High Temperature Storage
JEITA ED-4701
200 201
Ta=100°C
1000hrs.
0/50
Temperature Humidity
Storage
JEITA ED-4701
100 103
Ta=60°C,
RH=90%
1000hrs.
0/50
Low Temperature Storage
JEITA ED-4701
200 202
Ta=-40°C
1000hrs.
0/50
Steady State Operating Life
Ta=25°C,
IF=30mA
1000hrs.
0/50
Steady State Operating Life
of High Humidity Heat
60°C, RH=90%,
IF=20mA
500hrs.
0/50
Steady State Operating Life
of Low Temperature
Ta=-30°C,
IF=20mA
1000hrs.
0/50
(2) CRITERIA FOR JUDGING DAMAGE
Criteria for Judgement
Item
Symbol
Test Conditions
Min.
Max.
Forward Voltage
VF
IF=20mA
-
U.S.L.*)
1.1
Reverse Current
IR
VR=5V
-
U.S.L.*)
2.0
Luminous Intensity
IV
IF=20mA
L.S.L.**)
0.7
-
*) U.S.L. : Upper Standard Level
**) L.S.L. : Lower Standard Level
Nichia STS-DA1-0089
<Cat.No.080131>


Similar Part No. - NSPWXXXX

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPWXXXX NICHIA-NSPWXXXX Datasheet
194Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
NSPWXXXX NICHIA-NSPWXXXX Datasheet
384Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
NSPWXXXX NICHIA-NSPWXXXX Datasheet
255Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
NSPWXXXX NICHIA-NSPWXXXX Datasheet
299Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
NSPWXXXX NICHIA-NSPWXXXX Datasheet
196Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
More results

Similar Description - NSPWXXXX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NSPWF50BS ETC-NSPWF50BS Datasheet
371Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
logo
NICHIA CORPORATION
NSPWR70CSS-K1 NICHIA-NSPWR70CSS-K1 Datasheet
587Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
NSPWF50DS NICHIA-NSPWF50DS Datasheet
196Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
logo
List of Unclassifed Man...
NSPW510BS ETC-NSPW510BS Datasheet
434Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
logo
NICHIA CORPORATION
NSPWF50BS NICHIA-NSPWF50BS Datasheet
255Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
NSPWF50CS NICHIA-NSPWF50CS Datasheet
299Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
NSPWR70BSS NICHIA-NSPWR70BSS Datasheet
400Kb / 13P
   SPECIFICATIONS FOR NICHIA WHITE LED
logo
List of Unclassifed Man...
NSPW315BS ETC-NSPW315BS Datasheet
383Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
NSPW515B ETC1-NSPW515B Datasheet
373Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
logo
NICHIA CORPORATION
NSPW545CS NICHIA-NSPW545CS Datasheet
384Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
NSPWR70ASS NICHIA-NSPWR70ASS Datasheet
430Kb / 13P
   SPECIFICATIONS FOR NICHIA WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com