Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NS2W095AT Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NS2W095AT
Description  TYPE WHITE LED
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NS2W095AT Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NS2W095AT Datasheet HTML 1Page - NICHIA CORPORATION NS2W095AT Datasheet HTML 2Page - NICHIA CORPORATION NS2W095AT Datasheet HTML 3Page - NICHIA CORPORATION NS2W095AT Datasheet HTML 4Page - NICHIA CORPORATION NS2W095AT Datasheet HTML 5Page - NICHIA CORPORATION NS2W095AT Datasheet HTML 6Page - NICHIA CORPORATION NS2W095AT Datasheet HTML 7Page - NICHIA CORPORATION NS2W095AT Datasheet HTML 8Page - NICHIA CORPORATION NS2W095AT Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
-1-
1.SPECIFICATIONS
(1) Absolute Maximum Ratings
(Ts=25°C)
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
120
mA
Pulse Forward Current
IFP
200
mA
Allowable Reverse Current
IR
85
mA
Power Dissipation
PD
480
mW
Operating Temperature
Topr
-30 ~ + 85
°C
Storage Temperature
Tstg
-40 ~ +100
°C
Dice Temperature
Tj
130
°C
Soldering Temperature
Tsld
Reflow Soldering : 260°C
for 10sec.
Hand Soldering : 350°C
for 3sec.
IFP Conditions : Pulse Width
10msec. and Duty
1/10
(2) Initial Electrical/Optical Characteristics
(Ts=25°C)
Item
Symbol
Condition
Typ.
Max.
Unit
Forward Voltage
VF
IF=60[mA]
(3.4)
4.0
V
Luminous Flux
φv
IF=60[mA]
(15.0)
-
lm
x
-
IF=60[mA]
0.344
-
-
Chromaticity Coordinate
y
-
IF=60[mA]
0.355
-
-
Please refer to CIE 1931 chromaticity diagram.
(3) Ranking
(Ts=25°C)
Item
Symbol
Condition
Min.
Max.
Unit
Rank P7
15.1
18.0
Rank P6
12.7
15.1
Rank P5
10.7
12.7
Luminous Flux
Rank P4
φv
IF=60[mA]
9.0
10.7
lm
Luminous Flux Measurement allowance is ± 7%.
Color Ranks
(IF=60mA,Ts=25°C)
Rank a0
x
0.280
0.264
0.283
0.296
y
0.248
0.267
0.305
0.276
Rank b3
Rank b4
x
0.287
0.283
0.304
0.307
x
0.307
0.304
0.330
0.330
y
0.295
0.305
0.330
0.315
y
0.315
0.330
0.360
0.339
Rank b5
Rank b6
x
0.296
0.287
0.307
0.311
x
0.311
0.307
0.330
0.330
y
0.276
0.295
0.315
0.294
y
0.294
0.315
0.339
0.318
<
=
<
=
Nichia STS-DA1-0037
<Cat.No.071122>


Similar Part No. - NS2W095AT

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NS2W150B NICHIA-NS2W150B Datasheet
277Kb / 18P
   SPECIFICATIONS FOR WHITE LED
NS2W157AR NICHIA-NS2W157AR Datasheet
301Kb / 18P
   SPECIFICATIONS FOR WHITE LED
NS2W157ART NICHIA-NS2W157ART Datasheet
297Kb / 17P
   SPECIFICATIONS FOR WHITE LED
NS2W157ART-H3 NICHIA-NS2W157ART-H3 Datasheet
273Kb / 17P
   SPECIFICATIONS FOR WHITE LED
NS2W157BR NICHIA-NS2W157BR Datasheet
305Kb / 18P
   SPECIFICATIONS FOR WHITE LED
More results

Similar Description - NS2W095AT

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSCW455AT NICHIA-NSCW455AT Datasheet
284Kb / 13P
   TYPE WHITE LED
NSCW505CT NICHIA-NSCW505CT Datasheet
276Kb / 13P
   TYPE WHITE LED
NESW005T NICHIA-NESW005T Datasheet
269Kb / 13P
   TYPE WHITE LED
NSSW008CT-P1 NICHIA-NSSW008CT-P1 Datasheet
284Kb / 13P
   TYPE WHITE LED
NESW021T NICHIA-NESW021T Datasheet
371Kb / 13P
   TYPE WHITE LED
NSSW045T NICHIA-NSSW045T Datasheet
328Kb / 13P
   TYPE WHITE LED
NESW064AT NICHIA-NESW064AT Datasheet
309Kb / 13P
   TYPE WHITE LED
NSSW061AT NICHIA-NSSW061AT Datasheet
433Kb / 14P
   TYPE WHITE LED
NSSW064T NICHIA-NSSW064T Datasheet
305Kb / 13P
   TYPE WHITE LED
NSSW105T NICHIA-NSSW105T Datasheet
310Kb / 13P
   TYPE WHITE LED
NNSW108T NICHIA-NNSW108T Datasheet
315Kb / 14P
   TYPE WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com