Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD12NE06L Datasheet(PDF) 6 Page - STMicroelectronics

Part # STD12NE06L
Description  N - CHANNEL 60V - 0.09ohm- 12A TO-251/TO-252 STripFET POWER MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD12NE06L Datasheet(HTML) 6 Page - STMicroelectronics

  STD12NE06L Datasheet HTML 1Page - STMicroelectronics STD12NE06L Datasheet HTML 2Page - STMicroelectronics STD12NE06L Datasheet HTML 3Page - STMicroelectronics STD12NE06L Datasheet HTML 4Page - STMicroelectronics STD12NE06L Datasheet HTML 5Page - STMicroelectronics STD12NE06L Datasheet HTML 6Page - STMicroelectronics STD12NE06L Datasheet HTML 7Page - STMicroelectronics STD12NE06L Datasheet HTML 8Page - STMicroelectronics STD12NE06L Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Fig. 1: Unclamped Inductive Load Test Circuit
Fig. 3: Switching Times Test Circuits For
Resistive Load
Fig. 2: Unclamped Inductive Waveform
Fig. 4: Gate Charge test Circuit
Fig. 5: Test Circuit For Inductive Load Switching
And Diode Recovery Times
STD12NE06L
6/9


Similar Part No. - STD12NE06L

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STD12NE06L-1 VBSEMI-STD12NE06L-1 Datasheet
963Kb / 7P
   N-Channel 60 V (D-S) MOSFET
STD12NE06LT4 VBSEMI-STD12NE06LT4 Datasheet
1,006Kb / 8P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - STD12NE06L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD19NE06L STMICROELECTRONICS-STD19NE06L Datasheet
90Kb / 9P
   N - CHANNEL 60V - 0.038 ohm - 19A - TO-251/TO-252 STripFET POWER MOSFET
logo
Xian Semipower Electron...
SWI4N65 SEMIPOWER-SWI4N65 Datasheet
753Kb / 7P
   N-channel MOSFET (TO-251 , TO-252)
logo
STMicroelectronics
STD25NE03L STMICROELECTRONICS-STD25NE03L Datasheet
91Kb / 9P
   N - CHANNEL 30V - 0.019 ohm - 25A - TO-251/TO-252 STripFET POWER MOSFET
logo
Xian Semipower Electron...
SWI50N06A SEMIPOWER-SWI50N06A Datasheet
494Kb / 7P
   N-channel MOSFET (TO-251 , TO-252)
SWI2N60 SEMIPOWER-SWI2N60 Datasheet
724Kb / 7P
   N-channel MOSFET (TO-251 , TO-252)
logo
STMicroelectronics
STD5NE10 STMICROELECTRONICS-STD5NE10 Datasheet
43Kb / 3P
   N - CHANNEL 100V - 0.32 ohm - 5A TO-251/TO-252 STripFET] POWER MOSFET
STDID5B STMICROELECTRONICS-STDID5B Datasheet
113Kb / 6P
   N - CHANNEL 55V - 0.1 ohm - 12A TO-252 STripFET POWER MOSFET
STD16NE06L-1 STMICROELECTRONICS-STD16NE06L-1 Datasheet
55Kb / 5P
   N - CHANNEL 60V - 0.07 ohm - 16A - TO-251 STripFET POWER MOSFET
MTP3055E STMICROELECTRONICS-MTP3055E Datasheet
81Kb / 8P
   N - CHANNEL 60V - 0.1ohm - 12A TO-220 STripFET MOSFET
logo
New Jersey Semi-Conduct...
MTP3055E NJSEMI-MTP3055E Datasheet
115Kb / 3P
   N-CHANNEL 60V-0.1Q-12A TO-220 STripFET??MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com