Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NHSB046AT Datasheet(PDF) 10 Page - NICHIA CORPORATION

Part # NHSB046AT
Description  TYPE BLUE LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NHSB046AT Datasheet(HTML) 10 Page - NICHIA CORPORATION

Back Button NHSB046AT Datasheet HTML 5Page - NICHIA CORPORATION NHSB046AT Datasheet HTML 6Page - NICHIA CORPORATION NHSB046AT Datasheet HTML 7Page - NICHIA CORPORATION NHSB046AT Datasheet HTML 8Page - NICHIA CORPORATION NHSB046AT Datasheet HTML 9Page - NICHIA CORPORATION NHSB046AT Datasheet HTML 10Page - NICHIA CORPORATION NHSB046AT Datasheet HTML 11Page - NICHIA CORPORATION NHSB046AT Datasheet HTML 12Page - NICHIA CORPORATION NHSB046AT Datasheet HTML 13Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Y-Y
X-X
Directivity
Radiation Angle
10° 20°
30°
40°
50°
60°
70°
80°
90°
1.0
0.5
0
Spectrum
Forward Current vs.
Chromaticity Coordinate D)
Ambient Temperature vs.
Dominant Wavelength
Forward Current vs.
Dominant Wavelength
Forward Current IFP (mA)
Ambient Temperature Ta (°C)
xx
Wavelength
λ (nm)
030
60
90 120
-60 -30
1
5
10
30
100
50
0.11 0.12 0.13 0.14 0.15 0.16
0.10
0.09
0.08
0.07
0.06
0.05
476
472
470
464
474
468
466
350 400 450 500
600 650
550
1.2
1.0
0.8
0.4
0.2
0
0.6
Ta=25°C
IF=5mA
IFP=5mA
30°
0.5
90°
60°
1.0
476
474
470
464
472
468
466
Ta=25°C
IFP=5mA
X
X
Y
Y
Ta=25°C
1mA(471.4nm)
5mA(470.6nm)
10mA(470.3nm)
30mA(469.5nm)
Ta=25°C
CHARACTERISTICS
Model
NHSB046A
NICHIA CORPORATION Title
No.
051228548051


Similar Part No. - NHSB046AT

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NHSB046AT NICHIA-NHSB046AT_14 Datasheet
318Kb / 17P
   SPECIFICATIONS FOR BLUE LED
More results

Similar Description - NHSB046AT

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NJSB036LT NICHIA-NJSB036LT Datasheet
590Kb / 16P
   TYPE BLUE LED
NS6B083T NICHIA-NS6B083T Datasheet
388Kb / 14P
   TYPE BLUE LED
NESB008AT NICHIA-NESB008AT Datasheet
686Kb / 13P
   TYPE BLUE LED
NESB505CT NICHIA-NESB505CT Datasheet
528Kb / 13P
   TYPE BLUE LED
NHSB046T NICHIA-NHSB046T Datasheet
667Kb / 13P
   TYPE BLUE LED
NESB007AT NICHIA-NESB007AT Datasheet
600Kb / 13P
   TYPE BLUE LED
NJSB107T NICHIA-NJSB107T Datasheet
601Kb / 17P
   TYPE BLUE LED
NSCB455AT NICHIA-NSCB455AT Datasheet
320Kb / 13P
   TYPE BLUE LED
NECBB205T NICHIA-NECBB205T Datasheet
407Kb / 13P
   TYPE BLUE LED
NESB064T NICHIA-NESB064T Datasheet
470Kb / 13P
   TYPE BLUE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com