Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSSW090AT Datasheet(PDF) 9 Page - NICHIA CORPORATION

Part # NSSW090AT
Description  TYPE WHITE LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSW090AT Datasheet(HTML) 9 Page - NICHIA CORPORATION

Back Button NSSW090AT Datasheet HTML 5Page - NICHIA CORPORATION NSSW090AT Datasheet HTML 6Page - NICHIA CORPORATION NSSW090AT Datasheet HTML 7Page - NICHIA CORPORATION NSSW090AT Datasheet HTML 8Page - NICHIA CORPORATION NSSW090AT Datasheet HTML 9Page - NICHIA CORPORATION NSSW090AT Datasheet HTML 10Page - NICHIA CORPORATION NSSW090AT Datasheet HTML 11Page - NICHIA CORPORATION NSSW090AT Datasheet HTML 12Page - NICHIA CORPORATION NSSW090AT Datasheet HTML 13Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
200
100
50
20
10
30
40
30
20
0
8.5
IFP=5mA
IFP=20mA
IFP=60mA
5.0
4.2
3.8
3.0
2.6
2.2
3.4
4.6
4.0
3.0
2.5
1.5
1.0
0.5
0
2.0
3.5
2.0
2.5
3.0
3.5
4.5
5.0
4.0
2.0
1.0
0.5
0.2
200
100
50
20
10
5
1
020
40
60
100 120
80
020
60 80 100
40
-40 -20
0
20
60 80 100
40
-40 -20
1
5
10
20
100
50
60
80
100
40
020
Forward Current IFP (mA)
Ambient Temperature vs.
Allowable Forward Current
Ambient Temperature Ta (°C)
Ambient Temperature vs.
Relative Luminosity
Ambient Temperature Ta (°C)
Ambient Temperature vs.
Forward Voltage
Ambient Temperature Ta (°C)
Duty Ratio (%)
Forward Current vs.
Relative Luminosity
Forward Voltage VF (V)
Forward Voltage vs.
Forward Current
Duty Ratio vs.
Allowable Forward Current
IFP=20mA
Ta=25°C
Ta=25°C
Ta=25°C
Model
NSSW090A
NICHIA CORPORATION Title
No.
061117657911
CHARACTERISTICS


Similar Part No. - NSSW090AT

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSSW004T NICHIA-NSSW004T Datasheet
322Kb / 13P
   TYPE WHITE LED
NSSW006T NICHIA-NSSW006T Datasheet
295Kb / 13P
   TYPE WHITE LED
NSSW008CT-P1 NICHIA-NSSW008CT-P1 Datasheet
284Kb / 13P
   TYPE WHITE LED
logo
List of Unclassifed Man...
NSSW020AT ETC-NSSW020AT Datasheet
247Kb / 13P
   SPECIFICATION FOR NICHIA CHIP TYPE WHITE LED
logo
NICHIA CORPORATION
NSSW020BT-P1 NICHIA-NSSW020BT-P1 Datasheet
316Kb / 13P
   TYPE WHITE LED
More results

Similar Description - NSSW090AT

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSCW455AT NICHIA-NSCW455AT Datasheet
284Kb / 13P
   TYPE WHITE LED
NSCW505CT NICHIA-NSCW505CT Datasheet
276Kb / 13P
   TYPE WHITE LED
NESW005T NICHIA-NESW005T Datasheet
269Kb / 13P
   TYPE WHITE LED
NSSW008CT-P1 NICHIA-NSSW008CT-P1 Datasheet
284Kb / 13P
   TYPE WHITE LED
NESW021T NICHIA-NESW021T Datasheet
371Kb / 13P
   TYPE WHITE LED
NSSW045T NICHIA-NSSW045T Datasheet
328Kb / 13P
   TYPE WHITE LED
NESW064AT NICHIA-NESW064AT Datasheet
309Kb / 13P
   TYPE WHITE LED
NSSW061AT NICHIA-NSSW061AT Datasheet
433Kb / 14P
   TYPE WHITE LED
NSSW064T NICHIA-NSSW064T Datasheet
305Kb / 13P
   TYPE WHITE LED
NSSW105T NICHIA-NSSW105T Datasheet
310Kb / 13P
   TYPE WHITE LED
NNSW108T NICHIA-NNSW108T Datasheet
315Kb / 14P
   TYPE WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com